Moteur de recherche de fiches techniques de composants électroniques |
|
LM23088AUY Fiches technique(PDF) 1 Page - LightKey Optoelectronics Ltd. |
|
LM23088AUY Fiches technique(HTML) 1 Page - LightKey Optoelectronics Ltd. |
1 / 3 page LightKey SPEC NO: DS10121493 REV: A.4 CHECKED: Emily Zhou APPROVED: M.H. Lin PAGE: 1/3 HTTP://WWW.DISPLAY-LEDS.COM TEL: 0086-574-86322282 DATE: Jul/20/2011 Datasheet of 2.30 inch 8x8 Dot Matrix LED Display LM23088A/BUY – 2.30 inch 8x8 Ultra Yellow Dot Matrix LED Display Features 60.20 mm (2.30 inch) matrix height Dot size: Diameter 5.00 mm Pitch: 7.62 mm Wide viewing angle Emitted Color: Ultra Yellow I.C. compatible Low power consumption White dot, grey or black face RoHS compliant Package Dimensions 2.54*7=17.78 7.62*7=53.34 60.20 PIN 1 COL. 1 ROW 8 6 7 4 5 2 3 1 3 24 5 6 8 7 5.0 0 0.60 46.4 Notes: 1. All dimensions are in millimeters (inches), Tolerance is + 0.25mm (0.01inch) unless other wise noted. 2. Specifications are subject to change without notice. 3. The gap between the reflector and PCB shall not exceed 0.25mm. ATTENTION OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES Available options Alternative emitting luminosity: Standard or high brightness version Alternative emitted color Alternative dot color Alternative face color Both CA or CC versions are available Cropped terminal pins |
Numéro de pièce similaire - LM23088AUY |
|
Description similaire - LM23088AUY |