Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT28LV64JI-30T Fiches technique(PDF) 9 Page - Catalyst Semiconductor

No de pièce CAT28LV64JI-30T
Description  64K-Bit CMOS PARALLEL E2PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28LV64JI-30T Fiches technique(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT28LV64JI-30T Datasheet HTML 2Page - Catalyst Semiconductor CAT28LV64JI-30T Datasheet HTML 3Page - Catalyst Semiconductor CAT28LV64JI-30T Datasheet HTML 4Page - Catalyst Semiconductor CAT28LV64JI-30T Datasheet HTML 5Page - Catalyst Semiconductor CAT28LV64JI-30T Datasheet HTML 6Page - Catalyst Semiconductor CAT28LV64JI-30T Datasheet HTML 7Page - Catalyst Semiconductor CAT28LV64JI-30T Datasheet HTML 8Page - Catalyst Semiconductor CAT28LV64JI-30T Datasheet HTML 9Page - Catalyst Semiconductor CAT28LV64JI-30T Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CAT28LV64
9
Preliminary
Doc. No. 25035-00 2/98
SOFTWARE DATA
PROTECTION ACTIVATED
(1)
WRITE DATA:
XX
WRITE LAST BYTE
TO
LAST ADDRESS
TO ANY ADDRESS
AA
ADDRESS:
1555
WRITE DATA:
55
ADDRESS:
0AAA
WRITE DATA:
A0
ADDRESS:
1555
WRITE DATA:
HARDWARE DATA PROTECTION
The following is a list of hardware data protection fea-
tures that are incorporated into the CAT28LV64.
(1) VCC sense provides for write protection when VCC
falls below 2.0V min.
(2) A power on delay mechanism, tINIT (see AC charac-
teristics), provides a 5 to 10 ms delay before a write
sequence, after VCC has reached 2.40V min.
(3) Write inhibit is activated by holding any one of
OE
low,
CE high or WE high.
(4) Noise pulses of less than 20 ns on the
WE or CE
inputs will not result in a write cycle.
SOFTWARE DATA PROTECTION
The CAT28LV64 features a software controlled data
protection scheme which, once enabled, requires a data
algorithm to be issued to the device before a write can be
performed. The device is shipped from Catalyst with the
software protection NOT ENABLED (the CAT28LV64 is
in the standard operating mode).
Figure 9. Write Sequence for Activating Software
Data Protection
Figure 10. Write Sequence for Deactivating
Software Data Protection
28LV64 F12
5094 FHD F09
WRITE DATA:
AA
ADDRESS:
1555
WRITE DATA:
55
ADDRESS:
0AAA
WRITE DATA:
80
ADDRESS:
1555
WRITE DATA:
AA
ADDRESS:
1555
WRITE DATA:
55
ADDRESS:
0AAA
WRITE DATA:
20
ADDRESS:
1555
Note:
(1)
Write protection is activated at this point whether or not any more writes are completed. Writing to addresses must occur within tBLC
Max., after SDP activation.


Numéro de pièce similaire - CAT28LV64JI-30T

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT28LV64JI-15T CATALYST-CAT28LV64JI-15T Datasheet
527Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28LV64JI-15T ONSEMI-CAT28LV64JI-15T Datasheet
157Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
logo
Catalyst Semiconductor
CAT28LV64JI-20T CATALYST-CAT28LV64JI-20T Datasheet
527Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28LV64JI-20T ONSEMI-CAT28LV64JI-20T Datasheet
157Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
logo
Catalyst Semiconductor
CAT28LV64JI-25T CATALYST-CAT28LV64JI-25T Datasheet
527Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
More results

Description similaire - CAT28LV64JI-30T

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT28C64BJ-12 CATALYST-CAT28C64BJ-12 Datasheet
57Kb / 12P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV65 CATALYST-CAT28LV65 Datasheet
79Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28HT64 CATALYST-CAT28HT64 Datasheet
219Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28C65B CATALYST-CAT28C65B Datasheet
60Kb / 11P
   64K-Bit CMOS PARALLEL E2PROM
CAT28C64A CATALYST-CAT28C64A Datasheet
238Kb / 8P
   64K - BIT CMOS E2PROM
CAT28HT256 CATALYST-CAT28HT256 Datasheet
218Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256 Datasheet
53Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28C512 CATALYST-CAT28C512 Datasheet
97Kb / 10P
   512K-Bit CMOS PARALLEL E2PROM
CAT28C17A CATALYST-CAT28C17A Datasheet
59Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28C257 CATALYST-CAT28C257 Datasheet
75Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com