Moteur de recherche de fiches techniques de composants électroniques |
|
CAT28F002PI-90TT Fiches technique(PDF) 4 Page - Catalyst Semiconductor |
|
CAT28F002PI-90TT Fiches technique(HTML) 4 Page - Catalyst Semiconductor |
4 / 16 page CAT28F002 4 Doc. No. 25072-00 2/98 F-1 D.C. OPERATING CHARACTERISTICS VCC = +5V ±10%, unless otherwise specified Limits Symbol Parameter Min. Max. Unit Test Conditions ILI Input Leakage Current ±1.0 µAVIN = VCC or VSS VCC = 5.5V ILO Output Leakage Current ±10 µAVOUT = VCC or VSS, VCC = 5.5V ISB1 VCC Standby Current CMOS 100 µA CE = VCC ±0.2V = RP VCC = 5.5V ISB2 VCC Standby Current TTL 1.5 mA CE = RP = VIH, VCC = 5.5V IPPD VPP Deep Powerdown Current 5.0 µA RP = GND ±0.2V ICC1 VCC Active Read Current 55 mA VCC = 5.5V, CE = GND, IOUT = 0mA, f = 10 MHz ICC2(1) VCC Programming Current 50 mA VCC = 5.5V, Programming in Progress ICC3(1) VCC Erase Current 30 mA VCC = 5.5V, Erase in Progress IPPS VPP Standby Current ±10 µAVPP < VCC 200 µAVPP > VCC IPP1 VPP Read Current 200 µAVPP = VPPH IPP2(1) VPP Programming Current 20 mA VPP = VPPH, Programming in Progress IPP3(1) VPP Erase Current 15 mA VPP = VPPH, Erase in Progress VIL Input Low Level –0.5 0.8 V VOL Output Low Level 0.45 V IOL = 5.8mA, VCC = 4.5V VIH Input High Level 2.0 VCC+0.5 V VOH1 Output High Level TTL 2.4 V IOH = -2.5mA, VCC = 4.5V VID A9 Signature Voltage 10.8 13.2 V A9 = VID IID A9 Signature Current 500 µAA9 = VID ICCD VCC Deep Powerdown Current 1.0 µA RP = GND ±0.2V ICCES VCC Erase Suspend Current 10 mA Erase Suspended CE = VIH IPPES VPP Erase Suspend Current 200 µA Erase Suspended VPP=VPPH IRP RP Boot Block Unlock Current 500 µA RP = VHH VOH2 Output High Level TTL 0.85 VCC VVCC = VCCMIN IOH = -1.5mA Note: (1) This parameter is tested initially and after a design or process change that affects the parameter. |
Numéro de pièce similaire - CAT28F002PI-90TT |
|
Description similaire - CAT28F002PI-90TT |