Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM40044ARG Fiches technique(PDF) 3 Page - LightKey Optoelectronics Ltd.

No de pièce LM40044ARG
Description  4.00 inch 4x4 Dual Color Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGHTKEY [LightKey Optoelectronics Ltd.]
Site Internet  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM40044ARG Fiches technique(HTML) 3 Page - LightKey Optoelectronics Ltd.

  LM40044ARG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM40044ARG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM40044ARG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LightKey
SPEC NO: DS10121845
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 3/3
HTTP://WWW.LTKEY.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 4.00 inch 4x4 Dual Color Dot Matrix LED Display
Electrical Characteristics & Absolute Maximum Ratings
Electrical optical
Characteristics
[1]
Absolute Maximum Ratings
[1]
VF(V)
@ IF=20mA
[2]
Color
Typ.
Max.
Reverse
Current
VR=5V
(uA)
Power
Dissipation
(mW)
DC Forward
Current
(mA)
Peak Forward
Current
[3]
(mA)
Reverse
Voltage
(V)
Super Red
7.2
8.8
100
240
25
100
5
Green
8.8
5.0
100
320
30
100
5
Ultra Red
7.6
10.4
100
240
30
100
5
Ultra Green
8.4
10.4
100
300
30
100
5
Operating/ Storage Temp.:
-40 to +80 deg.;
Lead Solder Temp.:
260 deg. for 3-5 Sec. 2mm below package base
Notes:
1. At Ta = 25 °C.
2. Forward voltage at forward current = 20mA.
3. Peak forward current at 1/10 Duty Cycle, 0.1ms Pulse.


Numéro de pièce similaire - LM40044ARG

FabricantNo de pièceFiches techniqueDescription
logo
LightKey Optoelectronic...
LM40044AB LIGHTKEY-LM40044AB Datasheet
133Kb / 3P
   4.00 inch 4x4 Dot Matrix LED Display
More results

Description similaire - LM40044ARG

FabricantNo de pièceFiches techniqueDescription
logo
LightKey Optoelectronic...
LM40044AB LIGHTKEY-LM40044AB Datasheet
133Kb / 3P
   4.00 inch 4x4 Dot Matrix LED Display
LM40057CD LIGHTKEY-LM40057CD Datasheet
197Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LM40057AB LIGHTKEY-LM40057AB Datasheet
187Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
logo
Unity Opto Technology
UVP-2X44 UOT-UVP-2X44 Datasheet
62Kb / 5P
   2.0 inch ( 50.80mm ) 4X4 DOT MATRIX LED DISPLAY
logo
Marktech Corporate
MTAN6621-CHRG MARKTECH-MTAN6621-CHRG Datasheet
75Kb / 1P
   2.0 4x4 Bi-Color Dot Matrix Display
logo
LightKey Optoelectronic...
LM23058CDRG LIGHTKEY-LM23058CDRG Datasheet
113Kb / 3P
   2.30 inch 5x8 Dual Color Dot Matrix LED Display
LM46058ABRG LIGHTKEY-LM46058ABRG Datasheet
126Kb / 3P
   4.60 inch 5x8 Dual Color Dot Matrix LED Display
LM40057ABRG LIGHTKEY-LM40057ABRG Datasheet
124Kb / 3P
   3.00 inch 5x7 Dual Color Dot Matrix LED Display
LM20057ABRG LIGHTKEY-LM20057ABRG Datasheet
169Kb / 3P
   2.00 inch 5x7 Dual Color Dot Matrix LED Display
LM23058ABRG LIGHTKEY-LM23058ABRG Datasheet
114Kb / 3P
   2.30 inch 5x8 Dual Color Dot Matrix LED Display
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com