Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM1601616CY Fiches technique(PDF) 3 Page - LightKey Optoelectronics Ltd.

No de pièce LM1601616CY
Description  1.50 inch 16x16 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGHTKEY [LightKey Optoelectronics Ltd.]
Site Internet  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM1601616CY Fiches technique(HTML) 3 Page - LightKey Optoelectronics Ltd.

  LM1601616CY Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM1601616CY Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM1601616CY Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LightKey
SPEC NO: DS10121854
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 3/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.5 inch 16x16 Dot Matrix LED Display
Electrical Characteristics & Absolute Maximum Ratings
Electrical
Characteristics
[1]
Absolute Maximum Ratings
[1]
VF@
IF=20mA
[2]
Color
Typ.
Max.
Reverse
Current
VR=5V
Power
Dissipation
DC
Forward
Current
Peak
Forward
Current
[3]
Super Red
Per Dot
1.8
2.2
30
60
25
100
Hi-Red
Per Dot
1.8
2.2
30
60
25
100
Orange
Per Dot
2.1
2.5
30
80
30
100
Yellow
Per Dot
2.1
2.5
30
80
30
100
Green
Per Dot
2.2
2.5
30
80
30
100
Ultra Red
Per Dot
1.9
2.6
30
60
30
100
Ultra Orange
Per Dot
2.0
2.6
30
65
30
100
Ultra Amber
Per Dot
2.0
2.6
30
65
30
100
Ultra Yellow
Per Dot
2.0
2.6
30
65
30
100
Ultra Green
Per Dot
2.1
2.6
30
75
30
100
Pure Green
Per Dot
3.5
4.0
30
110
30
100
Ultra Blue
Per Dot
3.5
4.0
30
120
30
100
Ultra White
Per Dot
3.5
4.0
30
120
30
100
Unit:
\
V
V
uA
mW
mA
mA
Notes:
1. At Ta = 25 °C.
2. Forward voltage at forward current = 20mA.
3. Peak forward current at 1/10 Duty Cycle, 0.1ms Pulse.


Numéro de pièce similaire - LM1601616CY

FabricantNo de pièceFiches techniqueDescription
logo
LightKey Optoelectronic...
LM1601616AB LIGHTKEY-LM1601616AB Datasheet
142Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
LM1601616AD LIGHTKEY-LM1601616AD Datasheet
142Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
LM1601616AG LIGHTKEY-LM1601616AG Datasheet
142Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
LM1601616AO LIGHTKEY-LM1601616AO Datasheet
142Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
LM1601616APG LIGHTKEY-LM1601616APG Datasheet
142Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
More results

Description similaire - LM1601616CY

FabricantNo de pièceFiches techniqueDescription
logo
LightKey Optoelectronic...
LM1601616AB LIGHTKEY-LM1601616AB Datasheet
142Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
LM15088CD LIGHTKEY-LM15088CD Datasheet
226Kb / 3P
   1.50 inch 8x8 Dot Matrix LED Display
logo
China Semiconductor Cor...
CSM-16151G CHINASEMI-CSM-16151G Datasheet
256Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151E CHINASEMI-CSM-16151E Datasheet
259Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151S CHINASEMI-CSM-16151S Datasheet
259Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151A9 CHINASEMI-CSM-16151A9 Datasheet
259Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151M9 CHINASEMI-CSM-16151M9 Datasheet
260Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151T9 CHINASEMI-CSM-16151T9 Datasheet
260Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151V9 CHINASEMI-CSM-16151V9 Datasheet
255Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
logo
LightKey Optoelectronic...
LM2601616AB LIGHTKEY-LM2601616AB Datasheet
212Kb / 3P
   LM2601616A/B Series ??1.60 inch 16x16 Dot Matrix LED Display
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com