Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT24C018RI-TE13 Fiches technique(PDF) 6 Page - Catalyst Semiconductor

No de pièce CAT24C018RI-TE13
Description  1K-Bit Serial EEPROM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C018RI-TE13 Fiches technique(HTML) 6 Page - Catalyst Semiconductor

  CAT24C018RI-TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT24C018RI-TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24C018RI-TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24C018RI-TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C018RI-TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C018RI-TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C018RI-TE13 Datasheet HTML 7Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CAT24C01B
6
Doc. No. 25085-00 7/99 S-1
Figure 6. Page Write Timing
Figure5. Byte Write Timing
Sequential Read
The Sequential READ operation can be initiated after
the 24C01B sends the initial 8-bit byte requested, the
Master will respond with an acknowledge which tells the
device it requires more data. The CAT24C01B will
continue to output an 8-bit byte for each acknowledge
sent by the Master. The operation is terminated when
the Master fails to respond with an acknowledge, thus
sending the STOP condition.
The data being transmitted from the CAT24C01B is
output sequentially with data from address N followed by
data from address N+1. The READ operation address
counter increments all of the CAT24C01B address bits
so that the entire memory array can be read during one
operation. If more than bytes are read out, the counter
will “wrap around” and continue to clock out data bytes.
tage of the typical write cycle time. Once the stop
condition is issued to indicate the end of the host’s write
operation, the CAT24C01B initiates the internal write
cycle. ACK polling can be initiated immediately. This
involves issuing the start condition followed by the byte
address for a write operation. If the CAT24C01B is still
busy with the write operation, no ACK will be returned.
If the CAT24C01B has completed the write operation, an
ACK will be returned and the host can then proceed with
the next read or write operation.
READ OPERATIONS
The READ operation for the CAT24C01B is initiated in
the same manner as the write operation with the one
exception that the R/
W bit is set to a one. Two different
READ operations are possible: Byte READ and Se-
quential READ.
It should be noted that the ninth clock cycle of the read
operation is not a "don't care." To terminate a read
operation, the master must either issure a stop condition
during the ninth cycle or hold SDA HIGH during the ninth
clock cycle and then issue a stop condition.
Byte Read
To initiate a read operation, the master sends a start
condition followed by a seven bit word address and a
read bit. The CAT24C01B responds with an acknowl-
edge and then transmits the eight bits of data. The read
operation is terminated by the master; by not respond-
ing with an acknowledge and by issuing a stop condition.
Refer to Figure 7 for the start word address, read bit,
acknowledge and data transfer sequence.
BUS ACTIVITY:
SDA LINE
DATA n+3
A
C
K
A
C
K
DATA n
S
T
O
P
S
A
C
K
DATA n+1
A
C
K
S
T
A
R
T
P
WORD
ADDRESS(n)
M
S
B
L
S
B
R
/
W
BUS ACTIVITY:
BUS ACTIVITY:
SDA LINE
A
C
K
A
C
K
DATA n
S
T
O
P
S
S
T
A
R
T
P
WORD
ADDRESS(n)
M
S
B
L
S
B
R
/
W
BUS ACTIVITY:


Numéro de pièce similaire - CAT24C018RI-TE13

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT24C01 CATALYST-CAT24C01 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C01 ONSEMI-CAT24C01 Datasheet
177Kb / 16P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
CAT24C01 ONSEMI-CAT24C01 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C01 ONSEMI-CAT24C01 Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM PDIP?? L SUFFIX
February, 2013 ??Rev. 26
More results

Description similaire - CAT24C018RI-TE13

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT24C01B CATALYST-CAT24C01B_05 Datasheet
611Kb / 8P
   1K-Bit Serial EEPROM
logo
STMicroelectronics
TS59C11 STMICROELECTRONICS-TS59C11 Datasheet
168Kb / 8P
   1K BIT SERIAL CMOS EEPROM
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Microchip Technology
93C06 MICROCHIP-93C06 Datasheet
432Kb / 8P
   256 Bit/1K 5.0V CMOS Serial EEPROM
1995
logo
Catalyst Semiconductor
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
logo
Microchip Technology
24AA014 MICROCHIP-24AA014 Datasheet
337Kb / 24P
   1K I2C??Serial EEPROM
2005
24AA01T MICROCHIP-24AA01T Datasheet
338Kb / 24P
   1K I2C Serial EEPROM
2003
24AA014 MICROCHIP-24AA014_09 Datasheet
528Kb / 30P
   1K I2C??Serial EEPROM
2009
24AA01 MICROCHIP-24AA01_07 Datasheet
417Kb / 26P
   1K I2C??Serial EEPROM
2007
24VL014 MICROCHIP-24VL014 Datasheet
485Kb / 30P
   1K I2C??Serial EEPROM
2009
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com