Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT24WC17P Fiches technique(PDF) 8 Page - Catalyst Semiconductor

No de pièce CAT24WC17P
Description  2K/4K/8K/16K-Bit Serial E2PROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC17P Fiches technique(HTML) 8 Page - Catalyst Semiconductor

  CAT24WC17P Datasheet HTML 1Page - Catalyst Semiconductor CAT24WC17P Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC17P Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC17P Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC17P Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC17P Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC17P Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC17P Datasheet HTML 8Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CAT24WC03/05/09/17
8
Doc. No. 25063-00 2/98 S-1
Preliminary
The master device does not send an acknowledge but
will generate a STOP condition.
Sequential Read
The Sequential READ operation can be initiated by
either the Immediate Address READ or Selective READ
operations. After the CAT24WC03/05/09/17 sends the
initial 8-bit byte requested, the Master will respond with
an acknowledge which tells the device it requires more
data. The CAT24WC03/05/09/17 will continue to output
an 8-bit byte for each acknowledge sent by the Master.
The operation is terminated when the Master fails to
respond with an acknowledge, thus sending the STOP
condition.
The data being transmitted from the CAT24WC03/05/
09/17 is outputted sequentially with data from address N
followed by data from address N+1. The READ opera-
tion address counter increments all of the CAT24WC03/
05/09/17 address bits so that the entire memory array
can be read during one operation. If more than the E
(where E = 255 for 24WC03, 511 for 24WC05, 1023 for
24WC09, and 2047 for 24WC17) bytes are read out, the
counter will “wrap around” and continue to clock out data
bytes.
Notes:
(1) The device used in the above example is a 24WC03JI-1.8TE13 (SOIC, Industrial Temperature, 1.8 Volt to 6 Volt Operating
Voltage, Tape & Reel)
ORDERING INFORMATION
5020 FHD F12
Figure 10. Sequential Read Timing
BUS ACTIVITY:
MASTER
SDA LINE
DATA n+x
DATA n
A
C
K
A
C
K
DATA n+1
A
C
K
S
T
O
P
N
O
A
C
K
DATA n+2
A
C
K
P
SLAVE
ADDRESS
Figure 9. Selective Read Timing
SLAVE
ADDRESS
S
A
C
K
N
O
A
C
K
S
T
O
P
P
24WCXX F11
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
BYTE
ADDRESS (n)
S
A
C
K
DATA n
SLAVE
ADDRESS
A
C
K
S
T
A
R
T
Prefix
Device #
Suffix
24WC03
J
I
TE13
Product Number
24WC03: 2K
24WC05: 4K
24WC09: 8K
24WC17: 16K
Tape & Reel
TE13: 2000/Reel
Package
P: PDIP
J: SOIC (JEDEC)
Operating Voltage
Blank: 2.5V - 6.0V
1.8: 1.8V - 6.0V
-1.8
CAT
Temperature Range
Blank = Commercial (0˚ - 70˚C)
I = Industrial (-40˚ - 85˚C)
A = Automotive (-40˚ - 105˚C)*
* -40˚ to +125˚C is available upon request
Optional
Company ID
U: TSSOP **
** Available for 24WC03


Numéro de pièce similaire - CAT24WC17P

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT24WC128 CATALYST-CAT24WC128 Datasheet
43Kb / 8P
   128K-Bit I2C Serial CMOS E2PROM
CAT24WC128 CATALYST-CAT24WC128 Datasheet
404Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
CAT24WC12833JA-1.8TE13 CATALYST-CAT24WC12833JA-1.8TE13 Datasheet
404Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
CAT24WC12833JATE13 CATALYST-CAT24WC12833JATE13 Datasheet
404Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
CAT24WC12833JI-1.8TE13 CATALYST-CAT24WC12833JI-1.8TE13 Datasheet
404Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
More results

Description similaire - CAT24WC17P

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT25C03 CATALYST-CAT25C03 Datasheet
66Kb / 10P
   2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
List of Unclassifed Man...
24A01 ETC2-24A01 Datasheet
1Mb / 24P
   1K/2K/4K/8K/16K-bit Serial EEPROM for Low Power
logo
Shenzhen Huazhimei Semi...
HM24C02 HMSEMI-HM24C02 Datasheet
1Mb / 7P
   2K bit, 4K bit, 8K bit and 16K bit serial I2C bus EEPROM
logo
Catalyst Semiconductor
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com