Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STGWT20V60DF Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce STGWT20V60DF
Description  600 V, 20 A very high speed trench gate field-stop IGBT
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

STGWT20V60DF Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button STGWT20V60DF Datasheet HTML 2Page - List of Unclassifed Manufacturers STGWT20V60DF Datasheet HTML 3Page - List of Unclassifed Manufacturers STGWT20V60DF Datasheet HTML 4Page - List of Unclassifed Manufacturers STGWT20V60DF Datasheet HTML 5Page - List of Unclassifed Manufacturers STGWT20V60DF Datasheet HTML 6Page - List of Unclassifed Manufacturers STGWT20V60DF Datasheet HTML 7Page - List of Unclassifed Manufacturers STGWT20V60DF Datasheet HTML 8Page - List of Unclassifed Manufacturers STGWT20V60DF Datasheet HTML 9Page - List of Unclassifed Manufacturers STGWT20V60DF Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Electrical characteristics
STGB20V60DF, STGP20V60DF, STGW20V60DF, STGWT20V60DF
6/23
DocID024360 Rev 3
2.1
Electrical characteristics (curves)
Figure 2. Power dissipation vs. case
temperature
Figure 3. Collector current vs. case temperature
Figure 4. Output characteristics (TJ = 25 °C)
Figure 5. Output characteristics (TJ = 175 °C)
Figure 6. VCE(SAT) vs. junction temperature
Figure 7. VCE(SAT) vs. collector current
AM17175v1
0
20
40
60
80
100
120
140
160
0
255075
100 125 150 175
Ptot (W)
TC (°C)
AM17174v1
0
5
10
15
20
25
30
35
40
0
25
50
75
100 125 150 175
IC (A)
TC(°C)
AM17171v1
9 V
11 V
13 V
15 V
0
10
20
30
40
50
60
70
01234
Ic (A)
VCE (V)
VGE =7 V
AM17172v1
9 V
11 V
13 V
15 V
0
10
20
30
40
50
60
70
01234
Ic (A)
VCE (V)
VGE =7 V
AM17176v1
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
-50 -25 0
25 50 75 100 125 150 175
VCE(sat)
(V)
TJ(ºC)
I
C 40A
I
C = 20A
I
C = 10A
V
GE = 15V
AM17177v1
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
0
1020304050607080
VCE(V)
IC (A)
T
J = 25 °C
T
J = - 40°C
T
J = 175°C
V
GE =15V


Numéro de pièce similaire - STGWT20V60DF

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGWT20V60DF STMICROELECTRONICS-STGWT20V60DF Datasheet
2Mb / 23P
   Low thermal resistance
June 2013 Rev 3
More results

Description similaire - STGWT20V60DF

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGFW20V60F STMICROELECTRONICS-STGFW20V60F Datasheet
1Mb / 19P
   600 V, 20 A very high speed trench gate field-stop IGBT
July 2013 Rev 1
STGB20V60F STMICROELECTRONICS-STGB20V60F Datasheet
1Mb / 18P
   600 V, 20 A very high speed trench gate field-stop IGBT
July 2013 Rev 1
STGFW20V60DF STMICROELECTRONICS-STGFW20V60DF Datasheet
709Kb / 15P
   Trench gate field-stop IGBT, V series 600 V, 20 A very high speed
February 2017 Rev 2
STGW20H60DF STMICROELECTRONICS-STGW20H60DF Datasheet
1Mb / 17P
   600 V, 20 A high speed trench gate field-stop IGBT
June 2013 Rev 1
STGB20H60DF STMICROELECTRONICS-STGB20H60DF Datasheet
1Mb / 22P
   600 V, 20 A high speed trench gate field-stop IGBT
STGW60V60DF STMICROELECTRONICS-STGW60V60DF Datasheet
1Mb / 16P
   Trench gate field-stop IGBT, V series 600 V, 60 A very high speed
STGB40V60F STMICROELECTRONICS-STGB40V60F Datasheet
1Mb / 24P
   Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
April 2014 Rev 2
STGW40V60DLF STMICROELECTRONICS-STGW40V60DLF Datasheet
1Mb / 17P
   Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
October 2013 Rev 4
STGFW30V60F STMICROELECTRONICS-STGFW30V60F Datasheet
1Mb / 19P
   Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
April 2014 Rev 4
STGFW80V60F STMICROELECTRONICS-STGFW80V60F Datasheet
1Mb / 19P
   Trench gate field-stop IGBT, V series 600 V, 80 A very high speed
May 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com