Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRLML6244TRPBF Fiches technique(PDF) 1 Page - International Rectifier

No de pièce IRLML6244TRPBF
Description  HEXFETPower MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRLML6244TRPBF Fiches technique(HTML) 1 Page - International Rectifier

  IRLML6244TRPBF Datasheet HTML 1Page - International Rectifier IRLML6244TRPBF Datasheet HTML 2Page - International Rectifier IRLML6244TRPBF Datasheet HTML 3Page - International Rectifier IRLML6244TRPBF Datasheet HTML 4Page - International Rectifier IRLML6244TRPBF Datasheet HTML 5Page - International Rectifier IRLML6244TRPBF Datasheet HTML 6Page - International Rectifier IRLML6244TRPBF Datasheet HTML 7Page - International Rectifier IRLML6244TRPBF Datasheet HTML 8Page - International Rectifier IRLML6244TRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
03/09/12
IRLML6244TRPbF
HEXFET® Power MOSFET
www.irf.com
1
ORDERING INFORMATION:
See detailed ordering and shipping information on the last page of this data sheet.
Notes
 through „ are on page 10
Application(s)
Micro3TM (SOT-23)
IRLML6244TRPbF
'
6
*



Features and Benefits
Absolute Maximum Ratings
Symbol
Parameter
Units
VDS
Drain-Source Voltage
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
PD @TA = 25°C
Maximum Power Dissipation
PD @TA = 70°C
Maximum Power Dissipation
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
TJ, TSTG
Junction and Storage Temperature Range
°C
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RJA
Junction-to-Ambient
e
–––
100
RJA
Junction-to-Ambient (t<10s)
f
–––
99
°C/W
A
Max.
6.3
5.1
-55 to + 150
± 12
0.01
20
1.3
0.80
32
W
Load/ System Switch
Features
Benefits
Low RDS(on) ( < 21m)
Lower conduction losses
Industry-standard SOT-23 Package
results in Multi-vendor compatibility
RoHS compliant containing no lead, no bromide and no halogen
Environmentally friendly
VDS
20
V
VGS Max
±12
V
RDS(on) max
(@VGS = 4.5V)
21.0
m
RDS(on) max
(@VGS = 2.5V)
27.0
m
PD - 97535A


Numéro de pièce similaire - IRLML6244TRPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRLML6244TRPBF IRF-IRLML6244TRPBF Datasheet
202Kb / 10P
   HEXFETPower MOSFET
logo
ZP Semiconductor
IRLML6244TRPBF ZPSEMI-IRLML6244TRPBF Datasheet
274Kb / 2P
   HEXFETPower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com