Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRLML2060TRPBF Fiches technique(PDF) 2 Page - International Rectifier

No de pièce IRLML2060TRPBF
Description  HEXFETPower MOSFET Load/ System Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRLML2060TRPBF Fiches technique(HTML) 2 Page - International Rectifier

  IRLML2060TRPBF Datasheet HTML 1Page - International Rectifier IRLML2060TRPBF Datasheet HTML 2Page - International Rectifier IRLML2060TRPBF Datasheet HTML 3Page - International Rectifier IRLML2060TRPBF Datasheet HTML 4Page - International Rectifier IRLML2060TRPBF Datasheet HTML 5Page - International Rectifier IRLML2060TRPBF Datasheet HTML 6Page - International Rectifier IRLML2060TRPBF Datasheet HTML 7Page - International Rectifier IRLML2060TRPBF Datasheet HTML 8Page - International Rectifier IRLML2060TRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRLML2060TRPbF
2
www.irf.com
Electric Characteristics @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
60
–––
–––
V
V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient
–––
0.06
–––
V/°C
–––
356
480
–––
475
640
VGS(th)
Gate Threshold Voltage
1.0
–––
2.5
V
IDSS
–––
–––
20
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
RG
Internal Gate Resistance
–––
7.5
–––
gfs
Forward Transconductance
1.6
–––
–––
S
Qg
Total Gate Charge
–––
0.67
–––
Qgs
Gate-to-Source Charge
–––
0.18
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
0.40
–––
td(on)
Turn-On Delay Time
–––
4.9
–––
tr
Rise Time
–––
3.8
–––
td(off)
Turn-Off Delay Time
–––
3.7
–––
tf
Fall Time
–––
2.8
–––
Ciss
Input Capacitance
–––
64
–––
Coss
Output Capacitance
–––
13
–––
Crss
Reverse Transfer Capacitance
–––
6.6
–––
Source - Drain Ratings and Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.2
V
trr
Reverse Recovery Time
–––
14
21
ns
Qrr
Reverse Recovery Charge
–––
8.3
12
nC
di/dt = 100A/μs
d
VGS = 16V
VGS = -16V
TJ = 25°C, IS = 1.2A, VGS = 0V d
integral reverse
p-n junction diode.
VDS = 25V, ID = 1.2A
ID = 1.2A
ID = 1.2A
TJ = 25°C, VR = 30V, IF=1.3A
MOSFET symbol
showing the
VDS = 30V
Conditions
VGS = 4.5V
VGS = 0V
VDS = 25V
ƒ = 1.0MHz
RG = 6.8
VGS = 4.5V d
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 5.0mA
VGS = 10V, ID = 1.2A d
VDS = VGS, ID = 25μA
VDS = 60V, VGS = 0V
VDS = 60V, VGS = 0V, TJ = 125°C
RDS(on)
VGS = 4.5V, ID = 0.96A d
Static Drain-to-Source On-Resistance
Drain-to-Source Leakage Current
μA
m
VDD = 30Vd
nA
nC
ns
pF
A
1.2
4.8
–––
–––
–––
–––


Numéro de pièce similaire - IRLML2060TRPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRLML2060TRPBF IRF-IRLML2060TRPBF Datasheet
210Kb / 10P
   HEXFET Power MOSFET
logo
VBsemi Electronics Co.,...
IRLML2060TRPBF VBSEMI-IRLML2060TRPBF Datasheet
1Mb / 9P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com