Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FCD900N60ZCT-ND Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FCD900N60ZCT-ND
Description  FCD900N60Z N-Channel SuperFET II MOSFET 600 V, 4.5 A, 900 m廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCD900N60ZCT-ND Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FCD900N60ZCT-ND Datasheet HTML 1Page - Fairchild Semiconductor FCD900N60ZCT-ND Datasheet HTML 2Page - Fairchild Semiconductor FCD900N60ZCT-ND Datasheet HTML 3Page - Fairchild Semiconductor FCD900N60ZCT-ND Datasheet HTML 4Page - Fairchild Semiconductor FCD900N60ZCT-ND Datasheet HTML 5Page - Fairchild Semiconductor FCD900N60ZCT-ND Datasheet HTML 6Page - Fairchild Semiconductor FCD900N60ZCT-ND Datasheet HTML 7Page - Fairchild Semiconductor FCD900N60ZCT-ND Datasheet HTML 8Page - Fairchild Semiconductor FCD900N60ZCT-ND Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
©2012 Fairchild Semiconductor Corporation
FCD900N60Z Rev. C3
www.fairchildsemi.com
3
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
0.2
1
10
20
0.1
1
10
20
*Notes:
1. 250μs Pulse Test
2. TC = 25
oC
VDS, Drain to Source Voltage[V]
VGS = 10.0V
8.0V
7.0V
6.0V
5.5V
5.0V
4.5V
4.0V
2468
0.1
1
10
20
-55
oC
150
oC
*Notes:
1. VDS = 20V
2. 250μs Pulse Test
25
oC
VGS, Gate to Source Voltage[V]
0.4
0.8
1.2
1.6
0.1
1
10
50
*Notes:
1. V
GS = 0V
2. 250μs Pulse Test
150
oC
V
SD, Body Diode Forward Voltage [V]
25
oC
03
69
12
0.4
0.8
1.2
1.6
2.0
*Note: TC = 25
oC
VGS = 20V
VGS = 10V
ID, Drain Current [A]
0369
12
15
0
2
4
6
8
10
*Note: ID = 2.3A
VDS = 120V
VDS = 300V
VDS = 480V
Qg, Total Gate Charge [nC]
0.1
1
10
100
600
0.5
1
10
100
1000
10000
Coss
Ciss
Ciss = Cgs + Cgd (Cds = shorted)
Coss = Cds + Cgd
Crss = Cgd
*Note:
1. VGS = 0V
2. f = 1MHz
Crss
VDS, Drain to Source Voltage [V]


Numéro de pièce similaire - FCD900N60ZCT-ND

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
FCD900N60Z ISC-FCD900N60Z Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - FCD900N60ZCT-ND

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FCPF600N60ZL1-F154 ONSEMI-FCPF600N60ZL1-F154 Datasheet
294Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 7.4 A, 600 m
December, 2020 - Rev. 0
logo
Fairchild Semiconductor
FCH041N60F-ND FAIRCHILD-FCH041N60F-ND Datasheet
600Kb / 9P
   FCH041N60F N-Channel SuperFET II FRFET MOSFET 600 V, 76 A, 41 m廓
FCPF190N60_F152-ND FAIRCHILD-FCPF190N60_F152-ND Datasheet
655Kb / 10P
   FCP190N60 / FCPF190N60 N-Channel SuperFET II MOSFET 600 V, 20.2 A, 199 m廓
FCH072N60F-ND FAIRCHILD-FCH072N60F-ND Datasheet
597Kb / 9P
   FCH072N60F N-Channel SuperFET II FRFET MOSFET 600 V, 52 A, 72 m廓
FCPF380N60_F152-ND FAIRCHILD-FCPF380N60_F152-ND Datasheet
653Kb / 10P
   FCP380N60 / FCPF380N60 N-Channel SuperFET II MOSFET 600 V, 10.2 A, 380 m廓
logo
ON Semiconductor
FCPF380N60E-F154 ONSEMI-FCPF380N60E-F154 Datasheet
263Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 10.2 A, 380 m
December, 2020 - Rev. 0
FCPF190N60-F154 ONSEMI-FCPF190N60-F154 Datasheet
160Kb / 9P
   MOSFET – N-Channel, SUPERFET II 600 V, 20.2 A, 199 m
August, 2021 - Rev. 1
FCPF380N60-F154 ONSEMI-FCPF380N60-F154 Datasheet
253Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 10.2 A, 380 m
December, 2020 - Rev. 0
FCPF260N60E-F154 ONSEMI-FCPF260N60E-F154 Datasheet
268Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 15 A, 260 m
December, 2020 - Rev. 0
FCPF190N60E-F154 ONSEMI-FCPF190N60E-F154 Datasheet
254Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 20.6 A, 190 m
December, 2020 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com