Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF7769L2PBF Fiches technique(PDF) 1 Page - International Rectifier

No de pièce IRF7769L2PBF
Description  RoHS Compliant, Halogen Free
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF7769L2PBF Fiches technique(HTML) 1 Page - International Rectifier

  IRF7769L2PBF Datasheet HTML 1Page - International Rectifier IRF7769L2PBF Datasheet HTML 2Page - International Rectifier IRF7769L2PBF Datasheet HTML 3Page - International Rectifier IRF7769L2PBF Datasheet HTML 4Page - International Rectifier IRF7769L2PBF Datasheet HTML 5Page - International Rectifier IRF7769L2PBF Datasheet HTML 6Page - International Rectifier IRF7769L2PBF Datasheet HTML 7Page - International Rectifier IRF7769L2PBF Datasheet HTML 8Page - International Rectifier IRF7769L2PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.irf.com
1
DirectFET
™ Power MOSFET ‚
Typical values (unless otherwise specified)
PD - 97413B
IRF7769L2TRPbF
IRF7769L2TR1PbF
DirectFET
™ ISOMETRIC
L8
Applicable DirectFET Outline and Substrate Outline

l RoHS Compliant, Halogen Free

l Lead-Free (Qualified up to 260°C Reflow)
l Ideal for High Performance Isolated Converter
Primary Switch Socket
l Optimized for Synchronous Rectification
l Low Conduction Losses
l High Cdv/dt Immunity
l Low Profile (<0.7mm)
l Dual Sided Cooling Compatible

l Compatible with existing Surface Mount Techniques

l Industrial Qualified
Description
The IRF7769L2TR/TR1PbF combines the latest HEXFET® Power MOSFET Silicon technology with the advanced DirectFETTM packaging to
achieve the lowest on-state resistance in a package that has a footprint smaller than a D2PAK and only 0.7 mm profile. The DirectFET package
is compatible with existing layout geometries used in power applications, PCB assembly equipment and vapor phase, infra-red or convection
soldering techniques, when application note AN-1035 is followed regarding the manufacturing methods and processes. The DirectFET package
allows dual sided cooling to maximize thermal transfer in power systems.
The IRF7769L2TR/TR1PbF is optimized for high frequency switching and synchronous rectification applications. The reduced total losses
in the device coupled with the high level of thermal performance enables high efficiency and low temperatures, which are key for system
reliability improvements, and makes this device ideal for high performance power converters.
2/2/2010
Fig 1. Typical On-Resistance vs. Gate Voltage
 Click on this section to link to the appropriate technical paper.
‚ Click on this section to link to the DirectFET Website.
ƒ Surface mounted on 1 in. square Cu board, steady state.
„ TC measured with thermocouple mounted to top (Drain) of part.
… Repetitive rating; pulse width limited by max. junction temperature.
† Starting TJ = 25°C, L = 0.09mH, RG = 25Ω, IAS = 74A.
Notes:
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
VGS, Gate-to-Source Voltage (V)
0.00
2.00
4.00
6.00
8.00
10.00
12.00
TJ = 25°C
TJ = 125°C
ID = 74A
Fig 2. Typical On-Resistance vs. Drain Current
20
40
60
80
100
ID, Drain Current (A)
2.80
2.90
3.00
3.10
TA= 25°C
VGS = 8.0V
VGS = 7.0V
VGS = 10V
VGS = 15V
VDSS
VGS
RDS(on)
100V min ±20V max
2.8m
Ω@ 10V
Qg tot
Qgd
Vgs(th)
200nC
110nC
2.7V
SB
SC
M2
M4
L4
L6
L8
D
S
G
D
S
S
S
S
S
S
S
Absolute Maxim um Ratings
Parameter
Units
V DS
Drain-to-Source Voltage
V
V GS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
f
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
f
A
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
e
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Package Limited)
f
IDM
Pulsed Drain Current
g
E AS
Single Pulse Avalanche Energy
h
mJ
IAR
Avalanche Current
Ãg
A
74
375
260
Max.
88
20
500
±20
100
124


Numéro de pièce similaire - IRF7769L2PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7769L2TRPBF IRF-IRF7769L2TRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
More results

Description similaire - IRF7769L2PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7749L1PBF IRF-IRF7749L1PBF Datasheet
275Kb / 10P
   RoHS Compliant, Halogen Free
logo
YAGEO Corporation
PF2512FKF070R01L YAGEO-PF2512FKF070R01L Datasheet
332Kb / 10P
   RoHS compliant & Halogen free
logo
Advanced Power Electron...
AP4224LGM A-POWER-AP4224LGM_16 Datasheet
113Kb / 6P
   RoHS Compliant & Halogen-Free
AP95T10GP-HF A-POWER-AP95T10GP-HF_16 Datasheet
67Kb / 5P
   RoHS Compliant & Halogen-Free
AP97T07GP-HF A-POWER-AP97T07GP-HF_16 Datasheet
99Kb / 5P
   RoHS Compliant & Halogen-Free
AP1332GEU-HF A-POWER-AP1332GEU-HF_16 Datasheet
64Kb / 5P
   RoHS Compliant & Halogen-Free
AP2301AGN-HF A-POWER-AP2301AGN-HF_16 Datasheet
66Kb / 5P
   RoHS Compliant & Halogen-Free
AP2625GY-HF A-POWER-AP2625GY-HF_16 Datasheet
68Kb / 5P
   RoHS Compliant & Halogen-Free
logo
Shanghai Leiditech Elec...
SMD2920P100TF-60 LEIDITECH-SMD2920P100TF-60 Datasheet
424Kb / 4P
   RoHS Compliant & Halogen Free
logo
Advanced Power Electron...
AP9926GM-HF A-POWER-AP9926GM-HF_14 Datasheet
66Kb / 4P
   RoHS Compliant & Halogen-Free
AP2611GYT-HF A-POWER-AP2611GYT-HF_14 Datasheet
56Kb / 4P
   RoHS Compliant & Halogen-Free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com