Moteur de recherche de fiches techniques de composants électroniques |
|
SD01J12R Fiches technique(PDF) 2 Page - MPS Industries, Inc. |
|
SD01J12R Fiches technique(HTML) 2 Page - MPS Industries, Inc. |
2 / 2 page SD01XXXR SERIES Min. Max. Units Parameter Min. Typ. Max. Units --- 260 °C Isolation Voltage 1000 --- --- VDC Isolation Resistance 10 --- --- GΩ Isolation Capacitance --- --- --- pF Switching Frequency 50 --- --- kHz Parameter Conditions Min. Max. Units Parameter Min. Typ. Max. Units Operating Temperature Ambient -40 85 °C Line Regulation --- --- 0.5 % Operating Temperature Case -25 90 °C Load Regulation --- --- 0.8 % Storage Temperature -50 130 °C Ripple & Noise --- --- 100 mV P-P Humidity --- 95 % Ripple & Noise --- --- 150 mV P-P Cooling 2463 208th Street, Ste. 205 http://www.mpsind.com Torrance, CA 90501 E-mail: sales@mpsind.com 1. Specifications typical at Ta=+25°C, resistive load, nominal input voltage, rated output current unless otherwise noted. 2. These power converters require a minimum output load to maintain specified regulation. 3. Operation under no-load conditions will not damage these modules; however, they may not meet all specifications listed. 4. All DC/DC converters should be externally fused at the front end for protection. 5. Other input and output voltage may be available, please contact factory. 6. All specifications subject to change without notice. 7. For detailed data sheet, please visit our website. --- 100kHz, 1V MTBF 1 MIL-HDBK-217F @25°C Ground Benign Io = 20% to 100% 20MHz BW (12-15V) Notes: 1W, Wide Input Range SIP, Single Output DC/DC Converters Absolute Maximum Ratings Parameter Conditions 60 Seconds 500VDC General Characteristics Lead Temperature (1.5mm from case for 10sec.) Exceeding the unit absolute maximum ratings could cause damage. These are not continuous operating ratings. Tel: (310) 533-1455 Fax: (310) 533-1853 --- MHrs Environmental Characteristics Free-Air Convection Output Characteristics 20MHz BW (5-9V) Conditions For Vin Change of 1% |
Numéro de pièce similaire - SD01J12R |
|
Description similaire - SD01J12R |