Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF7749L2PBF Fiches technique(PDF) 3 Page - International Rectifier

No de pièce IRF7749L2PBF
Description  RoHS Compliant, Halogen Free
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF7749L2PBF Fiches technique(HTML) 3 Page - International Rectifier

  IRF7749L2PBF Datasheet HTML 1Page - International Rectifier IRF7749L2PBF Datasheet HTML 2Page - International Rectifier IRF7749L2PBF Datasheet HTML 3Page - International Rectifier IRF7749L2PBF Datasheet HTML 4Page - International Rectifier IRF7749L2PBF Datasheet HTML 5Page - International Rectifier IRF7749L2PBF Datasheet HTML 6Page - International Rectifier IRF7749L2PBF Datasheet HTML 7Page - International Rectifier IRF7749L2PBF Datasheet HTML 8Page - International Rectifier IRF7749L2PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IRF7749L2TR/TR1PbF
www.irf.com
3
Fig 3. Maximum Effective Transient Thermal Impedance, Junction-to-Case „
ƒ Surface mounted on 1 in. square Cu board, steady state.
„ TC measured with thermocouple incontact with top (Drain) of part.
ˆ Used double sided cooling, mounting pad with large heatsink.
Notes:
‰ Mounted on minimum footprint full size board with metalized
back and with small clip heatsink.
Š Rθ is measured at TJ of approximately 90°C.
ƒ Surface mounted on 1 in. square Cu
board (still air).
‰ Mounted on minimum footprint full size board with metalized
back and with small clip heatsink. (still air)
Absolute Maximum Ratings
Parameter
Units
PD @TC = 25°C
Power Dissipation
f
W
PD @TC = 100°C
Power Dissipation
f
PD @TA = 25°C
Power Dissipation
c
TP
Peak Soldering Temperature
°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Ambient
e
–––
45
RθJA
Junction-to-Ambient
j
12.5
–––
RθJA
Junction-to-Ambient
k
20
–––
°C/W
RθJ-Can
Junction-to-Can
fl
–––
1.2
RθJ-PCB
Junction-to-PCB Mounted
–––
0.5
270
-55 to + 175
Max.
3.3
125
63
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
t1 , Rectangular Pulse Duration (sec)
0.0001
0.001
0.01
0.1
1
10
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
τ
J
τ
J
τ
1
τ
1
τ
2
τ
2
τ
3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
Ci
i
/Ri
Ci=
τi/Ri
τ
τ
C
τ
4
τ
4
R
4
R
4
Ri (°C/W)
τi (sec)
0.10804
0.000171
0.61403
0.053914
0.45202
0.006099
0.00001
0.036168


Numéro de pièce similaire - IRF7749L2PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7749L2TR1PBF IRF-IRF7749L2TR1PBF Datasheet
319Kb / 11P
   DirectFETPower MOSFET
IRF7749L2TRPBF IRF-IRF7749L2TRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
IRF7749L2TRPBF IRF-IRF7749L2TRPBF Datasheet
319Kb / 11P
   DirectFETPower MOSFET
More results

Description similaire - IRF7749L2PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7749L1PBF IRF-IRF7749L1PBF Datasheet
275Kb / 10P
   RoHS Compliant, Halogen Free
logo
YAGEO Corporation
PF2512FKF070R01L YAGEO-PF2512FKF070R01L Datasheet
332Kb / 10P
   RoHS compliant & Halogen free
logo
Advanced Power Electron...
AP4224LGM A-POWER-AP4224LGM_16 Datasheet
113Kb / 6P
   RoHS Compliant & Halogen-Free
AP95T10GP-HF A-POWER-AP95T10GP-HF_16 Datasheet
67Kb / 5P
   RoHS Compliant & Halogen-Free
AP97T07GP-HF A-POWER-AP97T07GP-HF_16 Datasheet
99Kb / 5P
   RoHS Compliant & Halogen-Free
AP1332GEU-HF A-POWER-AP1332GEU-HF_16 Datasheet
64Kb / 5P
   RoHS Compliant & Halogen-Free
AP2301AGN-HF A-POWER-AP2301AGN-HF_16 Datasheet
66Kb / 5P
   RoHS Compliant & Halogen-Free
AP2625GY-HF A-POWER-AP2625GY-HF_16 Datasheet
68Kb / 5P
   RoHS Compliant & Halogen-Free
logo
Shanghai Leiditech Elec...
SMD2920P100TF-60 LEIDITECH-SMD2920P100TF-60 Datasheet
424Kb / 4P
   RoHS Compliant & Halogen Free
logo
Advanced Power Electron...
AP9926GM-HF A-POWER-AP9926GM-HF_14 Datasheet
66Kb / 4P
   RoHS Compliant & Halogen-Free
AP2611GYT-HF A-POWER-AP2611GYT-HF_14 Datasheet
56Kb / 4P
   RoHS Compliant & Halogen-Free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com