Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SBU61103 Fiches technique(PDF) 2 Page - MPS Industries, Inc.

No de pièce SBU61103
Description  SBU61 SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MPSIND [MPS Industries, Inc.]
Site Internet  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

SBU61103 Fiches technique(HTML) 2 Page - MPS Industries, Inc.

  SBU61103 Datasheet HTML 1Page - MPS Industries, Inc. SBU61103 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SBU61 SERIES
63W Open Frame Switching Power Supplies For I.T.E.
Output Voltage And Current Rating Chart (Single Output) :
Model Number
Output Voltage
Output Current
Total Regulation
Maximum
Output Power
SBU61-101
03 ~ 05 VDC
16.6 ~ 10.0 A
5%
50W
SBU61-102
05 ~ 06 VDC
11.0 ~ 9.16 A
5%
55W
SBU61-103
06 ~ 08 VDC
10.0 ~ 7.50 A
4%
60W
SBU61-104
08 ~ 11 VDC
7.87 ~ 5.72 A
3%
63W
SBU61-105
11 ~ 13 VDC
5.72 ~ 4.84 A
3%
63W
SBU61-106
13 ~ 16 VDC
4.84 ~ 3.93 A
3%
63W
SBU61-107
16 ~ 21 VDC
3.93 ~ 3.00 A
3%
63W
SBU61-108
21 ~ 27 VDC
3.00 ~ 2.33 A
2%
63W
SBU61-109
27 ~ 33 VDC
2.33 ~ 1.90 A
2%
63W
SBU61-110
33 ~ 40 VDC
1.90 ~ 1.57 A
2%
63W
SBU61-111
40 ~ 50 VDC
1.57 ~ 1.26 A
2%
63W
Output Voltage And Current Rating Chart ( Multi Output ) :
Mechanical Specifications :
Note:
1. Dimensions are shown in
mm.
2. Weight: 250gs approx.
3. Input connector mates with Molex housing 09-50-3031
and Molex 2878 series crimp terminal.
4. Output connector mates with Molex housing 09-50-3061
(or 09-50-3081) and Molex 2878
inches or
series crimp terminal.
Output #1
Output #2
Output #3
Output #4
Model
Number
Vonom
Iomin
Iomax Regmax Vonom
Iomin
Iomax
Regmax
Vonom
Iomin
Iomax Regmax Vonom
Iomin
Iomax
Regmax
Maximum
Output
Powe
r
SBU61-200
+3.3V 1.4A
7A
7%
+12V
0.6A
3A
5%
59.1W
SBU61-201
+5V
0.7A
7A
5%
+12V
0.3A
3A
5%
63W
SBU61-202
+5V
0.7A
7A
5%
+15V
0.3A
3A
5%
63W
SBU61-203
+5V
0.7A
7A
5%
+24V
0.4A
2A
5%
63W
SBU61-204
+3.3V 1.4A
7A
7%
+5V
0.5A
5A
5%
48.1W
SBU61-215
+5V
0.7A
7A
5%
-24V
0.2A
2A
5%
63W
SBU61-218
+3.3V 0.5A
5A
7%
+48V
0.1A 1.25A
5%
63W
SBU61-219
+5V
0.1A
5A
5%
+28V
0.2A
2A
5%
63W
SBU61-220
+5V
0.5A
5A
5%
+35V
0.1A
1.5A
5%
63W
SBU61-221
+5V
0.5A
5A
5%
+36V
0.1A
1.5A
5%
63W
SBU61-300
+3.3V 1.2A
6A
7%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
63W
SBU61-300-1
+3.3V 1.2A
6A
7%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
63W
SBU61-301
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-5V
0A
0.8A
5%
63W
SBU61-301-1
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
+5V
0A
0.8A
5%
63W
SBU61-302
+5V
0.6A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
63W
SBU61-302-1
+5V
0.6A
6A
5%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
63W
SBU61-303
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
-15V
0A
0.8A
5%
63W
SBU61-303-1
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
+15V
0A
0.8A
5%
63W
SBU61-304
+5V
1.2A
6A
5%
+24V
0.4A
2A
5%
-24V
0A
0.5A
5%
63W
SBU61-304-1
+5V
1.2A
6A
5%
+24V
0.4A
2A
5%
+24V
0A
0.5A
5%
63W
SBU61-305
+5V
1.2A
6A
5%
+24V
0.4A
2A
5%
-12V
0A
0.8A
5%
63W
SBU61-305-1
+5V
1.2A
6A
5%
+24V
0.4A
2A
5%
+12V
0A
0.8A
5%
63W
SBU61-306
+3.3V 1.2A
6A
7%
+12V
0.6A
3A
5%
-5V
0A
0.8A
5%
59.8W
SBU61-306-1
+3.3V 1.2A
6A
7%
+12V
0.6A
3A
5%
+5V
0A
0.8A
5%
59.8W
SBU61-307
+5V
0.6A
6A
5%
+10V
0.2A
2A
5%
-10V
0A
1A
5%
60W
SBU61-307-1
+5V
0.6A
6A
5%
+10V
0.2A
2A
5%
+10V
0A
1A
5%
60W
SBU61-308
+3.3V 0.5A
5A
7%
+5V
0.5A
5A
5%
+12V
0A
1A
5%
53.5W
SBU61-308-1
+3.3V 0.5A
5A
7%
+5V
0.5A
5A
5%
-12V
0A
1A
5%
53.5W
SBU61-400
+3.3V 1.2A
6A
7%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SBU61-400-1
+3.3V 1.2A
6A
7%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
SBU61-400-2
+3.3V 1.2A
6A
7%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SBU61-400-3
+3.3V 1.2A
6A
7%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
SBU61-401
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SBU61-401-1
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
SBU61-401-2
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
+12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SBU61-401-3
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
+12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
SBU61-402
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
+12V
0A
0.8A
5%
63W
SBU61-402-1
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
+12V
0A
0.8A
5%
63W
SBU61-402-2
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
-12V
0A
0.8A
5%
63W
SBU61-402-3
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
-12V
0A
0.8A
5%
63W
SBU61-403
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
+24V
0A
0.8A
5%
63W
SBU61-403-1
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
+24V
0A
0.8A
5%
63W
SBU61-403-2
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
-24V
0A
0.8A
5%
63W
SBU61-403-3
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
-24V
0A
0.8A
5%
63W
SBU61-404
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
-15V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SBU61-404-1
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
-15V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
SBU61-404-2
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
+15V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SBU61-404-3
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
+15V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
SBU61-423
+5V
0.1A
1A
5%
+24V 0.18A 1.8A
5%
-15V
0A
0.1A
5%
+12V
0A
0.8A
5%
59.3W
PIN CHART
MODEL
PIN
SBU61-1XX
1
2
3
4
5
6
7
8
OUT
RTN RTN RTN
Note: Vo1:Output#1 Vo2:Output#2 Vo3:Output#3 Vo4:Output#4
OUT OUT
SBU61-2XX
SBU61-3XX
SBU61-4XX
Vo2
Vo2 Vo1 Vo1
Vo1 Vo1
COM
COM
COM
COM
Vo3
N/C
Vo2 Vo1 Vo1 COM COM Vo3 Vo4 Vo4


Numéro de pièce similaire - SBU61103

FabricantNo de pièceFiches techniqueDescription
logo
DB Lectro Inc
SBU61 DBLECTRO-SBU61 Datasheet
205Kb / 2P
   63W Open Frame Switching Power Supplies For I.T.E.
SBU61-101 DBLECTRO-SBU61-101 Datasheet
205Kb / 2P
   63W Open Frame Switching Power Supplies For I.T.E.
SBU61-102 DBLECTRO-SBU61-102 Datasheet
205Kb / 2P
   63W Open Frame Switching Power Supplies For I.T.E.
SBU61-103 DBLECTRO-SBU61-103 Datasheet
205Kb / 2P
   63W Open Frame Switching Power Supplies For I.T.E.
SBU61-104 DBLECTRO-SBU61-104 Datasheet
205Kb / 2P
   63W Open Frame Switching Power Supplies For I.T.E.
More results

Description similaire - SBU61103

FabricantNo de pièceFiches techniqueDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2