Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS75-6S Fiches technique(PDF) 3 Page - MTU Onsite Energy Corporation

No de pièce GS75-6S
Description  GAS GENERATOR SET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MTU [MTU Onsite Energy Corporation]
Site Internet  http://www.mtuonsiteenergy.com
Logo MTU - MTU Onsite Energy Corporation

GS75-6S Fiches technique(HTML) 3 Page - MTU Onsite Energy Corporation

  GS75-6S Datasheet HTML 1Page - MTU Onsite Energy Corporation GS75-6S Datasheet HTML 2Page - MTU Onsite Energy Corporation GS75-6S Datasheet HTML 3Page - MTU Onsite Energy Corporation GS75-6S Datasheet HTML 4Page - MTU Onsite Energy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
///  /
GS75-6S
// 
Engine
Manufacturer
Ford
Model
6.8L V10
Type
4-Cycle
Aspiration
Naturally Aspirated
Arrangement
10-V
Displacement: L (in3)
6.8 (415)
Bore: cm (in)
90.2 (3.55)
Stroke: cm (in)
105.8 (4.17)
Compression Ratio
9:1
Rated RPM
1,800
Engine Governor
Bosch
Maximum Power (NG): kWm (bhp)
85.6 (114.8)
Maximum Power (LP): kWm (bhp)
89.4 (119.9)
Speed Regulation
C/F
Air Cleaner
Dry
// 
Liquid Capacity (Lubrication)
Total Oil System: L (gal)
5.7 (1.5)
Engine Jacket Water Capacity: L (gal)
5.9 (1.55)
System Coolant Capacity: L (gal)
25.58 (6.75)
// 
Electrical
Electric Volts DC
12
Cold Cranking Amps Under -17.8 °C (0 °F)
925
// 
Fuel Inlet
Fuel Supply Connection Size
1 1/2” NPT
Fuel Supply Pressure: mm H
20 (in. H20)
178–279 (7–11)
// 
Fuel Consumption (NG-1000 BTU/ft3 / LP-2500 BTU/ft3)
NG
LPG
At 100% of Power Rating: m3/hr (ft3/hr)
27.2 (960)
11.4 (403)
At 75% of Power Rating: m3/hr (ft3/hr)
21.5 (759)
9.3 (328)
At 50% of Power Rating: m3/hr (ft3/hr)
15.6 (551)
6.8 (239)
// 
Cooling - Radiator System
Ambient Capacity of Radiator: °C (°F)
50 (122)
Maximum Restriction of Cooling Air, Intake,
and Discharge Side of Rad.: kPa (in. H
20)
0.12 (0.5)
Water Pump Capacity: L/min (gpm)
123 (32.5)
Heat Rejection to Coolant: kW (BTUM)
78.2 (4,448)
Heat Radiated to Ambient: kW (BTUM)
19.1 (1,086)
Fan Power: kW (hp)
2.8 (3.8)
2.8 (3.8)
// 
Air Requirements
Aspirating: *m3/min (SCFM)
4.54 (160.5)
Air Flow Required for Rad.
Cooled Unit: *m3/min (SCFM)
303.4 (10,715)
Remote Cooled Applications;
Air Flow Required for Dissipation
of Radiated Gen-set Heat For a
Max of 25 °F Rise: *m3/min (SCFM)
103 (3,369)
* Air density = 1.184 kg/m3 (0.0739 lbm/ft3)
// 
Exhaust System
Gas Temp. (Stack): °C (°F)
660 (1,220)
Gas Volume at Stack
Temp: m3/min (CFM)
15.3 (539)
Maximum Allowable
Back Pressure: kPa (in. H
20)
4.98 (20)
APPLICATION DATA


Numéro de pièce similaire - GS75-6S

FabricantNo de pièceFiches techniqueDescription
logo
ice Components, Ins.
GS75-680 ICE-GS75-680 Datasheet
136Kb / 3P
   Surface Mount Power Inductors
GS75-680 ICE-GS75-680 Datasheet
783Kb / 3P
   Surface Mount Power Inductors
More results

Description similaire - GS75-6S

FabricantNo de pièceFiches techniqueDescription
logo
MTU Onsite Energy Corpo...
GS350-6S MTU-GS350-6S Datasheet
496Kb / 4P
   GAS GENERATOR SET
GS400-6S MTU-GS400-6S Datasheet
512Kb / 4P
   GAS GENERATOR SET
MTU4R0113DS125 MTU-MTU4R0113DS125 Datasheet
439Kb / 4P
   GAS GENERATOR SET
MTU6R0185GS200 MTU-MTU6R0185GS200 Datasheet
381Kb / 4P
   GAS GENERATOR SET
MTU6V0072GS40 MTU-MTU6V0072GS40 Datasheet
459Kb / 4P
   GAS GENERATOR SET
MTU12V0183GS400 MTU-MTU12V0183GS400 Datasheet
495Kb / 4P
   GAS GENERATOR SET
40-GC6NLT1 MTU-40-GC6NLT1_14 Datasheet
466Kb / 4P
   GAS GENERATOR SET
MTU4R0075GS30 MTU-MTU4R0075GS30 Datasheet
271Kb / 4P
   GAS GENERATOR SET
MTU8V0071GS60 MTU-MTU8V0071GS60 Datasheet
441Kb / 4P
   GAS GENERATOR SET
60-GC6NLT1-STANDBY MTU-60-GC6NLT1-STANDBY Datasheet
440Kb / 4P
   GAS GENERATOR SET
30-GC6NLT1 MTU-30-GC6NLT1_14 Datasheet
271Kb / 4P
   GAS GENERATOR SET
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com