Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF7737L2TR1PBF Fiches technique(PDF) 6 Page - International Rectifier

No de pièce IRF7737L2TR1PBF
Description  DirectFETPower MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF7737L2TR1PBF Fiches technique(HTML) 6 Page - International Rectifier

Back Button IRF7737L2TR1PBF Datasheet HTML 2Page - International Rectifier IRF7737L2TR1PBF Datasheet HTML 3Page - International Rectifier IRF7737L2TR1PBF Datasheet HTML 4Page - International Rectifier IRF7737L2TR1PBF Datasheet HTML 5Page - International Rectifier IRF7737L2TR1PBF Datasheet HTML 6Page - International Rectifier IRF7737L2TR1PBF Datasheet HTML 7Page - International Rectifier IRF7737L2TR1PBF Datasheet HTML 8Page - International Rectifier IRF7737L2TR1PBF Datasheet HTML 9Page - International Rectifier IRF7737L2TR1PBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
www.irf.com
IRF7737L2TR/TR1PbF
Fig 17. Maximum Avalanche Energy Vs. Temperature
Notes on Repetitive Avalanche Curves , Figures 16, 17:
(For further info, see AN-1005 at www.irf.com)
1. Avalanche failures assumption:
Purely a thermal phenomenon and failure occurs at a
temperature far in excess of Tjmax. This is validated for
every part type.
2. Safe operation in Avalanche is allowed as long asTjmax is
not exceeded.
3. Equation below based on circuit and waveforms shown in
Figures 18a, 18b.
4. PD (ave) = Average power dissipation per single
avalanche pulse.
5. BV = Rated breakdown voltage (1.3 factor accounts for
voltage increase during avalanche).
6. Iav = Allowable avalanche current.
7.
ΔT = Allowable rise in junction temperature, not to exceed
Tjmax (assumed as 25°C in Figure 16, 17).
tav = Average time in avalanche.
D = Duty cycle in avalanche = tav ·f
ZthJC(D, tav) = Transient thermal resistance, see figure 15)
PD (ave) = 1/2 ( 1.3·BV·Iav) = DT/ ZthJC
Iav = 2DT/ [1.3·BV·Zth]
EAS (AR) = PD (ave)·tav
Fig 18b. Unclamped Inductive Waveforms
Fig 18a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
Fig 19a. Gate Charge Test Circuit
Fig 19b. Gate Charge Waveform
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 20a. Switching Time Test Circuit
Fig 20b. Switching Time Waveforms
Vds
Vgs
Id
Vgs(th)
Qgs1
Qgs2
Qgd
Qgodr
RG
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS
1K
VCC
DUT
0
L
S
20K
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
10V
+
- VDD
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
20
40
60
80
100
120
TOP
Single Pulse
BOTTOM 1.0% Duty Cycle
ID = 94A


Numéro de pièce similaire - IRF7737L2TR1PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7737L2TR1PBF IRF-IRF7737L2TR1PBF Datasheet
629Kb / 10P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com