Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FQA10N80C-F109 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FQA10N80C-F109
Description  FQA10N80C_F109 N-Channel QFET짰 MOSFET 800 V, 10 A, 1.1
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA10N80C-F109 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FQA10N80C-F109 Datasheet HTML 1Page - Fairchild Semiconductor FQA10N80C-F109 Datasheet HTML 2Page - Fairchild Semiconductor FQA10N80C-F109 Datasheet HTML 3Page - Fairchild Semiconductor FQA10N80C-F109 Datasheet HTML 4Page - Fairchild Semiconductor FQA10N80C-F109 Datasheet HTML 5Page - Fairchild Semiconductor FQA10N80C-F109 Datasheet HTML 6Page - Fairchild Semiconductor FQA10N80C-F109 Datasheet HTML 7Page - Fairchild Semiconductor FQA10N80C-F109 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
November 2013
©2006 Fairchild Semiconductor Corporation
FQA10N80C_F109 Rev. C1
www.fairchildsemi.com
1
MOSFET Maximum Ratings T
C = 25
oC unless otherwise noted.
Thermal Characteristics
Symbol
Parameter
FQA10N80C_F109
Unit
VDSS
Drain to Source Voltage
800
V
ID
Drain Current
-Continuous (TC = 25oC)
10
A
-Continuous (TC = 100oC)
6.32
A
IDM
Drain Current
- Pulsed
(Note 1)
40
A
VGSS
Gate to Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
920
mJ
IAR
Avalanche Current
(Note 1)
10
A
EAR
Repetitive Avalanche Energy
(Note 1)
24
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.0
V/ns
PD
Power Dissipation
(TC = 25oC)
240
W
- Derate above 25oC
1.92
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum Lead Temperature for Soldering Purpose,
1/8” from Case for 5 Seconds
300
°C
Symbol
Parameter
FQA10N80C_F109
Unit
RθJC
Thermal Resistance, Junction to Case, Max
0.52
oC/W
RθJA
Thermal Resistance, Junction to Ambient, Max
40
oC/W
FQA10N80C_F109
N-Channel QFET® MOSFET
800 V, 10 A, 1.1
Ω
Features
• 10 A, 800 V, RDS(on) = 1.1 Ω (Max.) @ VGS = 10 V, ID = 5 A
• Low Gate Charge (Typ. 44 nC)
• Low Crss (Typ. 15 pF)
• 100% Avalanche Tested
• RoHS compliant
Description
This N-Channel enhancement mode power MOSFET is
produced using Fairchild Semiconductor’s proprietary planar
stripe and DMOS technology. This advanced MOSFET
technology has been especially tailored to reduce on-state
resistance, and to provide superior switching performance and
high avalanche energy strength. These devices are suitable
for switched mode power supplies, active power factor
correction (PFC), and electronic lamp ballasts.
TO-3PN
G
D
S
G
S
D


Numéro de pièce similaire - FQA10N80C-F109

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQA10N80C FAIRCHILD-FQA10N80C Datasheet
619Kb / 8P
   800V N-Channel MOSFET
FQA10N80C FAIRCHILD-FQA10N80C Datasheet
799Kb / 9P
   800V N-Channel MOSFET
FQA10N80C FAIRCHILD-FQA10N80C Datasheet
806Kb / 8P
   800V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQA10N80C ISC-FQA10N80C Datasheet
362Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQA10N80C FAIRCHILD-FQA10N80C_06 Datasheet
799Kb / 9P
   800V N-Channel MOSFET
More results

Description similaire - FQA10N80C-F109

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQD1N80TM FAIRCHILD-FQD1N80TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 800 V, 1.0 A, 20 廓
FQI4N80TU FAIRCHILD-FQI4N80TU Datasheet
801Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
FQB7N60TM FAIRCHILD-FQB7N60TM Datasheet
771Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
FQPF6N80CT FAIRCHILD-FQPF6N80CT Datasheet
1,018Kb / 10P
   N-Channel QFET짰 MOSFET 800 V, 5.5 A, 2.5 廓
FQB9N50CTM FAIRCHILD-FQB9N50CTM Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 500 V, 9 A, 800 m廓
FQD5N15TM FAIRCHILD-FQD5N15TM Datasheet
846Kb / 8P
   N-Channel QFET짰 MOSFET 150 V, 4.3 A, 800 m廓
FQD13N06TM FAIRCHILD-FQD13N06TM Datasheet
803Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 10 A, 140 m廓
FQPF6N90CT FAIRCHILD-FQPF6N90CT Datasheet
1Mb / 10P
   N-Channel QFET짰 MOSFET 900 V, 6.0 A, 2.3 廓
FQB5N90TM FAIRCHILD-FQB5N90TM Datasheet
785Kb / 8P
   N-Channel QFET짰 MOSFET 900 V, 5.4 A, 2.3 廓
FQI5N60CTU FAIRCHILD-FQI5N60CTU Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 600 V, 4.5 A, 2.5 廓
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com