Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

80-M006PNB010SA-K615C Fiches technique(PDF) 7 Page - Vincotech

No de pièce 80-M006PNB010SA-K615C
Description  Solderless interconnection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VINCOTECH [Vincotech]
Site Internet  http://www.vincotech.com
Logo VINCOTECH - Vincotech

80-M006PNB010SA-K615C Fiches technique(HTML) 7 Page - Vincotech

Back Button 80-M006PNB010SA-K615C Datasheet HTML 3Page - Vincotech 80-M006PNB010SA-K615C Datasheet HTML 4Page - Vincotech 80-M006PNB010SA-K615C Datasheet HTML 5Page - Vincotech 80-M006PNB010SA-K615C Datasheet HTML 6Page - Vincotech 80-M006PNB010SA-K615C Datasheet HTML 7Page - Vincotech 80-M006PNB010SA-K615C Datasheet HTML 8Page - Vincotech 80-M006PNB010SA-K615C Datasheet HTML 9Page - Vincotech 80-M006PNB010SA-K615C Datasheet HTML 10Page - Vincotech 80-M006PNB010SA-K615C Datasheet HTML 11Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
80-M006PNB010SA-K615C ; 80-M006PNB010SA01-K615D
preliminary datasheet
Figure 13
Output inverter FWD
Figure 14
Output inverter FWD
Typical reverse recovery charge as a
Typical reverse recovery charge as a
function of collector current
function of IGBT turn on gate resistor
Qrr = f(IC)Qrr = f(Rgon)
At
Tj =
25/150
°C
Tj =
25/150
°C
VCE =
300
V
VR =
300
V
VGE =
±15
V
IF =
10
A
Rgon =
32
VGE =
±15
V
Figure 15
Output inverter FWD
Figure 16
Output inverter FWD
Typical reverse recovery current as a
Typical reverse recovery current as a
function of collector current
function of IGBT turn on gate resistor
IRRM = f(IC)IRRM = f(Rgon)
Tj =
25/150
°C
Tj =
25/150
°C
VCE =
300
V
VR =
300
V
VGE =
±15
V
IF =
10
A
Rgon =
32
VGE =
±15
V
Output Inverter
Tj = Tjmax - 25°C
IRRM
Tj = 25°C
IRRM
0
5
10
15
20
25
0
32
64
96
128
160
R gon (
Ω )
Tj = Tjmax -25°C
Qrr
Tj = 25°C
Qrr
0,0
0,4
0,8
1,2
1,6
2,0
0
32
64
96
128
160
R gon (
Ω)
Tj = Tjmax -25°C
IRRM
Tj = 25°C
IRRM
0
2
4
6
8
10
12
0
2
4
6
8
1012
1416
1820
I C (A)
Tj = Tjmax -25°C
Qrr
Tj = 25°C
Qrr
0,0
0,5
1,0
1,5
2,0
2,5
0
2
4
6
8
10
12
14
16
18
20
I C (A)
copyright Vincotech
7
Revision: 1


Numéro de pièce similaire - 80-M006PNB010SA-K615C

FabricantNo de pièceFiches techniqueDescription
logo
Vincotech
80-M006PNB010SA-K615C-0A VINCOTECH-80-M006PNB010SA-K615C-0A Datasheet
939Kb / 17P
   Solderless interconnection
80-M006PNB010SA-K615C-0B VINCOTECH-80-M006PNB010SA-K615C-0B Datasheet
939Kb / 17P
   Solderless interconnection
80-M006PNB010SA-K615C-1A VINCOTECH-80-M006PNB010SA-K615C-1A Datasheet
939Kb / 17P
   Solderless interconnection
80-M006PNB010SA-K615C-1B VINCOTECH-80-M006PNB010SA-K615C-1B Datasheet
939Kb / 17P
   Solderless interconnection
More results

Description similaire - 80-M006PNB010SA-K615C

FabricantNo de pièceFiches techniqueDescription
logo
Vincotech
V23990-K420-A40-PM VINCOTECH-V23990-K420-A40-PM Datasheet
1Mb / 18P
   Solderless interconnection
80-M012PNB008SC-K619C41 VINCOTECH-80-M012PNB008SC-K619C41 Datasheet
314Kb / 17P
   Solderless interconnection
V23990-K220-A40-P1-14 VINCOTECH-V23990-K220-A40-P1-14 Datasheet
511Kb / 22P
   Solderless interconnection
V23990-K229-A41-D3-14 VINCOTECH-V23990-K229-A41-D3-14 Datasheet
393Kb / 22P
   Solderless interconnection
V23990-K420-A40-P1-14 VINCOTECH-V23990-K420-A40-P1-14 Datasheet
458Kb / 22P
   Solderless interconnection
80-M006PNB006SA-K614C VINCOTECH-80-M006PNB006SA-K614C Datasheet
313Kb / 17P
   Solderless interconnection
80-M006PNB006SA-K614 VINCOTECH-80-M006PNB006SA-K614_16 Datasheet
945Kb / 17P
   Solderless interconnection
80-M3126BA140SC02-K489G40 VINCOTECH-80-M3126BA140SC02-K489G40 Datasheet
1Mb / 21P
   Solderless interconnection
80-M006PNB010SA-K615 VINCOTECH-80-M006PNB010SA-K615 Datasheet
939Kb / 17P
   Solderless interconnection
V23990-K229-A40-P3-14 VINCOTECH-V23990-K229-A40-P3-14 Datasheet
481Kb / 22P
   Solderless interconnection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com