Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSPST16-560F Fiches technique(PDF) 4 Page - California Micro Devices Corp

No de pièce CSPST16-560F
Description  CHIP SCALE SERIES TERMINATION ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CALMIRCO [California Micro Devices Corp]
Site Internet  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CSPST16-560F Fiches technique(HTML) 4 Page - California Micro Devices Corp

  CSPST16-560F Datasheet HTML 1Page - California Micro Devices Corp CSPST16-560F Datasheet HTML 2Page - California Micro Devices Corp CSPST16-560F Datasheet HTML 3Page - California Micro Devices Corp CSPST16-560F Datasheet HTML 4Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
©2000 California Micro Devices Corp. All rights reserved.
11/10/2000
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
4
CSPST
CALIFORNIA MICRO DEVICES
PART NUMBER KEY
N
O
I
T
A
M
R
O
F
N
I
G
N
I
R
E
D
R
O
T
R
A
P
D
R
A
D
N
A
T
S
e
g
a
k
c
a
P
r
e
b
m
u
N
t
r
a
P
g
n
i
r
e
d
r
O
e
l
y
t
Ss
n
o
i
t
a
n
i
m
r
e
Tl
e
e
R
&
e
p
a
Tg
n
i
k
r
a
M
t
r
a
P
e
l
a
c
S
p
i
h
C8
F
0
2
2
-
8
0
T
S
P
S
Ce
n
o
N
e
l
a
c
S
p
i
h
C8
J
0
2
2
-
8
0
T
S
P
S
Ce
n
o
N
e
l
a
c
S
p
i
h
C8
F
0
3
3
-
8
0
T
S
P
S
Ce
n
o
N
e
l
a
c
S
p
i
h
C8
J
0
3
3
-
8
0
T
S
P
S
Ce
n
o
N
e
l
a
c
S
p
i
h
C8
F
0
9
3
-
8
0
T
S
P
S
Ce
n
o
N
e
l
a
c
S
p
i
h
C8
J
0
9
3
-
8
0
T
S
P
S
Ce
n
o
N
e
l
a
c
S
p
i
h
C8
F
0
7
4
-
8
0
T
S
P
S
Ce
n
o
N
e
l
a
c
S
p
i
h
C8
J
0
7
4
-
8
0
T
S
P
S
Ce
n
o
N
e
l
a
c
S
p
i
h
C8
F
0
1
5
-
8
0
T
S
P
S
Ce
n
o
N
e
l
a
c
S
p
i
h
C8
J
0
1
5
-
8
0
T
S
P
S
Ce
n
o
N
e
l
a
c
S
p
i
h
C8
F
0
6
5
-
8
0
T
S
P
S
Ce
n
o
N
e
l
a
c
S
p
i
h
C8
J
0
6
5
-
8
0
T
S
P
S
Ce
n
o
N
e
l
a
c
S
p
i
h
C6
1F
0
2
2
-
6
1
T
S
P
S
Ce
n
o
N
e
l
a
c
S
p
i
h
C6
1J
0
2
2
-
6
1
T
S
P
S
Ce
n
o
N
e
l
a
c
S
p
i
h
C6
1F
0
3
3
-
6
1
T
S
P
S
Ce
n
o
N
e
l
a
c
S
p
i
h
C6
1J
0
3
3
-
6
1
T
S
P
S
Ce
n
o
N
e
l
a
c
S
p
i
h
C6
1F
0
9
3
-
6
1
T
S
P
S
Ce
n
o
N
e
l
a
c
S
p
i
h
C6
1J
0
9
3
-
6
1
T
S
P
S
Ce
n
o
N
e
l
a
c
S
p
i
h
C6
1F
0
7
4
-
6
1
T
S
P
S
Ce
n
o
N
e
l
a
c
S
p
i
h
C6
1J
0
7
4
-
6
1
T
S
P
S
Ce
n
o
N
e
l
a
c
S
p
i
h
C6
1F
0
1
5
-
6
1
T
S
P
S
Ce
n
o
N
e
l
a
c
S
p
i
h
C6
1J
0
1
5
-
6
1
T
S
P
S
Ce
n
o
N
e
l
a
c
S
p
i
h
C6
1F
0
6
5
-
6
1
T
S
P
S
Ce
n
o
N
e
l
a
c
S
p
i
h
C6
1J
0
6
5
-
6
1
T
S
P
S
Ce
n
o
N
E
G
A
K
C
A
P
N
O
I
T
A
M
R
O
F
N
I
G
N
I
R
E
D
R
O
T
R
A
P
D
R
A
D
N
A
T
S
-
N
O
N
s
e
i
r
e
S
t
r
a
Ps
n
o
i
t
a
n
i
m
r
e
T)
X
X
X
(
1
R
:
e
d
o
C
e
u
l
a
Ve
c
n
a
r
e
l
o
T
)
T
S
P
S
C
(
e
l
p
m
a
x
E)
8
()
1
0
2
()
J
(
T
S
P
S
C8
.
e
u
l
a
v
t
n
a
c
if
i
n
g
i
s
e
r
a
s
ti
g
i
d
2
t
s
r
i
F
f
o
r
e
b
m
u
n
s
t
n
e
s
e
r
p
e
r
ti
g
i
d
d
r
i
h
T
w
o
ll
o
f
o
t
s
o
r
e
z
%
1
±
=
F
%
5
±
=
J
T
S
P
S
C6
1
PACKAGE TYPE
APPLICATION
Tolerance
CSP = Chip Scale
Package
Series
Termination
Number of
Terminations
08 = 8
16 = 16
F = ±1%
J = ±5%
Resistor
Value Code
R1 Value
First 2 digits
are significant
value. 3rd digit
represents number
of zeros
CSP
ST
YY
XXX
T


Numéro de pièce similaire - CSPST16-560F

FabricantNo de pièceFiches techniqueDescription
logo
Raltron Electronics Cor...
CSP RALTRON-CSP Datasheet
55Kb / 3P
   CLOCK OSCILLATOR, PECL, 3.3 VDC or 2.5VDC
logo
M-System Co.,Ltd.
CSP MSYSTEM-CSP Datasheet
110Kb / 4P
   Final Control Elements
logo
Mean Well Enterprises C...
CSP-3000 MEANWELL-CSP-3000 Datasheet
1Mb / 10P
   3000W Power Supply with Single Output
CSP-3000-120 MEANWELL-CSP-3000-120 Datasheet
1Mb / 10P
   3000W Power Supply with Single Output
CSP-3000-250 MEANWELL-CSP-3000-250 Datasheet
1Mb / 10P
   3000W Power Supply with Single Output
More results

Description similaire - CSPST16-560F

FabricantNo de pièceFiches techniqueDescription
logo
California Micro Device...
CSPDDR100 CALMIRCO-CSPDDR100 Datasheet
55Kb / 4P
   CHIP SCALE DDR TERMINATION ARRAY
CSPPT CALMIRCO-CSPPT Datasheet
59Kb / 4P
   CHIP SCALE PARALLEL TERMINATION ARRAY
logo
Protek Devices
CSP040605C PROTEC-CSP040605C_11 Datasheet
541Kb / 8P
   200w chip scale tvs array
logo
Stackpole Electronics, ...
RAF SEI-RAF Datasheet
407Kb / 4P
   Flat Termination Chip Resistor Array
09/30/2020
RAVF SEI-RAVF Datasheet
392Kb / 6P
   Convex Termination Chip Resistor Array
7/30/2021
logo
List of Unclassifed Man...
RAVF102D ETC2-RAVF102D Datasheet
169Kb / 3P
   Convex Termination Chip Resistor Array
logo
Stackpole Electronics, ...
RACF SEI-RACF Datasheet
352Kb / 4P
   Concave Termination Chip Resistor Array
03/26/2020
logo
Analog Devices
BC-148 AD-BC-148 Datasheet
276Kb / 1P
   148-Lead Chip Scale Package Ball Grid Array
logo
ON Semiconductor
CM1205 ONSEMI-CM1205_11 Datasheet
115Kb / 5P
   8-Channel ESD Protection Array in Chip Scale Package
January, 2011 ??Rev. 4
CM1205 ONSEMI-CM1205 Datasheet
188Kb / 8P
   8-Channel ESD Protection Array in Chip Scale Package
April 2010 ??Rev. 3
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com