Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST16C554CQ64 Fiches technique(PDF) 4 Page - Exar Corporation

No de pièce ST16C554CQ64
Description  2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C554CQ64 Fiches technique(HTML) 4 Page - Exar Corporation

  ST16C554CQ64 Datasheet HTML 1Page - Exar Corporation ST16C554CQ64 Datasheet HTML 2Page - Exar Corporation ST16C554CQ64 Datasheet HTML 3Page - Exar Corporation ST16C554CQ64 Datasheet HTML 4Page - Exar Corporation ST16C554CQ64 Datasheet HTML 5Page - Exar Corporation ST16C554CQ64 Datasheet HTML 6Page - Exar Corporation ST16C554CQ64 Datasheet HTML 7Page - Exar Corporation ST16C554CQ64 Datasheet HTML 8Page - Exar Corporation ST16C554CQ64 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
ST16C554/554D
4
2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
REV. 4.0.1
INTA
(IRQ#)
6
15
O
(OD)
When 16/68# pin is HIGH for Intel bus interface, this ouput becomes channel A
interrupt output. The output state is defined by the user and through the soft-
ware setting of MCR[3]. INTA is set to the active mode when MCR[3] is set to a
logic 1. INTA is set to the three state mode when MCR[3] is set to a logic 0
(default). See MCR[3].
When 16/68# pin is LOW for Motorola bus interface, this output becomes device
interrupt output (active low, open drain). An external pull-up resistor is required
for proper operation.
INTB
INTC
INTD
(N.C.)
12
37
43
21
49
55
O
When 16/68# pin is HIGH for Intel bus interface, these ouputs become the inter-
rupt outputs for channels B, C, and D. The output state is defined by the user
through the software setting of MCR[3]. The interrupt outputs are set to the
active mode when MCR[3] is set to a logic 1 and are set to the three state mode
when MCR[3] is set to a logic 0 (default). See MCR[3].
When 16/68# pin is LOW for Motorola bus interface, these outputs are unused
and will stay at logic zero level. Leave these outputs unconnected.
INTSEL
-
65
I
Interrupt Select (active high, input with internal pull-down).
When 16/68# pin is HIGH for Intel bus interface, this pin can be used in conjunc-
tion with MCR bit-3 to enable or disable the INT A-D pins or override MCR bit-3
and enable the interrupt outputs. Interrupt outputs are enabled continuously
when this pin is HIGH. MCR bit-3 enables and disables the interrupt output
pins. In this mode, MCR bit-3 is set to a logic 1 to enable the continuous output.
See MCR bit-3 description for full detail. This pin must be LOW in the Motorola
bus interface mode. For the 64 pin packages, this pin is bonded to VCC inter-
nally in the ST16C554DCQ64 so the INT outputs operate in the continuous
interrupt mode. This pin is bonded to GND internally in the ST16C554CQ64 and
therefore requires setting MCR bit-3 for enabling the interrupt output pins.
TXRDY#
-
39
O
Transmitter Ready (active low). This output is a logically ANDed status of
TXRDY# A-D. See Table 5. If this output is unused, leave it unconnected.
RXRDY#
-
38
O
Receiver Ready (active low). This output is a logically ANDed status of RXRDY#
A-D. See Table 5. If this output is unused, leave it unconnected.
MODEM OR SERIAL I/O INTERFACE
TXA
TXB
TXC
TXD
8
10
39
41
17
19
51
53
O
UART channels A-D Transmit Data and infrared transmit data. In this mode, the
TX signal will be HIGH during reset, or idle (no data).
RXA
RXB
RXC
RXD
62
20
29
51
7
29
41
63
I
UART channel A-D Receive Data. Normal receive data input must idle HIGH.
RTSA#
RTSB#
RTSC#
RTSD#
5
13
36
44
14
22
48
56
O
UART channels A-D Request-to-Send (active low) or general purpose output. If
these outputs are not used, leave them unconnected.
CTSA#
CTSB#
CTSC#
CTSD#
2
16
33
47
11
25
45
59
I
UART channels A-D Clear-to-Send (active low) or general purpose input. These
inputs should be connected to VCC when not used.
Pin Description
NAME
64-LQFP
PIN #
68-PLCC
PIN#
TYPE
DESCRIPTION


Numéro de pièce similaire - ST16C554CQ64

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C554CQ64 EXAR-ST16C554CQ64 Datasheet
518Kb / 40P
   QUAD UART WITH 16-BYTE FIFOS
ST16C554CQ64 EXAR-ST16C554CQ64 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
More results

Description similaire - ST16C554CQ64

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554 EXAR-ST16C554 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
XRT16C854 EXAR-XRT16C854 Datasheet
1Mb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552 Datasheet
375Kb / 35P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C654 EXAR-ST16C654 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com