Moteur de recherche de fiches techniques de composants électroniques |
|
8XC196KB16 Fiches technique(PDF) 8 Page - Intel Corporation |
|
8XC196KB16 Fiches technique(HTML) 8 Page - Intel Corporation |
8 / 22 page 8XC196KB8XC196KB16 ELECTRICAL CHARACTERISTICS ABSOLUTE MAXIMUM RATINGS Ambient Temperature Under Bias b 55 Cto a125 C Storage Temperature b 65 Cto a150 C Voltage On Any Pin to VSS b 05V to a70V Power Dissipation(1) 15W NOTE 1 Power dissipation is based on package heat transfer lim- itations not device power consumption NOTICE This data sheet contains preliminary infor- mation on new products in production The specifica- tions are subject to change without notice Verify with your local Intel Sales office that you have the latest data sheet before finalizing a design WARNING Stressing the device beyond the ‘‘Absolute Maximum Ratings’’ may cause permanent damage These are stress ratings only Operation beyond the ‘‘Operating Conditions’’ is not recommended and ex- tended exposure beyond the ‘‘Operating Conditions’’ may affect device reliability OPERATING CONDITIONS (All characteristics in this data sheet apply to these operating conditions unless otherwise noted) Symbol Description Min Max Units TA Ambient Temperature Under Bias 0 a 70 C VCC Digital Supply Voltage 450 550 V VREF Analog Supply Voltage 450 550 V FOSC Oscillator Frequency 12 MHz 35 12 MHz FOSC Oscillator Frequency 16 MHz 35 16 MHz NOTE ANGND and VSS should be nominally at the same potential DC CHARACTERISTICS Symbol Description Min Max Units Test Conditions VIL Input Low Voltage b 05 08 V VIH Input High Voltage (All Pins except 02 VCC a 09 VCC a 05 V XTAL1 and RESET) VIH1 Input High Voltage on XTAL 1 07 VCC VCC a 05 V VIH2 Input High Voltage on RESET 26 VCC a 05 V VOL Output Low Voltage 03 V IOL e 200 mA 045 V IOL e 32 mA 15 V IOL e 7mA VOH Output High Voltage VCC b 03 V IOH eb200 mA (Standard Outputs)(2) VCC b 07 V IOH eb32 mA VCC b 15 V IOH eb7mA VOH1 Output High Voltage VCC b 03 V IOH eb10 mA (Quasi-bidirectional Outputs)(1) VCC b 07 V IOH eb30 mA VCC b 15 V IOH eb60 mA ILI Input Leakage Current g 10 m A0 k VIN k VCC b 03V (Std Inputs)(3) ILI1 Input Leakage Current (Port 0) a 3 m A0 k VIN k VREF ITL 1 to 0 Transition Current b 800 m AVIN e 20V (QBD Pins)(1) IIL Logical 0 Input Current (QBD Pins)(1) b 50 m AVIN e 045V 8 |
Numéro de pièce similaire - 8XC196KB16 |
|
Description similaire - 8XC196KB16 |