Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FP6162 Fiches technique(PDF) 1 Page - API Technologies Corp

No de pièce FP6162
Description  RF AMPLIFIER MODEL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APITECH [API Technologies Corp]
Site Internet  http://www.apitech.com/
Logo APITECH - API Technologies Corp

FP6162 Fiches technique(HTML) 1 Page - API Technologies Corp

  FP6162 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
5 - 125 MHz
10 - 100 MHz
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point .......+52 dBm (Typ.)
Second Order Two Tone Intercept Point ........+46 dBm (Typ.)
Third Order Two Tone Intercept Point ............+32 dBm (Typ.)
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
Power
Vdc
+15
+15
m A
13.5
16 Max.
RF AMPLIFIER
MODEL
TM6162
Available as:
TM6162, 4 Pin TO-8 (T4)
TN6162, 4 Pin Surface Mount (SM3)
FP6162, 4 Pin Flatpack (FP4)
BX6162, Connectorized Housing (H1)
Features
!
!
!
!
! Low Noise Figure: <1.4 dB Typical
!
!
!
!
! Medium Output Power: +16 dBm Typical
!
!
!
!
! Operating Temp. - 55 ºC to +85 ºC
!
!
!
!
! Environmental ScreeningAvailable
Note: Care should always be taken to effectively ground the case of each unit.
Noise Figure (dB)
<1.4
2.0 Max.
VSWR
In
<1.5:1
2.0:1 Max.
Out
<1.5:1
2.0:1 Max.
Reverse
Isolation (dB)
-15.5
-15 Max.
Power @ 1 dB
Comp. (dBm)
+16
+14 Min.
Gain (dB)
12.5
11.5 Min.
Specifications
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
Case Temperature ................................................. + 125 ºC
DC Voltage ......................................................... + 18 Volts
Continuous RF Input Power ................................. + 10 dBm
Short Term RF Input Power...... 50 Milliwatts (1 Minute Max.)
Maximum Peak Power ....................0.5 Watt (3
µsec Max.)
11/16/04
Linear S-Parameters
FREQ.
– – – – S11– – – –
– – – – S21– – – –
– – – – S12– – – –
– – – – S22– – – –
MHz
Deg
Mag
Deg
Mag
Deg
Mag
Deg
Mag
======================================================================================
5
10
50
100
150
.15
.15
.19
.19
.40
-179
-180
179
162
-175
4.27
4.32
4.29
4.31
3.46
4
-
4
- 43
- 92
-161
.17
.17
.16
.14
.08
2
-
4
- 41
- 87
-153
.10
.12
.20
.12
.47
12
- 12
- 96
-167
- 29
2.0
1.5
1.0
2.0
1.5
1.0
14
12
10
+18
+17
+16
+15
+14
0
- 10
- 20
- 30
- 40
11
13
Start 5 MHz
Stop 125 MHz
Start 5 MHz
Stop 125 MHz
Start 5 MHz
Stop 125 MHz
Start 5 MHz
Stop 125 MHz
Start 5 MHz
Stop 125 MHz
Start 5 MHz
Stop 125 MHz
1
3
2
Gain (dB)
Reverse Isolation (dB)
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.spectrummicrowave.com


Numéro de pièce similaire - FP6162

FabricantNo de pièceFiches techniqueDescription
logo
Feeling Technology Corp...
FP6162 FEELING-FP6162 Datasheet
813Kb / 19P
   1.5MHz, 1.5A Synchronous Step-Down Regulator
FP6162ADdR-G1 FEELING-FP6162ADdR-G1 Datasheet
813Kb / 19P
   1.5MHz, 1.5A Synchronous Step-Down Regulator
FP6162ADgR-G1 FEELING-FP6162ADgR-G1 Datasheet
813Kb / 19P
   1.5MHz, 1.5A Synchronous Step-Down Regulator
FP6162ADXR-G1 FEELING-FP6162ADXR-G1 Datasheet
813Kb / 19P
   1.5MHz, 1.5A Synchronous Step-Down Regulator
logo
API Technologies Corp
FP6162PM APITECH-FP6162PM Datasheet
66Kb / 1P
   RF AMPLIFIER MODEL
More results

Description similaire - FP6162

FabricantNo de pièceFiches techniqueDescription
logo
API Technologies Corp
QBH-147 APITECH-QBH-147 Datasheet
59Kb / 1P
   RF AMPLIFIER MODEL
QBH-137 APITECH-QBH-137 Datasheet
56Kb / 1P
   RF AMPLIFIER MODEL
QBH-124 APITECH-QBH-124 Datasheet
62Kb / 1P
   RF AMPLIFIER MODEL
QBH-115 APITECH-QBH-115 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-5409 APITECH-QBH-5409 Datasheet
41Kb / 1P
   RF AMPLIFIER MODEL
QBH-4012PM APITECH-QBH-4012PM Datasheet
47Kb / 1P
   RF AMPLIFIER MODEL
QBH-4002 APITECH-QBH-4002 Datasheet
145Kb / 1P
   RF AMPLIFIER MODEL
QBH-1505 APITECH-QBH-1505 Datasheet
48Kb / 1P
   RF AMPLIFIER MODEL
QBH-859 APITECH-QBH-859 Datasheet
118Kb / 1P
   RF AMPLIFIER MODEL
QBH-842 APITECH-QBH-842 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-834 APITECH-QBH-834 Datasheet
65Kb / 1P
   RF AMPLIFIER MODEL
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com