Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAR2548FP Fiches technique(PDF) 2 Page - Lineage Power Corporation

No de pièce CAR2548FP
Description  90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINEAGEPOWER [Lineage Power Corporation]
Site Internet  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR2548FP Fiches technique(HTML) 2 Page - Lineage Power Corporation

  CAR2548FP_14 Datasheet HTML 1Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 2Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 3Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 4Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 5Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 6Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 7Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 8Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
GE
Data Sheet
CAR2512FP series rectifier
Input: 90Vac to 264Vac; Output: 12 Vdc @ 208A; 3.3Vdc or 5 Vdc @ 1A
March 28, 2013
©2013 General Electric Company. All rights reserved.
Page 2
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress ratings only, functional
operation of the device is not implied at these or any other conditions in excess of those given in the operations sections of the data sheet.
Exposure to absolute maximum ratings for extended periods can adversely affect the device reliability.
Parameter
Symbol
Min
Max
Unit
Input Voltage: Continuous
VIN
0
264
Vac
Operating Ambient Temperature
TA
-10
701
°C
Storage Temperature
Tstg
-40
85
°C
I/O Isolation voltage to Frame (100% factory Hi-Pot tested)
1500
Vac
Electrical Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, load, and temperature conditions.
INPUT
Parameter
Symbol
Min
Typ
Max
Unit
Operational Range
VIN
90
110/230
264
Vac
Frequency Range
FIN
47
50/60
63
Hz
Main Output Turn_OFF
VIN
80
Vac
Maximum Input Current, (VIN= 180Vac, VO= VO, set, IO=IO, max)
IIN
16
Aac
Cold Start Inrush Current
IIN
50
Apeak
(Excluding x-caps, 25C, <10ms, per ETSI 300-132)
Efficiency, (Tamb=25C, Vin= 230Vac, Vout= 48Vdc, IO=IO, max)
92
%
Power Factor, (Vin=230Vac, IO=IO, max)
PF
0.99
Holdup time, (Vin= 230Vac, Vout= 48Vdc, Tamb 25C, IO=IO, max)
T
16.8
ms
Early warning prior to loss of DC output below regulation
2
ms
Ride through
T
8.3
ms
Leakage Current, (Vin= 250Vac, Fin = 60Hz)
IIN
3
mArms
Isolation Input/Output
3000
Vac
Input/Frame
1500
Vac
Output/Frame
100
Vdc
48Vdc MAIN OUTPUT
Parameter
Symbol
Min
Typ
Max
Unit
Output Power High Line Operation (180 – 264 Vac)
W
0
-
2500
W
Low Line Operation: 99Vac [Z03A/Z01A]
90 – 98 Vac [Z03A/Z01A]
0
0
-
1300/1000
1200/1000
W
Set point
V
out
47.95
48.00
48.05
Vdc
Overall regulation (load, temperature, aging)
-3
+3
%
Ripple and noise2
540
mV
p-p
Turn-ON overshoot
+3
%
Turn-ON delay
T
2
sec
Remote ON/OFF delay time
40
ms
Turn-ON rise time (10 – 90% of V
out)
50
ms
1
Derated above 50C at 2.5%/C
2
Measured across a 10µf electrolytic and a 0.1µf ceramic capacitors in parallel. 20MHz bandwidth


Numéro de pièce similaire - CAR2548FP_14

FabricantNo de pièceFiches techniqueDescription
logo
Lineage Power Corporati...
CAR2548FP-1A LINEAGEPOWER-CAR2548FP-1A Datasheet
1Mb / 2P
   2500 Watt 48V Front End Power Supply
More results

Description similaire - CAR2548FP_14

FabricantNo de pièceFiches techniqueDescription
logo
Lineage Power Corporati...
CAR2548DC LINEAGEPOWER-CAR2548DC_14 Datasheet
302Kb / 15P
   -36Vdc to -75Vdc 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
logo
General Semiconductor
EN55022 GE-EN55022 Datasheet
197Kb / 7P
   CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
Lineage Power Corporati...
CAR2512TE LINEAGEPOWER-CAR2512TE Datasheet
303Kb / 15P
   90VAC to 264VAC 12VDC@ 2500W; 3.3/5VDC standby @ 15W
CAR1212DC LINEAGEPOWER-CAR1212DC_14 Datasheet
657Kb / 16P
   -36VD C to -75VDC 12VDC @ 1200W; 3.3VDC or 5 VDC @ 1A
logo
Wall Industries,Inc.
DCHB150 WALL-DCHB150 Datasheet
617Kb / 9P
   Single Outputs Ranging from 3.3VDC to 48VDC
logo
Lineage Power Corporati...
CP2500DC54PEZ LINEAGEPOWER-CP2500DC54PEZ Datasheet
310Kb / 15P
   Input: -40 to -72Vdc; Outputs: 짹54 Vdc @ 2500W; 5 Vdc @ 4W
CAR1212FP LINEAGEPOWER-CAR1212FP_14 Datasheet
269Kb / 7P
   85Vac to 264Vac 12Vdc @ 1250W; 5 Vdc @ 0.5A
JRCW450U LINEAGEPOWER-JRCW450U Datasheet
1Mb / 14P
   36??5 Vdc Input; 48Vdc Output; 450W Output
logo
AIMTEC
AME3-CJZ AIMTEC-AME3-CJZ Datasheet
159Kb / 3P
   Input: 85-264VAC, 47-63Hz, or 100-370 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com