Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACE254RUW48XZ01A Fiches technique(PDF) 4 Page - Lineage Power Corporation

No de pièce ACE254RUW48XZ01A
Description  -36Vdc to -75Vdc 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINEAGEPOWER [Lineage Power Corporation]
Site Internet  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ACE254RUW48XZ01A Fiches technique(HTML) 4 Page - Lineage Power Corporation

  ACE254RUW48XZ01A Datasheet HTML 1Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 2Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 3Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 4Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 5Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 6Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 7Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 8Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
GE
Data Sheet
CAR2548DC series dc-dc converters
Input: -36Vdc to -75Vdc; Output: 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
December 6, 2013
©2013 General Electric Company. All rights reserved.
Page 4
Feature Specifications (continued)
Parameter
Symbol
Min
Typ
Max
Unit
Output Voltage programming (Vprog)
Equation: Vout = 10.8 + (Vprog * 0.96)
Vprog range
Vprog
0
2.5
VDC
Programmed output voltage range
Vo
10.8
13.2
VDC
Voltage adjustment resolution (8-bit A/D)
Vo
10
mVDC
Output configured to 13.2Vdc
Vprog
2.5
3.0
VDC
Output configured to the 12Vdc set-point
Vprog
3.0
VDC
Enable [short pin controlling presence of the 12VDC output]
12V output OFF
VI
0.7VDD
12
VDC
12V output ON
VI
0
0.4
VDC
Write protect (Wp)
Write protect enabled
VI
0.7VDD
12
VDC
Write protect disabled
VI
0
0.8
VDC
INPUT-OK (Needs to be pulled HI via an external resistor)
Logic High (Input within normal range)
IOH
20
µA
VOH
0.7VDD
12
VDC
Logic Low (Input out of range)
IOL
20
mA
VOL
0
0.4
VDC
DC-OK ( Internally connected to 3.3V via a 10kΩ resistor)
Logic High (Output voltage is present)
IOH
20
µA
VOH
0.7VDD
12
VDC
Logic Low (Output voltage is not present)
IOL
20
mA
VOL
0
0.4
VDC
Over Temperature Warning (Needs to be pulled HI via an external
it )
Logic High (temperature within normal range)
IOH
20
µA
VOH
0.7VDD
12
VDC
Logic Low (temperature is too high)
IOL
20
mA
VOL
0
0.4
VDC
Delayed shutdown after Logic Low transition
Tdelay
10
sec
Fault (Needs to be pulled HI via an external resistor)
Logic High (No fault is present)
IOH
20
µA
VOH
0.7VDD
12
VDC
Logic Low (Fault is present)
IOL
20
mA
VOL
0
0.4
VDC
PS Present (Needs to be pulled HI via an external resistor)
Logic High (Power supply is not plugged in)
IIL
4
mA
Logic Low (Power supply is present)
VIL
0
0.1
VDC


Numéro de pièce similaire - ACE254RUW48XZ01A

FabricantNo de pièceFiches techniqueDescription
logo
Lineage Power Corporati...
ACE254RUW48 LINEAGEPOWER-ACE254RUW48 Datasheet
927Kb / 2P
   4 Bay / 10 Kilowatt Power Shelf
ACE254RUW48 LINEAGEPOWER-ACE254RUW48 Datasheet
927Kb / 2P
   Universal Rack for the CAR2548FP and CAR2548TN
More results

Description similaire - ACE254RUW48XZ01A

FabricantNo de pièceFiches techniqueDescription
logo
Lineage Power Corporati...
CAR2548FP LINEAGEPOWER-CAR2548FP_14 Datasheet
304Kb / 15P
   90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
CAR1212DC LINEAGEPOWER-CAR1212DC_14 Datasheet
657Kb / 16P
   -36VD C to -75VDC 12VDC @ 1200W; 3.3VDC or 5 VDC @ 1A
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
General Semiconductor
EN55022 GE-EN55022 Datasheet
197Kb / 7P
   CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
logo
Wall Industries,Inc.
DCHB150 WALL-DCHB150 Datasheet
617Kb / 9P
   Single Outputs Ranging from 3.3VDC to 48VDC
logo
Lineage Power Corporati...
JHW350R1 LINEAGEPOWER-JHW350R1 Datasheet
583Kb / 16P
   18 - 36Vdc or 36 - 75Vdc Input; 28Vdc Output; 350W
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
logo
Bel Fuse Inc.
RCY-75T15X BEL-RCY-75T15X Datasheet
525Kb / 11P
   Ultra wide input range:36Vdc-75Vdc
logo
Lineage Power Corporati...
CP2500DC54PEZ LINEAGEPOWER-CP2500DC54PEZ Datasheet
310Kb / 15P
   Input: -40 to -72Vdc; Outputs: 짹54 Vdc @ 2500W; 5 Vdc @ 4W
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com