Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAR2012TEBX5Z01A Fiches technique(PDF) 2 Page - Lineage Power Corporation

No de pièce CAR2012TEBX5Z01A
Description  Universal input with PFC Constant power characteristic 2 front panel LEDs: 1-input;2
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINEAGEPOWER [Lineage Power Corporation]
Site Internet  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR2012TEBX5Z01A Fiches technique(HTML) 2 Page - Lineage Power Corporation

  CAR2012TEBX5Z01A Datasheet HTML 1Page - Lineage Power Corporation CAR2012TEBX5Z01A Datasheet HTML 2Page - Lineage Power Corporation CAR2012TEBX5Z01A Datasheet HTML 3Page - Lineage Power Corporation CAR2012TEBX5Z01A Datasheet HTML 4Page - Lineage Power Corporation CAR2012TEBX5Z01A Datasheet HTML 5Page - Lineage Power Corporation CAR2012TEBX5Z01A Datasheet HTML 6Page - Lineage Power Corporation CAR2012TEBX5Z01A Datasheet HTML 7Page - Lineage Power Corporation CAR2012TEBX5Z01A Datasheet HTML 8Page - Lineage Power Corporation CAR2012TEBX5Z01A Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
GE
Data Sheet
CAR2012TE series rectifier
Input: 85Vac to 264Vac; Output: 12 Vdc @ 2000W; 3.3Vdc or 5 Vdc @ 4A
February 9, 2014
©2013 General Electric Company. All rights reserved.
Page 2
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress ratings only, functional
operation of the device is not implied at these or any other conditions in excess of those given in the operations sections of the data sheet. Exposure
to absolute maximum ratings for extended periods can adversely affect the device reliability.
Parameter
Symbol
Min
Max
Unit
Input Voltage: Continuous
VIN
0
264
VAC
Operating Ambient Temperature
TA
-10
70
°C
Storage Temperature
Tstg
-40
85
°C
I/O Isolation voltage to Frame (100% factory Hi-Pot tested)
2121
VDC
Electrical Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, load, and temperature conditions.
INPUT
Parameter
Symbol
Min
Typ
Max
Unit
Operational Range
VIN
85
115/230
264
VAC
Frequency Range (ETSI 300-132-1 recommendation)
FIN
47
50/60
63
Hz
Main Output Turn OFF
VIN
75
82
VAC
Main Output Turn ON
80
88
Hysteresis between turn OFF and turn ON
3
5
Maximum Input Current (VO= VO, set, IO=IO, max) VIN= 100VAC
IIN
15.5
12.5
AAC
VIN= 180VAC
Cold Start Inrush Current (Excluding x-caps, 25C, <10ms,
per ETSI 300-132)
IIN
40
APEAK
Efficiency (Tamb=25C, VO= 12V) VIN
100% load
50% load
20% load
10% load
115V / 230V
92 / 93.0
93 / 95.0
91 / 94.0
85 / 91.0
%
Power Factor (VIN=115/230VAC), IO= 50% IO, max
IO= IO, max
PF
0.98
0.99
Holdup time (Vout = 12.0VDC, Tamb 25C, IO=80% IO, max)
Vin= 230VAC
VIN= 100VAC
T
12
20
ms
Early warning prior to output falling below regulation1
(Vout = 12.0VDC, Tamb 25C, IO=80% IO, max)
2
Ride through
T
10
Leakage Current (VIN= 250VAC, FIN = 60Hz)
IIN
3
mARMS
Isolation
Input/Output
3000
VAC
Input/Frame
2121
VDC
Output/Frame
100
VDC
12Vdc MAIN OUTPUT
Parameter
Symbol
Min
Typ
Max
Unit
Output Power 180 – 264 / 90-132 Vac
W
0
-
2000/1300
W
VAC ≤ 90VAC
0
-
1200
W
Set point
V
O
11.9
12.00
12.1
VDC
Overall regulation (load, temperature)
-2
+2
%
1
Measured by the DC_OK signal going LO prior to the output decaying below 10.8Vdc


Numéro de pièce similaire - CAR2012TEBX5Z01A

FabricantNo de pièceFiches techniqueDescription
logo
Riedon Powertron
CAR2010 RIEDON-CAR2010 Datasheet
251Kb / 1P
   Thin Film Precisionion Chip Resistor
CAR2010 RIEDON-CAR2010 Datasheet
168Kb / 2P
   Thin Film Precision Chip Resistor
CAR2010 RIEDON-CAR2010 Datasheet
145Kb / 3P
   CAR Series
More results

Description similaire - CAR2012TEBX5Z01A

FabricantNo de pièceFiches techniqueDescription
logo
Lineage Power Corporati...
CAR1248TN LINEAGEPOWER-CAR1248TN_14 Datasheet
266Kb / 8P
   Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
CAR1248FP LINEAGEPOWER-CAR1248FP_14 Datasheet
264Kb / 11P
   Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
CAR2024FP LINEAGEPOWER-CAR2024FP_14 Datasheet
261Kb / 7P
   Universal input with PFC Constant power characteristic front panel LEDs: input, output, fault
CAR1612FP LINEAGEPOWER-CAR1612FP_14 Datasheet
293Kb / 7P
   Universal input with PFC Constant power characteristic 2 front panel LED 1-input LED 2-[output, fault, over temp]
logo
HITRON ELECTRONICS CORP...
HVP950 HITRON-HVP950 Datasheet
129Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
HEMP252G HITRON-HEMP252G Datasheet
84Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
HEMP250G HITRON-HEMP250G Datasheet
84Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
HEMP150G HITRON-HEMP150G Datasheet
54Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
HIMP151 HITRON-HIMP151_11 Datasheet
997Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
HVP300 HITRON-HVP300 Datasheet
131Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com