Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMAJ110 Fiches technique(PDF) 5 Page - Socay Electornics Co., Ltd.

No de pièce SMAJ110
Description  Surface Mount Transient Voltage Suppressors (TVS)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SOCAY [Socay Electornics Co., Ltd.]
Site Internet  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SMAJ110 Fiches technique(HTML) 5 Page - Socay Electornics Co., Ltd.

  SMAJ110 Datasheet HTML 1Page - Socay Electornics Co., Ltd. SMAJ110 Datasheet HTML 2Page - Socay Electornics Co., Ltd. SMAJ110 Datasheet HTML 3Page - Socay Electornics Co., Ltd. SMAJ110 Datasheet HTML 4Page - Socay Electornics Co., Ltd. SMAJ110 Datasheet HTML 5Page - Socay Electornics Co., Ltd. SMAJ110 Datasheet HTML 6Page - Socay Electornics Co., Ltd. SMAJ110 Datasheet HTML 7Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Surface Mount Transient Voltage Suppressors (TVS)
Revision September 25, 2013
5 / 7
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SMAJ Series
5.0 To 440 V
400W
SOCAY Electronics Co., Ltd.
www.socay.com
Temperature Cycle
JESD22-A104
Weight
0.002 ounce, 0.061 gram
Pressure Cooker
JESD22-A102
Case
JEDEC DO-214AC Molded Plastic over
glass passivated junction
High Temp. Storage
JESD22-A103
Polarity
Color band denotes cathode except
Bipolar
HTRB
JESD22-A108
Terminal
Matte Tin-plated leads, Solderable per
JESD22-B102D
Thermal Shock
JESD22-A106
Reflow Condition
Lead
–free assembly
-Temperature Min (Ts(min))
150
°C
-Temperature Max (Ts(max))
200
°C
Pre Heat
- Time (min to max) (ts)
60 -180 Seconds
Average ramp up rate ( Liquidus Temp TL)
to peak
3
°C/second max
TS(max) to TL - Ramp-up Rate
3
°C/second max
- Temperature (TL) (Liquidus)
217
°C
Reflow
- Time (min to max) (ts)
60 -150 Seconds
Peak Temperature (TP)
260 +0/-5
°C
Time
within
5
°C
of
actual
peak
Temperature (tp)
20 -40 Seconds
Ramp-down Rate
6
°C/second max
Time 25
°C to peak Temperature (T
P)
8 minutes Max
Do not exceed
280
°C
Ramp-down
Preheat
Critical Zone
TL to TP
Time to peak temperature
(t 25℃ to peak)
TP
TL
TS(max)
TS(min)
25
Ramp-up
Time
I-V Curve Characteristics
Physical Specifications
Environmental Specifications
Soldering Parameters


Numéro de pièce similaire - SMAJ110

FabricantNo de pièceFiches techniqueDescription
logo
Jinan Gude Electronic D...
SMAJ110 JGD-SMAJ110 Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Yangzhou yangjie electr...
SMAJ110 YANGJIE-SMAJ110 Datasheet
183Kb / 7P
   Surface Mount Transient Voltage Suppressor Diodes
logo
Socay Electornics Co., ...
SMAJ110 SOCAY-SMAJ110 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
RFE international
SMAJ110 RFE-SMAJ110 Datasheet
55Kb / 1P
   SURFACE MOUNT TVS DIODE Electrical Characteristics, 33 to 170 Volts
logo
Socay Electornics Co., ...
SMAJ110 SOCAY-SMAJ110 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Description similaire - SMAJ110

FabricantNo de pièceFiches techniqueDescription
logo
Socay Electornics Co., ...
SMBJ60A SOCAY-SMBJ60A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ64CA SOCAY-SMBJ64CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ75 SOCAY-SMBJ75 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ78A SOCAY-SMBJ78A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80 SOCAY-SMBJ80 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80C SOCAY-SMBJ80C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ85 SOCAY-SMBJ85 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ90 SOCAY-SMBJ90 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.0 SOCAY-SMAJ6.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.5CA SOCAY-SMAJ6.5CA Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ7.0 SOCAY-SMAJ7.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com