Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PGA202 Fiches technique(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No de pièce PGA202
Description  Digitally Controlled Programmable-Gain INSTRUMENTATION AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PGA202 Fiches technique(HTML) 6 Page - Burr-Brown (TI)

Back Button PGA202 Datasheet HTML 2Page - Burr-Brown (TI) PGA202 Datasheet HTML 3Page - Burr-Brown (TI) PGA202 Datasheet HTML 4Page - Burr-Brown (TI) PGA202 Datasheet HTML 5Page - Burr-Brown (TI) PGA202 Datasheet HTML 6Page - Burr-Brown (TI) PGA202 Datasheet HTML 7Page - Burr-Brown (TI) PGA202 Datasheet HTML 8Page - Burr-Brown (TI) PGA202 Datasheet HTML 9Page - Burr-Brown (TI) PGA202 Datasheet HTML 10Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
®
PGA202/203
6
QUIESCENT CURRENT vs TEMPERATURE
10
8
6
4
2
0
–50
–25
0
25
50
75
100
Temperature (°C)
LARGE SIGNAL RESPONSE
1µs/Div
OUTPUT SWING vs TEMPERATURE
–50
–25
0
25
50
75
100
14
10
6
12
8
Temperature (°C)
SLEW RATE vs TEMPERATURE
–50
–25
0
25
50
75
100
Temperature (°C)
25
20
15
10
CURRENT LIMIT vs TEMPERATURE
–50
–25
0
25
50
75
100
Temperature (°C)
25
20
15
10
INPUT BIAS CURRENT vs TEMPERATURE
–50
–25
0
25
50
75
100
Temperature (°C)
103
102
10
1
TYPICAL PERFORMANCE CURVES (CONT)
TA = +25°C, VS = ±15V unless otherwise noted.
G = 10


Numéro de pièce similaire - PGA202

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
PGA202 TI1-PGA202 Datasheet
106Kb / 11P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
PGA202AG TI1-PGA202AG Datasheet
106Kb / 11P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
PGA202BG TI1-PGA202BG Datasheet
106Kb / 11P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
PGA202KP TI1-PGA202KP Datasheet
106Kb / 11P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
PGA202KPG4 TI1-PGA202KPG4 Datasheet
106Kb / 11P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
More results

Description similaire - PGA202

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
3606BG TI-3606BG Datasheet
465Kb / 10P
[Old version datasheet]   Digitally Controlled Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
3606 BURR-BROWN-3606 Datasheet
440Kb / 9P
   Digitally Controlled Programmable Gain INSTRUMENTATION AMPLIFIER
logo
National Semiconductor ...
LH0084 NSC-LH0084 Datasheet
420Kb / 12P
   Digitally-Programmable-Gain Instrumentation Amplifier
logo
Texas Instruments
3606AG TI1-3606AG Datasheet
465Kb / 10P
[Old version datasheet]   Digitally Controlled Programmable Gain INSTRUMENTATION AMPLFIER
logo
List of Unclassifed Man...
MN2020 ETC-MN2020 Datasheet
973Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
API Technologies Corp
MN2020 APITECH-MN2020 Datasheet
979Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
Linear Technology
LTC6915 LINER-LTC6915_15 Datasheet
295Kb / 18P
   Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
LTC6915 LINER-LTC6915 Datasheet
289Kb / 16P
   Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
logo
Analog Devices
AD625 AD-AD625 Datasheet
463Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
AD8250 AD-AD8250_15 Datasheet
835Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com