Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


PCM1801 Datasheet(Fiches technique) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numéro de pièce PCM1801
Description  16-Bit, Stereo, Audio ANALOG-TO-DIGITAL CONVERTER
Télécharger  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo 

 
 4 page
background image
®
4
PCM1801
BLOCK DIAGRAM
Clock/Timing Control
BYPAS
V
CC
V
DD
AGND
Reference
Format
Control
FMT
SCKI
Serial Data
Interface
DOUT
BCK
LRCK
V
INL
V
REF1
V
REF2
V
INR
Power Supply
DGND
(–)
(+)
x1/64
Decimation
and
High-Pass Filter
5th-Order
∆Σ
Modulator
5th-Order
∆Σ
Modulator
PCM1801
(+)
(–)
Single-Ended-
to-Differential
Converter
Single-Ended-
to-Differential
Converter
ANALOG FRONT-END (Single-Channel)
30k
1k
V
INL
V
REF2
1
13
14
1k
Delta-Sigma
Modulator
(+)
(–)
V
REF
V
REF1
+
+
1.0
µF
4.7
µF
+
4.7
µF




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
BU9480F16-bit stereo D / A converter for audio applications 1 2 3 4 5 Rohm
HT82V73716-Bit Stereo Audio D/A Converter with Earphone Driver 1 2 3 4 5 MoreHoltek Semiconductor Inc
PCM4202High-Performance 24-Bit 216kHz Sampling Stereo Audio Analog-to-Digital Converter 1 2 3 4 5 MoreBurr-Brown (TI)
PCM78P16-Bit Audio ANALOG-TO-DIGITAL CONVERTER 1 2 3 4 5 MoreBurr-Brown (TI)
CS512616-Bit Stereo A/D Converter for Digital Audio 1 2 3 4 5 MoreCirrus Logic
ADS7813Low-Power Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER 1 2 3 4 5 MoreBurr-Brown (TI)
MS633316-Bit Stereo Audio DAC & Headphone Driver Single Supply Voltage and Low Voltage Low Power Consumption 8.9mW Mute And Power Down Function 1 2 3 4 5 MoreMOSA ELECTRONICS
PCM172824-Bit 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER 1 2 3 4 5 MoreBurr-Brown (TI)
CS439024-Bit Stereo D/A Converter for Digital Audio 1 2 3 4 5 MoreCirrus Logic

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl