Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STD361 Fiches technique(PDF) 1 Page - KODENSHI_AUK CORP.

No de pièce STD361
Description  NPN Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KODENSHI [KODENSHI_AUK CORP.]
Site Internet  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

STD361 Fiches technique(HTML) 1 Page - KODENSHI_AUK CORP.

  STD361 Datasheet HTML 1Page - KODENSHI_AUK CORP. STD361 Datasheet HTML 2Page - KODENSHI_AUK CORP. STD361 Datasheet HTML 3Page - KODENSHI_AUK CORP. STD361 Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSD-T5B011-001
1
STD361
NPN Silicon Transistor
SOT-89
PIN Connection
Description
• Extremely low collector-to-emitter
saturation voltage
( VCE(SAT)=0.2V Typ. @IC/IB=3A/150 ㎃)
• Suitable for low voltage large current
drivers
• Switching Application
Ordering Information
Type NO.
Marking
Package Code
STD361
YA
YWW
SOT-89
YA: DEVICE CODE, YWW(Y : Year code, WW : Weekly code)
Absolute maximum ratings
(Ta=25
°C)
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
40
V
Collector-Emitter voltage
VCEO
15
V
Emitter-Base voltage
VEBO
7
V
Collector current
IC
5
A
PC
0.5
Collector power dissipation
PC*
1
W
Junction temperature
TJ
150
°C
Storage temperature
Tstg
-55~150
°C
* : When mounted on ceramic substrate(250 ㎟×0.8t)
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Base breakdown voltage
BVCBO
IC=50 , IE=0
40
-
-
V
Collector-Emitter breakdown voltage
BVCEO
IC=1 , IB=0
15
-
-
V
Emitter-Base breakdown voltage
BVEBO
IE=50 , IC=0
7
-
-
V
Collector cut-off current
ICBO
VCB=30V, IE=0
-
-
0.1
Emitter cut-off current
IEBO
VEB=5V, IC=0
-
-
0.1
hFE1
VCE=2V, IC=500
160
-
320
-
DC current gain
hFE2
VCE=2V, IC=3A
40
-
-
-
Collector-Emitter saturation voltage
VCE(sat)
IC=3A, IB=150
-
-
0.3
V
Transition frequency
fT
VCE=6V, IE=-50
-
150
-
Collector output capacitance
Cob
VCB=20V, IE=0, f=1
-
-
50


Numéro de pièce similaire - STD361

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
STD361 AUK-STD361 Datasheet
258Kb / 4P
   NPN Silicon Transistor
logo
KODENSHI_AUK CORP.
STD361 KODENSHI-STD361 Datasheet
294Kb / 4P
   NPN Silicon Transistor
More results

Description similaire - STD361

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com