Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD1022 Fiches technique(PDF) 3 Page - LDT Co., Ltd

No de pièce LD1022
Description  16 Channel Constant Current LED Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LDT [LDT Co., Ltd]
Site Internet  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1022 Fiches technique(HTML) 3 Page - LDT Co., Ltd

  LD1022 Datasheet HTML 1Page - LDT Co., Ltd LD1022 Datasheet HTML 2Page - LDT Co., Ltd LD1022 Datasheet HTML 3Page - LDT Co., Ltd LD1022 Datasheet HTML 4Page - LDT Co., Ltd LD1022 Datasheet HTML 5Page - LDT Co., Ltd LD1022 Datasheet HTML 6Page - LDT Co., Ltd LD1022 Datasheet HTML 7Page - LDT Co., Ltd LD1022 Datasheet HTML 8Page - LDT Co., Ltd LD1022 Datasheet HTML 9Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Ver1.0
3
LD1022
16 Channel Constant Current LED Driver
DESCRIPTION
LD1022 is designed for LED displays with output current gain control. LD1022 contains a serial buffer and
data latches, which convert serial input data into parallel output format. At LD1022 output stage, sixteen
regulated current ports are designed to provide constant current sinks for driving LEDs within a wide
range of Vf variations.
FEATURES
• 16 constant current output channels
• Constant current output range: 5mA ~ 70mA
• Output current adjustable through an external resistor
• 8-bit programmable output current control
• Output current accuracy:
- between channels: ±1.0% (25mA < Iout < 70mA)
±1.3% (3mA < Iout < 24mA)
- between ICs :
±3.0%
• 25MHz clock frequency
• Fast response of output current, Pulse width: 50nS
• 3V ~ 5V supply voltage
• Pb-free Package: SSOP24 (150) with two kinds of pin assignments
PIN CONNECTION (TOP VIEW)
GND
SDI
CLK
LE
OUT0
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
VDD
R-EXT
SDO
OEB
OUT15
OUT14
OUT13
OUT12
OUT11
OUT10
OUT9
OUT8
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
BLOCK DIAGRAM
ORDERING INFORMATION
-40°C to 85 °C
24 SOP
LD1022-SP
-40°C to 85 °C
24 SSOP
LD1022-SS
TA
PACKAGE
PART NUMBER


Numéro de pièce similaire - LD1022

FabricantNo de pièceFiches techniqueDescription
logo
LDT Co., Ltd
LD1024 LDT-LD1024 Datasheet
650Kb / 22P
   Constant-Current LED Driver
logo
List of Unclassifed Man...
LD1026 ETC1-LD1026 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
logo
Marl International Limi...
LD1026 MARL-LD1026 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
logo
List of Unclassifed Man...
LD1026-12 ETC1-LD1026-12 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
LD1026-18 ETC1-LD1026-18 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
More results

Description similaire - LD1022

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
logo
LDT Co., Ltd
LD1018 LDT-LD1018 Datasheet
386Kb / 24P
   16 Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016W-T1 ONSEMI-CAT4016W-T1 Datasheet
293Kb / 15P
   16-Channel Constant Current LED Driver
Doc. No. MD-5028 Rev. D
logo
Marktech Corporate
TC62D776CFG MARKTECH-TC62D776CFG_15 Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver
TC62D776CFNAG MARKTECH-TC62D776CFNAG_15 Datasheet
567Kb / 33P
   16-Channel Constant-Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016_15 Datasheet
121Kb / 14P
   16-Channel Constant Current LED Driver
July, 2015 ??Rev. 5
logo
LDT Co., Ltd
LD1016H LDT-LD1016H Datasheet
552Kb / 21P
   16 Channel Constant current LED Driver
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016_08 Datasheet
231Kb / 15P
   16-Channel Constant Current LED Driver
logo
SHANGHAI BELLING CO., L...
BL8589 BELLING-BL8589 Datasheet
416Kb / 12P
   16-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com