Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC7615U Fiches technique(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No de pièce DAC7615U
Description  Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7615U Fiches technique(HTML) 1 Page - Burr-Brown (TI)

  DAC7615U Datasheet HTML 1Page - Burr-Brown (TI) DAC7615U Datasheet HTML 2Page - Burr-Brown (TI) DAC7615U Datasheet HTML 3Page - Burr-Brown (TI) DAC7615U Datasheet HTML 4Page - Burr-Brown (TI) DAC7615U Datasheet HTML 5Page - Burr-Brown (TI) DAC7615U Datasheet HTML 6Page - Burr-Brown (TI) DAC7615U Datasheet HTML 7Page - Burr-Brown (TI) DAC7615U Datasheet HTML 8Page - Burr-Brown (TI) DAC7615U Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DAC7615
®
© 1998 Burr-Brown Corporation
PDS-1443C
Printed in U.S.A. November, 1998
Quad, Serial Input, 12-Bit, Voltage Output
DIGITAL-TO-ANALOG CONVERTER
FEATURES
q LOW POWER: 20mW
q UNIPOLAR OR BIPOLAR OPERATION
q SETTLING TIME: 10
µs to 0.012%
q 12-BIT LINEARITY AND MONOTONICITY:
–40
°C to +85°C
q DOUBLE-BUFFERED DATA INPUTS
q SMALL 20-LEAD SSOP PACKAGE
APPLICATIONS
q PROCESS CONTROL
q ATE PIN ELECTRONICS
q CLOSED-LOOP SERVO-CONTROL
q MOTOR CONTROL
q DATA ACQUISITION SYSTEMS
q DAC-PER-PIN PROGRAMMERS
DESCRIPTION
The DAC7615 is a quad, serial input, 12-bit, voltage
output digital-to-analog converter (DAC) with guar-
anteed 12-bit monotonic performance over the –40
°C
to +85
°C temperature range. An asynchronous reset
clears all registers to either mid-scale (800H) or zero-
scale (000H), selectable via the RESETSEL pin. The
individual DAC inputs are double buffered to allow
for simultaneous update of all DAC outputs. The
device can be powered from a single +5V supply or
from dual +5V and –5V supplies.
Low power and small size makes the DAC7615 ideal
for automatic test equipment, DAC-per-pin program-
mers, data acquisition systems, and closed-loop servo-
control. The device is available in 16-pin plastic DIP,
16-lead SOIC, and 20-lead SSOP packages and is
guaranteed over the –40
°C to +85°C temperature range.
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
DAC A
DAC
Register A
Input
Register A
DAC B
DAC
Register B
Input
Register B
DAC C
DAC
Register C
Input
Register C
DAC D
DAC
Register D
Input
Register D
VREFH
VDD
VSS
VOUTD
VOUTC
VOUTB
VOUTA
VREFL
LOADDACS
GND
CLK
CS
12
SDI
RESET
RESETSEL
LOADREG
Serial-to-
Parallel
Shift
Register
DAC
Select
DAC7615
DAC7615


Numéro de pièce similaire - DAC7615U

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC7615U TI1-DAC7615U Datasheet
505Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output
DAC7615U/1K TI1-DAC7615U/1K Datasheet
505Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output
DAC7615U/1KG4 TI1-DAC7615U/1KG4 Datasheet
505Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output
DAC7615UB TI1-DAC7615UB Datasheet
505Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output
DAC7615UB/1K TI1-DAC7615UB/1K Datasheet
505Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output
More results

Description similaire - DAC7615U

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7616 TI1-DAC7616_15 Datasheet
849Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7617 TI1-DAC7617_14 Datasheet
858Kb / 18P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714 TI-DAC7714 Datasheet
400Kb / 15P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7715 BURR-BROWN-DAC7715 Datasheet
411Kb / 15P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7616 BURR-BROWN-DAC7616 Datasheet
292Kb / 13P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7614 TI1-DAC7614 Datasheet
503Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7715 TI1-DAC7715_15 Datasheet
977Kb / 20P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7617 BURR-BROWN-DAC7617 Datasheet
302Kb / 14P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7714 TI1-DAC7714_15 Datasheet
786Kb / 20P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com