Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC7614EB Fiches technique(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No de pièce DAC7614EB
Description  Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7614EB Fiches technique(HTML) 2 Page - Burr-Brown (TI)

  DAC7614EB Datasheet HTML 1Page - Burr-Brown (TI) DAC7614EB Datasheet HTML 2Page - Burr-Brown (TI) DAC7614EB Datasheet HTML 3Page - Burr-Brown (TI) DAC7614EB Datasheet HTML 4Page - Burr-Brown (TI) DAC7614EB Datasheet HTML 5Page - Burr-Brown (TI) DAC7614EB Datasheet HTML 6Page - Burr-Brown (TI) DAC7614EB Datasheet HTML 7Page - Burr-Brown (TI) DAC7614EB Datasheet HTML 8Page - Burr-Brown (TI) DAC7614EB Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
®
2
DAC7614
SPECIFICATIONS
At TA = –40°C to +85°C, VDD = +5V, VSS = –5V, VREFH = +2.5V, and VREFL = –2.5V, unless otherwise noted.
DAC7614E, P, U
DAC7614EB, PB, UB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ACCURACY
Linearity Error(1)
VSS = 0V or –5V
±2
±1
LSB(2)
Linearity Matching(3)
VSS = 0V or –5V
±2
±1
LSB
Differential Linearity Error
VSS = 0V or –5V
±1
±1
LSB
Monotonicity
12
T
Bits
Zero-Scale Error
Code = 000H
±4
T
LSB
Zero-Scale Drift
25
TT
ppm/
°C
Zero-Scale Matching(3)
±2
±1
LSB
Full-Scale Error
Code = FFFH
±4
T
LSB
Full-Scale Matching(3)
±2
±1
LSB
Zero-Scale Error
Code = 00AH, VSS = 0V
±8
T
LSB
Zero-Scale Drift
VSS = 0V
5
10
TT
ppm/
°C
Zero-Scale Matching(3)
VSS = 0V
±4
±2
LSB
Full-Scale Error
Code = FFFH, VSS = 0V
±8
T
LSB
Full-Scale Matching(3)
VSS = 0V
±4
±2
LSB
Power Supply Rejection
30
T
ppm/V
ANALOG OUTPUT
Voltage Output(4)
VSS = 0V or –5V
VREFL
VREFH
TT
V
Output Current
–1.25
+1.25
TT
mA
Load Capacitance
No Oscillation
100
T
pF
Short-Circuit Current
+5, –15
T
mA
Short-Circuit Duration
Indefinite
T
REFERENCE INPUT
VREFH Input Range
VSS = 0V or –5V
VREFL+1.25
+2.5
TT
V
VREFL Input Range
VSS = 0V
0
VREFH–1.25
TT
V
VREFL Input Range
VSS = –5V
–2.5
VREFH–1.25
TT
V
DYNAMIC PERFORMANCE
Settling Time(5)
To
±0.012%
5
10
TT
µs
Channel-to-Channel Crosstalk
Full-Scale Step
0.1
T
LSB
On Any Other DAC, RL = 2kΩ
Output Noise Voltage
Bandwidth: 0Hz to 1MHz
40
T
nV/
√Hz
DIGITAL INPUT/OUTPUT
Logic Family
TTL-Compatible CMOS
T
Logic Levels
VIH
| IIH | ≤ 10µA
2.4
VDD+0.3
TT
V
VIL
| IIL | ≤ 10µA
–0.3
0.8
TT
V
Data Format
Straight Binary
T
POWER SUPPLY REQUIREMENTS
VDD
4.75
5.25
TT
V
VSS
If VSS ≠ 0V
–5.25
–4.75
TT
V
IDD
1.5
1.9
TT
mA
ISS
–2.1
–1.6
TT
mA
Power Dissipation
VSS = –5V
15
20
TT
mW
VSS = 0V
7.5
10
TT
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
TT
°C
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
T Specification same as grade to the left.
NOTES: (1) If VSS = 0V, specification applies at code 00AH and above. (2) LSB means Least Significant Bit, with VREFH equal to +2.5V and VREFL equal to –2.5V,
one LSB is 1.22mV. (3) All DAC outputs will match within the specified error band. (4) Ideal output voltage, does not take into account zero or full-scale error.
(5) If VSS = –5V, full-scale step from code 000H to FFFH or vice-versa. If VSS = 0V, full-scale positive step from code 000H to FFFH and negative step from code
FFFH to 00AH.


Numéro de pièce similaire - DAC7614EB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC7614EB TI1-DAC7614EB Datasheet
503Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output
DAC7614EB TI1-DAC7614EB Datasheet
503Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7614EB/1K TI1-DAC7614EB/1K Datasheet
503Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output
DAC7614EB/1K TI1-DAC7614EB/1K Datasheet
503Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7614EB/1KG4 TI1-DAC7614EB/1KG4 Datasheet
503Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output
More results

Description similaire - DAC7614EB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC7616 TI1-DAC7616_15 Datasheet
849Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7617 TI1-DAC7617_14 Datasheet
858Kb / 18P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714 TI-DAC7714 Datasheet
400Kb / 15P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7715 BURR-BROWN-DAC7715 Datasheet
411Kb / 15P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7615 BURR-BROWN-DAC7615 Datasheet
485Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7616 BURR-BROWN-DAC7616 Datasheet
292Kb / 13P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7614 TI1-DAC7614 Datasheet
503Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7715 TI1-DAC7715_15 Datasheet
977Kb / 20P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7617 BURR-BROWN-DAC7617 Datasheet
302Kb / 14P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7714 TI1-DAC7714_15 Datasheet
786Kb / 20P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com