Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC7621E Fiches technique(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No de pièce DAC7621E
Description  12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7621E Fiches technique(HTML) 7 Page - Burr-Brown (TI)

Back Button DAC7621E Datasheet HTML 3Page - Burr-Brown (TI) DAC7621E Datasheet HTML 4Page - Burr-Brown (TI) DAC7621E Datasheet HTML 5Page - Burr-Brown (TI) DAC7621E Datasheet HTML 6Page - Burr-Brown (TI) DAC7621E Datasheet HTML 7Page - Burr-Brown (TI) DAC7621E Datasheet HTML 8Page - Burr-Brown (TI) DAC7621E Datasheet HTML 9Page - Burr-Brown (TI) DAC7621E Datasheet HTML 10Page - Burr-Brown (TI) DAC7621E Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
®
7
DAC7621
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°, and VDD = 5V, unless otherwise specified.
FALL TIME DETAIL
Time (10
µs/div)
LD
V
OUT
10.000
1.000
0.100
0.010
OUTPUT VOLTAGE NOISE vs FREQUENCY
Frequency (Hz)
10
100
1k
10k
100k
Data = FFF
H
8
6
4
2
0
–2
–4
–6
–8
Hours of Operation at +150
°C
LONG-TERM DRIFT ACCELERATED BY BURN-IN
0
400
200
600
800
1000
1200
avg
max
min
144 Units
0
10
20
30
40
50
60
–12
–8
–4
0
4
8
12
T.U.E =
ΣINL = Z
S + FS
Sample Size = 300 Units
T
A = +25°C
TOTAL UNADJUSTED ERROR HISTOGRAM
4.115
4.110
4.105
4.100
4.095
4.090
4.085
4.080
4.075
FULL-SCALE VOLTAGE vs TEMPERATURE
Temperature (
°C)
–50
0
25
–25
50
75
100
125
No Load
Sample Size = 300
Avg + 3
σ
Avg – 3
σ
Avg
3
2
1
0
–1
ZERO-SCALE VOLTAGE vs TEMPERATURE
Temperature (
°C)
–50
0
25
–25
50
75
100
125


Numéro de pièce similaire - DAC7621E

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC7621E TI1-DAC7621E Datasheet
1Mb / 16P
[Old version datasheet]   12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
DAC7621E/1K TI1-DAC7621E/1K Datasheet
1Mb / 16P
[Old version datasheet]   12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
DAC7621E/1KG4 TI1-DAC7621E/1KG4 Datasheet
1Mb / 16P
[Old version datasheet]   12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
DAC7621EB TI1-DAC7621EB Datasheet
1Mb / 16P
[Old version datasheet]   12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
DAC7621EB/1K TI1-DAC7621EB/1K Datasheet
1Mb / 16P
[Old version datasheet]   12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
More results

Description similaire - DAC7621E

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC7621 TI1-DAC7621_15 Datasheet
1Mb / 16P
[Old version datasheet]   12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
DAC7821 TI-DAC7821 Datasheet
1Mb / 18P
[Old version datasheet]   12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7822 BURR-BROWN-DAC7822 Datasheet
610Kb / 18P
   Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC7822 TI1-DAC7822_14 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7611 BURR-BROWN-DAC7611 Datasheet
182Kb / 12P
   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7611PBG4 TI-DAC7611PBG4 Datasheet
321Kb / 17P
[Old version datasheet]   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD5582 AD-AD5582 Datasheet
162Kb / 8P
   QUAD, Parallel-Input, Voltage Output, 12-/10-Bit Digital-to-Analog Converter
REV PrC, 23 APR 01
logo
Texas Instruments
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC8820 TI-DAC8820 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com