Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC715PL Fiches technique(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce DAC715PL
Description  16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC715PL Fiches technique(HTML) 10 Page - Burr-Brown (TI)

Back Button DAC715PL Datasheet HTML 3Page - Burr-Brown (TI) DAC715PL Datasheet HTML 4Page - Burr-Brown (TI) DAC715PL Datasheet HTML 5Page - Burr-Brown (TI) DAC715PL Datasheet HTML 6Page - Burr-Brown (TI) DAC715PL Datasheet HTML 7Page - Burr-Brown (TI) DAC715PL Datasheet HTML 8Page - Burr-Brown (TI) DAC715PL Datasheet HTML 9Page - Burr-Brown (TI) DAC715PL Datasheet HTML 10Page - Burr-Brown (TI) DAC715PL Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
®
DAC715
The digital interface of the DAC715 can be made transpar-
ent by asserting A
O, A1, and WR LOW, and asserting CLR
HIGH.
To operate the DAC715 interface as a single-buffered latch,
the DATA INPUT LATCH is permanently enabled by
connecting A0 to DCOM. If A1 is not used to enable the
D/A, it should be connected to DCOM also. For this mode
of operation, the width of WR will need to be at least 80ns
minimum to pass data through the DATA INPUT LATCH
and into the D/A LATCH.
TRANSPARENT INTERFACE
FIGURE 6. Manual Offset and Gain Adjust Circuits.
5k
3
4
6
+10V V
OUT
10k
IDAC
0-2mA
≈ +2.5V
15k
R
3
27k
R
1
100
P
2
10k
Ω – 100kΩ
P
1
1k
5
170
Internal
+10V Reference
V
REF OUT
–V
CC
+V
CC
Gain Adjust
Offset Adjust
2
ACOM
R
2
2M
For no external adjustments, pins 4 and 6 are not connected.
External resistors R1 - R4 are standard ±1% values. Range of
adjustment at least ±0.03% FSR.


Numéro de pièce similaire - DAC715PL

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC715PL TI1-DAC715PL Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC715PLG4 TI1-DAC715PLG4 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
More results

Description similaire - DAC715PL

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
   16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
logo
Texas Instruments
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Burr-Brown (TI)
DAC716 BURR-BROWN-DAC716 Datasheet
201Kb / 13P
   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Texas Instruments
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Burr-Brown (TI)
DAC714 BURR-BROWN-DAC714 Datasheet
127Kb / 14P
   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com