Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC716UB Fiches technique(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No de pièce DAC716UB
Description  16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC716UB Fiches technique(HTML) 1 Page - Burr-Brown (TI)

  DAC716UB Datasheet HTML 1Page - Burr-Brown (TI) DAC716UB Datasheet HTML 2Page - Burr-Brown (TI) DAC716UB Datasheet HTML 3Page - Burr-Brown (TI) DAC716UB Datasheet HTML 4Page - Burr-Brown (TI) DAC716UB Datasheet HTML 5Page - Burr-Brown (TI) DAC716UB Datasheet HTML 6Page - Burr-Brown (TI) DAC716UB Datasheet HTML 7Page - Burr-Brown (TI) DAC716UB Datasheet HTML 8Page - Burr-Brown (TI) DAC716UB Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DAC716
16-Bit DIGITAL-TO-ANALOG CONVERTER
with Serial Data Interface
DESCRIPTION
The DAC716 is a complete monolithic D/A converter
including a +10V temperature compensated voltage
reference, current-to-voltage amplifier, a high-speed
synchronous serial interface, a serial output which
allows cascading multiple converters, and an asyn-
chronous clear function which immediately sets the
output voltage to zero.
The output voltage range is 0 to +10V while operating
from
±12V to ±15V supplies, and the gain and bipolar
offset adjustments are designed so that they can be set
via external potentiometers or external D/A convert-
ers. The output amplifier is protected against short-
circuiting to ground.
The 16-pin DAC716 is available in a plastic 0.3" DIP
and a wide-body plastic SOIC package. The DAC716P,
U, PB, and UB are specified over the –40
°C to +85°C
range while the DAC716UK and PK are specified
over the 0
°C to +70°C range.
®
© 1996 Burr-Brown Corporation
PDS-1324B
Printed in U.S.A. March, 1998
FEATURES:
q SERIAL DIGITAL INTERFACE
q VOLTAGE OUTPUT: 0 to +10V
q
±2 LSB INTEGRAL LINEARITY
q PRECISION INTERNAL REFERENCE
q LOW NOISE: 120nV/
√Hz Including Reference
q 16-LEAD PLASTIC SKINNY DIP AND PLASTIC
SOIC PACKAGES
V
OUT
V
REF OUT
+10V
Reference
Circuit
16-Bit D/A Converter
D/A Latch
SDO
16
Input Shift Register
16
A
1
SDI
CLK
CLR
A
0
Offset Adjust
Gain
Adjust
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132


Numéro de pièce similaire - DAC716UB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC716UB TI1-DAC716UB Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
DAC716UBG4 TI1-DAC716UBG4 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
More results

Description similaire - DAC716UB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Burr-Brown (TI)
DAC714 BURR-BROWN-DAC714 Datasheet
127Kb / 14P
   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Texas Instruments
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
   16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC2814 BURR-BROWN-DAC2814 Datasheet
210Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com