Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC716UB Fiches technique(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No de pièce DAC716UB
Description  16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC716UB Fiches technique(HTML) 9 Page - Burr-Brown (TI)

Back Button DAC716UB Datasheet HTML 5Page - Burr-Brown (TI) DAC716UB Datasheet HTML 6Page - Burr-Brown (TI) DAC716UB Datasheet HTML 7Page - Burr-Brown (TI) DAC716UB Datasheet HTML 8Page - Burr-Brown (TI) DAC716UB Datasheet HTML 9Page - Burr-Brown (TI) DAC716UB Datasheet HTML 10Page - Burr-Brown (TI) DAC716UB Datasheet HTML 11Page - Burr-Brown (TI) DAC716UB Datasheet HTML 12Page - Burr-Brown (TI) DAC716UB Datasheet HTML 13Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
®
DAC716
Using D/A Converters
The GAIN ADJUST and OFFSET ADJUST circuits of
DAC716 have been arranged so that these points may be
easily driven by external D/A converters. Refer to
Figure 7. 12-bit D/A converters provide a nominal
OFFSET adjust and GAIN adjust resolution of 25
µV and
15
µV per LSB step, respectively.
Nominal values of GAIN and OFFSET occur when the D/A
converters outputs are at approximately half scale, 0V.
OUTPUT VOLTAGE RANGE CONNECTIONS
The DAC716 output amplifier is connected internally for
10V output range.
DIGITAL INTERFACE
SERIAL INTERFACE
The DAC716 has a serial interface with two data buffers
which can be used for either synchronous or asynchronous
updating of multiple D/A converters. A0 is the enable control
for the Data Input Latch. A1 is the enable for the D/A Latch.
CLK is used to strobe data into the latches enabled by A0 and
A1. A CLR function is also provided and when enabled it sets
both the Data Latch and the D/A Latch to all zeros .
Multiple DAC716s can be connected to the same CLK and
data lines in two ways. The output of the serial loaded data
latch is available as SDO so that any number of DAC716s
can be cascaded on the same input bit stream as shown in
Figure 8 and 9. This configuration allows all D/A converters
to be updated simultaneously and requires a minimum num-
ber of control signal inputs. These configurations do require
16N CLK cycles to load any given D/A converter, where N
is the number of D/A converters.
The DAC716 can also be connected in parallel as shown in
Figure 10. This configuration allows any D/A converter in
the system to be updated in a maximum of 16 CLK cycles.
FIGURE 5. System Ground Considerations for High-Resolution D/A Converters.
R
1
Sense
Output
R
L
R
2
R
3
Alternate Ground
Sense Connection
System Ground
ACOM
DCOM
Bus
Interface
DAC716
Analog
Power
Supply
0.01µF
(1)
0.01µF
To +V
CC
To –V
CC
NOTE: (1) Locate close to DAC716 package.
V
OUT
5k
9.75k
V
REF
V
REF OUT
Offset Adjust
SDI
A
0
A
1
CLR


Numéro de pièce similaire - DAC716UB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC716UB TI1-DAC716UB Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
DAC716UBG4 TI1-DAC716UBG4 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
More results

Description similaire - DAC716UB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Burr-Brown (TI)
DAC714 BURR-BROWN-DAC714 Datasheet
127Kb / 14P
   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Texas Instruments
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
   16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC2814 BURR-BROWN-DAC2814 Datasheet
210Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com