Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC7541A Fiches technique(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce DAC7541A
Description  Low Cost 12-Bit CMOS Four-Quadrant Multiplying DIGITAL-TO-ANALOG CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7541A Fiches technique(HTML) 7 Page - Burr-Brown (TI)

  DAC7541A Datasheet HTML 1Page - Burr-Brown (TI) DAC7541A Datasheet HTML 2Page - Burr-Brown (TI) DAC7541A Datasheet HTML 3Page - Burr-Brown (TI) DAC7541A Datasheet HTML 4Page - Burr-Brown (TI) DAC7541A Datasheet HTML 5Page - Burr-Brown (TI) DAC7541A Datasheet HTML 6Page - Burr-Brown (TI) DAC7541A Datasheet HTML 7Page - Burr-Brown (TI) DAC7541A Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
®
DAC7541A
FIGURE 4. Basic Connection With Op Amp V
OS Adjust: Unipolar (two-quadrant) Multiplying Configuration.
FIGURE 5. Basic Connection With Gain Adjust (allows adjustment up or down).
FIGURE 6. Bipolar Four-Quadrant Multiplier.
16
R
F
DAC7541A
Out
1
C
1
B
1
V
REF
V
OUT
2
1
4
5
6
7
8
9
10
11
12
13
14
B
12
15
3
18
OPA604
17
+15V
Out
2
10k
+V
CC
V
OUT = –VREF
+
+
+ • • • +
B
1
2
(
B
2
4
B
3
8
B
12
4096 )
–10V
≤ V
REF ≤ +10V
4095
4096
0
≤ V
OUT ≤ –
V
REF
Where: B
N = 1 if the BN digital input is HIGH.
B
N = 0 if the BN digital input is LOW.
MSB
Single-Point Ground
16
DAC7541A
B
1
V
REF
2
1
4
5
6
7
8
9
10
11
12
13
14
B
12
15
3
18
OPA604
17
+15V
10k
+V
CC
MSB
R
1
200
R
2
200k
OPA604
or
1/2 OPA2604
V
REF
47
DAC7541A
Bits 1-12
C
1
33pF
+V
DD
4...15
V
OUT
10k
20k
20k
2
1
16
18
17
OPA604
or
1/2 OPA2604
3
5k
V
OUT = +VREF
+
+
+ • • • +
– 1
B
1
1
(
B
2
2
B
3
4
B
12
2048
)
A
1
A
2


Numéro de pièce similaire - DAC7541A

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
DAC7541A BURR-BROWN-DAC7541A Datasheet
154Kb / 10P
   Low Cost 12-Bit CMOS Four-Quadrant Multiplying DIGITAL-TO-ANALOG CONVERTER
DAC7541AJP BURR-BROWN-DAC7541AJP Datasheet
154Kb / 10P
   Low Cost 12-Bit CMOS Four-Quadrant Multiplying DIGITAL-TO-ANALOG CONVERTER
DAC7541AJP-BI BURR-BROWN-DAC7541AJP-BI Datasheet
154Kb / 10P
   Low Cost 12-Bit CMOS Four-Quadrant Multiplying DIGITAL-TO-ANALOG CONVERTER
DAC7541AJPG4 BURR-BROWN-DAC7541AJPG4 Datasheet
154Kb / 10P
   Low Cost 12-Bit CMOS Four-Quadrant Multiplying DIGITAL-TO-ANALOG CONVERTER
DAC7541AJU BURR-BROWN-DAC7541AJU Datasheet
154Kb / 10P
   Low Cost 12-Bit CMOS Four-Quadrant Multiplying DIGITAL-TO-ANALOG CONVERTER
More results

Description similaire - DAC7541A

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
DAC7541A BURR-BROWN-DAC7541A_07 Datasheet
154Kb / 10P
   Low Cost 12-Bit CMOS Four-Quadrant Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8043UG4 TI-DAC8043UG4 Datasheet
264Kb / 11P
[Old version datasheet]   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP7541B EXAR-MP7541B Datasheet
89Kb / 8P
   15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Burr-Brown (TI)
DAC8043 BURR-BROWN-DAC8043 Datasheet
104Kb / 7P
   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Analog Devices
DAC8043FZ AD-DAC8043FZ Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
DAC8043 AD-DAC8043 Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
203Kb / 7P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com