Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUF634T Fiches technique(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No de pièce BUF634T
Description  250mA HIGH-SPEED BUFFER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

BUF634T Fiches technique(HTML) 7 Page - Burr-Brown (TI)

Back Button BUF634T Datasheet HTML 3Page - Burr-Brown (TI) BUF634T Datasheet HTML 4Page - Burr-Brown (TI) BUF634T Datasheet HTML 5Page - Burr-Brown (TI) BUF634T Datasheet HTML 6Page - Burr-Brown (TI) BUF634T Datasheet HTML 7Page - Burr-Brown (TI) BUF634T Datasheet HTML 8Page - Burr-Brown (TI) BUF634T Datasheet HTML 9Page - Burr-Brown (TI) BUF634T Datasheet HTML 10Page - Burr-Brown (TI) BUF634T Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
®
BUF634
7
APPLICATION INFORMATION
Figure 1 is a simplified circuit diagram of the BUF634
showing its open-loop complementary follower design.
FIGURE 2. Buffer Connections.
V–
10µF
10µF
V
O
BUF634
Optional connection for
wide bandwidth — see text.
R
S
3
V+
6
R
L
4
7
1
V
IN
DIP/SO-8
Pinout shown
OUTPUT CURRENT
The BUF634 can deliver up to
±250mA continuous output
current. Internal circuitry limits output current to approxi-
mately
±350mA—see typical performance curve “Short
Circuit Current vs Temperature”. For many applications,
however, the continuous output current will be limited by
thermal effects.
The output voltage swing capability varies with junction
temperature and output current—see typical curves “Output
Voltage Swing vs Output Current.” Although all four pack-
age types are tested for the same output performance using
a high speed test, the higher junction temperatures with the
DIP and SO-8 package types will often provide less output
voltage swing. Junction temperature is reduced in the DDPAK
surface-mount power package because it is soldered directly
to the circuit board. The TO-220 package used with a good
heat sink further reduces junction temperature, allowing
maximum possible output swing.
THERMAL PROTECTION
Power dissipated in the BUF634 will cause the junction
temperature to rise. A thermal protection circuit in the
BUF634 will disable the output when the junction tempera-
ture reaches approximately 175
°C. When the thermal pro-
tection is activated, the output stage is disabled, allowing the
device to cool. Quiescent current is approximately 6mA
during thermal shutdown. When the junction temperature
cools to approximately 165
°C the output circuitry is again
enabled. This can cause the protection circuit to cycle on and
off with a period ranging from a fraction of a second to
several minutes or more, depending on package type, signal,
load and thermal environment.
The thermal protection circuit is designed to prevent damage
during abnormal conditions. Any tendency to activate the
thermal protection circuit during normal operation is a sign
of an inadequate heat sink or excessive power dissipation for
the package type.
TO-220 package provides the best thermal performance.
When the TO-220 is used with a properly sized heat sink,
output is not limited by thermal performance. See Applica-
tion Bulletin AB-037 for details on heat sink calculations.
The DDPAK also has excellent thermal characteristics. Its
mounting tab should be soldered to a circuit board copper
area for good heat dissipation. Figure 3 shows typical
thermal resistance from junction to ambient as a function of
the copper area. The mounting tab of the TO-220 and
DDPAK packages is electrically connected to the V– power
supply.
The DIP and SO-8 surface-mount packages are excellent for
applications requiring high output current with low average
power dissipation. To achieve the best possible thermal
performance with the DIP or SO-8 packages, solder the
device directly to a circuit board. Since much of the heat is
dissipated by conduction through the package pins, sockets
will degrade thermal performance. Use wide circuit board
traces on all the device pins, including pins that are not
connected. With the DIP package, use traces on both sides
of the printed circuit board if possible.
Figure 2 shows the BUF634 connected as an open-loop
buffer. The source impedance and optional input resistor,
RS, influence frequency response—see typical curves. Power
supplies should be bypassed with capacitors connected close
to the device pins. Capacitor values as low as 0.1
µF will
assure stable operation in most applications, but high output
current and fast output slewing can demand large current
transients from the power supplies. Solid tantalum 10
µF
capacitors are recommended.
High frequency open-loop applications may benefit from
special bypassing and layout
considerations—see “High
Frequency Applications” at end of applications discussion.
FIGURE 1. Simplified Circuit Diagram.
200
I
1
(1)
V+
V
O
BW
V–
150
4k
Signal path indicated in bold.
Note: (1) Stage currents are set by I
1.
Thermal
Shutdown
V
IN


Numéro de pièce similaire - BUF634T

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
BUF634T BURR-BROWN-BUF634T Datasheet
248Kb / 12P
   250mA HIGH-SPEED BUFFER
BUF634T BURR-BROWN-BUF634T Datasheet
851Kb / 20P
   250mA HIGH-SPEED BUFFER
BUF634TG3 BURR-BROWN-BUF634TG3 Datasheet
248Kb / 12P
   250mA HIGH-SPEED BUFFER
BUF634TG3 BURR-BROWN-BUF634TG3 Datasheet
851Kb / 20P
   250mA HIGH-SPEED BUFFER
More results

Description similaire - BUF634T

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
BUF634 BURR-BROWN-BUF634_07 Datasheet
248Kb / 12P
   250mA HIGH-SPEED BUFFER
BUF634 BURR-BROWN-BUF634_12 Datasheet
851Kb / 20P
   250mA HIGH-SPEED BUFFER
logo
National Semiconductor ...
LM6121 NSC-LM6121 Datasheet
285Kb / 10P
   High Speed Buffer
logo
Calogic, LLC
CLM6121 CALOGIC-CLM6121 Datasheet
62Kb / 5P
   High Speed Buffer
logo
Texas Instruments
LM6121 TI1-LM6121 Datasheet
322Kb / 13P
[Old version datasheet]   High Speed Buffer
LM6125 TI1-LM6125 Datasheet
306Kb / 11P
[Old version datasheet]   High Speed Buffer
logo
Calogic, LLC
CLM4121 CALOGIC-CLM4121 Datasheet
58Kb / 6P
   High Speed Buffer
CLM6121 CALOGIC-CLM6121_15 Datasheet
82Kb / 6P
   High Speed Buffer
logo
National Semiconductor ...
LM6125 NSC-LM6125 Datasheet
261Kb / 9P
   High Speed Buffer
LM6121 NSC-LM6121_04 Datasheet
328Kb / 11P
   High Speed Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com