Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUF634U Fiches technique(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No de pièce BUF634U
Description  250mA HIGH-SPEED BUFFER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

BUF634U Fiches technique(HTML) 4 Page - Burr-Brown (TI)

  BUF634U Datasheet HTML 1Page - Burr-Brown (TI) BUF634U Datasheet HTML 2Page - Burr-Brown (TI) BUF634U Datasheet HTML 3Page - Burr-Brown (TI) BUF634U Datasheet HTML 4Page - Burr-Brown (TI) BUF634U Datasheet HTML 5Page - Burr-Brown (TI) BUF634U Datasheet HTML 6Page - Burr-Brown (TI) BUF634U Datasheet HTML 7Page - Burr-Brown (TI) BUF634U Datasheet HTML 8Page - Burr-Brown (TI) BUF634U Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
®
BUF634
GAIN and PHASE vs FREQUENCY
vs LOAD CAPACITANCE
Frequency (Hz)
1M
10M
100M
1G
0
–10
–20
–30
–40
–50
C
L = 0
C
L = 50pF
C
L = 200pF
C
L = 1nF
10
5
0
–5
–10
–15
Wide BW Mode
R
L = 100Ω
R
S = 50Ω
V
O = 10mV
GAIN and PHASE vs FREQUENCY
vs LOAD CAPACITANCE
Frequency (Hz)
1M
10M
100M
1G
0
–10
–20
–30
–40
–50
C
L = 0pF
C
L = 50pF
C
L = 200pF
C
L = 1nF
10
5
0
–5
–10
–15
Low I
Q Mode
R
L = 100Ω
R
S = 50Ω
V
O = 10mV
GAIN and PHASE vs FREQUENCY
vs LOAD RESISTANCE
Frequency (Hz)
1M
10M
100M
1G
0
–10
–20
–30
–40
–50
R
L = 1kΩ
R
L = 100Ω
R
L = 50Ω
10
5
0
–5
–10
–15
R
S = 50Ω
V
O = 10mV
Wide BW
Low I
Q
Low I
Q
Wide BW
GAIN and PHASE vs FREQUENCY
vs SOURCE RESISTANCE
Frequency (Hz)
1M
10M
100M
1G
0
–10
–20
–30
–40
–50
R
S = 0Ω
R
S = 50Ω
R
S = 100Ω
10
5
0
–5
–10
–15
Wide BW
Low I
Q
Low I
Q
Wide BW
R
L = 100Ω
V
O = 10mV
GAIN and PHASE vs FREQUENCY
vs TEMPERATURE
Frequency (Hz)
1M
10M
100M
1G
0
–10
–20
–30
–40
–50
T
J = –40°C
T
J = 25°C
T
J = 125°C
10
5
0
–5
–10
–15
Wide BW
Wide BW
Low I
Q
Low I
Q
R
L = 100Ω
R
S = 50Ω
V
O = 10mV
GAIN and PHASE vs FREQUENCY
vs QUIESCENT CURRENT
Frequency (Hz)
1M
10M
100M
1G
0
–10
–20
–30
–40
–50
I
Q = 15mA
I
Q = 9mA
I
Q = 4mA
I
Q = 2.5mA
I
Q = 1.5mA
10
5
0
–5
–10
–15
R
L = 100Ω
R
S = 50Ω
V
O = 10mV
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS = ±15V, unless otherwise noted.


Numéro de pièce similaire - BUF634U

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
BUF634U BURR-BROWN-BUF634U Datasheet
248Kb / 12P
   250mA HIGH-SPEED BUFFER
BUF634U BURR-BROWN-BUF634U Datasheet
851Kb / 20P
   250mA HIGH-SPEED BUFFER
BUF634U-2K5 BURR-BROWN-BUF634U-2K5 Datasheet
851Kb / 20P
   250mA HIGH-SPEED BUFFER
BUF634U-2K5E4 BURR-BROWN-BUF634U-2K5E4 Datasheet
851Kb / 20P
   250mA HIGH-SPEED BUFFER
BUF634U/2K5 BURR-BROWN-BUF634U/2K5 Datasheet
248Kb / 12P
   250mA HIGH-SPEED BUFFER
More results

Description similaire - BUF634U

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
BUF634 BURR-BROWN-BUF634_07 Datasheet
248Kb / 12P
   250mA HIGH-SPEED BUFFER
BUF634 BURR-BROWN-BUF634_12 Datasheet
851Kb / 20P
   250mA HIGH-SPEED BUFFER
logo
National Semiconductor ...
LM6121 NSC-LM6121 Datasheet
285Kb / 10P
   High Speed Buffer
logo
Calogic, LLC
CLM6121 CALOGIC-CLM6121 Datasheet
62Kb / 5P
   High Speed Buffer
logo
Texas Instruments
LM6121 TI1-LM6121 Datasheet
322Kb / 13P
[Old version datasheet]   High Speed Buffer
LM6125 TI1-LM6125 Datasheet
306Kb / 11P
[Old version datasheet]   High Speed Buffer
logo
Calogic, LLC
CLM4121 CALOGIC-CLM4121 Datasheet
58Kb / 6P
   High Speed Buffer
CLM6121 CALOGIC-CLM6121_15 Datasheet
82Kb / 6P
   High Speed Buffer
logo
National Semiconductor ...
LM6125 NSC-LM6125 Datasheet
261Kb / 9P
   High Speed Buffer
LM6121 NSC-LM6121_04 Datasheet
328Kb / 11P
   High Speed Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com