Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AFE1104E Fiches technique(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce AFE1104E
Description  HDSL/MDSL ANALOG FRONT END
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

AFE1104E Fiches technique(HTML) 1 Page - Burr-Brown (TI)

  AFE1104E Datasheet HTML 1Page - Burr-Brown (TI) AFE1104E Datasheet HTML 2Page - Burr-Brown (TI) AFE1104E Datasheet HTML 3Page - Burr-Brown (TI) AFE1104E Datasheet HTML 4Page - Burr-Brown (TI) AFE1104E Datasheet HTML 5Page - Burr-Brown (TI) AFE1104E Datasheet HTML 6Page - Burr-Brown (TI) AFE1104E Datasheet HTML 7Page - Burr-Brown (TI) AFE1104E Datasheet HTML 8Page - Burr-Brown (TI) AFE1104E Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
®
AFE1104
1
AFE1104E
HDSL/MDSL ANALOG FRONT END
FEATURES
q COMPLETE ANALOG INTERFACE
q T1, E1, AND MDSL OPERATION
q CLOCK SCALEABLE SPEED
q SINGLE CHIP SOLUTION
q +5V ONLY (5V OR 3.3V DIGITAL)
q 250mW POWER DISSIPATION
q 48-PIN SSOP
q –40
°C TO +85°C OPERATION
DESCRIPTION
Burr-Brown’s Analog Front End greatly reduces the
size and cost of an HDSL or MDSL system by provid-
ing all of the active analog circuitry needed to connect
PairGain Technologies SPAROW HDSL digital sig-
nal processor to an external compromise hybrid and a
1:2 HDSL line transformer. All internal filter re-
sponses as well as the pulse former output scale with
clock frequency—allowing the AFE1104 to operate
over a range of bit rates from 196kbps to 1.168Mbps.
Functionally, this unit is separated into a transmit and
a receive section. The transmit section generates, fil-
ters, and buffers outgoing 2B1Q data. The receive
section filters and digitizes the symbol data received
on the telephone line and passes it to the SPAROW.
The HDSL Analog Interface is a monolithic device
fabricated on 0.6
µCMOS. It operates on a single +5V
supply. It is housed in a 48-pin SSOP package.
©1996 Burr-Brown Corporation
PDS-1331A
Printed in U.S.A. August, 1996
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
AFE1104
®
Pulse
Former
PLLOUT
PLLIN
txDAT
txCLK
rxGAIN
rxD13 - rxD0
Line
Driver
Voltage
Reference
Delta-Sigma
Modulator
Transmit
Control
rxSYNC
rxCLK
rxLOOP
Receive
Control
Decimation
Filter
14
2
txLINEN
txLINEP
REFP
VCM
REFN
rxLINEP
rxLINEN
rxHYBP
rxHYBN
Patents Pending


Numéro de pièce similaire - AFE1104E

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
AFE1103 BURR-BROWN-AFE1103 Datasheet
204Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1103E BURR-BROWN-AFE1103E Datasheet
204Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1105 BURR-BROWN-AFE1105 Datasheet
206Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1105E BURR-BROWN-AFE1105E Datasheet
206Kb / 10P
   HDSL/MDSL ANALOG FRONT END
More results

Description similaire - AFE1104E

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
AFE1144 BURR-BROWN-AFE1144 Datasheet
114Kb / 11P
   HDSL/MDSL ANALOG FRONT END
AFE1103 BURR-BROWN-AFE1103 Datasheet
204Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1105 BURR-BROWN-AFE1105 Datasheet
206Kb / 10P
   HDSL/MDSL ANALOG FRONT END
logo
Texas Instruments
AFE1124 TI1-AFE1124 Datasheet
884Kb / 17P
[Old version datasheet]   HDSL/MDSL ANALOG FRONT END
logo
Burr-Brown (TI)
AFE1124 BURR-BROWN-AFE1124 Datasheet
160Kb / 11P
   HDSL/MDSL ANALOG FRONT END
AFE1115 BURR-BROWN-AFE1115 Datasheet
219Kb / 12P
   HDSL/MDSL ANALOG FRONT END WITH VCXO
logo
Texas Instruments
AFE1115 TI1-AFE1115 Datasheet
183Kb / 14P
[Old version datasheet]   HDSL/MDSL ANALOG FRONT END WITH VCXO
AFE2124 TI1-AFE2124 Datasheet
178Kb / 14P
[Old version datasheet]   Dual HDSL/SDSL ANALOG FRONT END
logo
Burr-Brown (TI)
AFE2126 BURR-BROWN-AFE2126 Datasheet
148Kb / 11P
   Dual HDSL/SDSL ANALOG FRONT END
AFE2124 BURR-BROWN-AFE2124 Datasheet
187Kb / 11P
   Dual HDSL/SDSL ANALOG FRONT END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com