Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADS7870 Fiches technique(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No de pièce ADS7870
Description  12-Bit ADC, MUX, PGA and Internal Reference DATA ACQUISITION SYSTEM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7870 Fiches technique(HTML) 2 Page - Burr-Brown (TI)

  ADS7870 Datasheet HTML 1Page - Burr-Brown (TI) ADS7870 Datasheet HTML 2Page - Burr-Brown (TI) ADS7870 Datasheet HTML 3Page - Burr-Brown (TI) ADS7870 Datasheet HTML 4Page - Burr-Brown (TI) ADS7870 Datasheet HTML 5Page - Burr-Brown (TI) ADS7870 Datasheet HTML 6Page - Burr-Brown (TI) ADS7870 Datasheet HTML 7Page - Burr-Brown (TI) ADS7870 Datasheet HTML 8Page - Burr-Brown (TI) ADS7870 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2
®
ADS7870
ADS7870EA
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG INPUT CHARACTERISTICS
Input Voltage Range (LNx inputs)
Linear Operation
–0.2
VDD + 0.2
V
Input Capacitance(2)
4 to 9.7
pF
Input Impedance(2)
Common-Mode
6M
Differential
7M
Channel-to-Channel Crosstalk
VIN = 2Vp-p, 60Hz(3)
100
dB
Multiplexer Leakage Current
100
pA
STATIC ACCURACY
Resolution
12
Bits
No Missing Codes
G = 1 to 20V/V
12
Bits
Integral Linearity Error
G = 1 to 20V/V
±1
±2.5
LSB
Differential Linearity Error
G = 1 to 20V/V
±0.5
LSB
Offset Error
G = 1 to 20V/V
±1
±6
LSB
Full Scale (Gain) Error
Ratiometric Configuration or External Ref(4)
G = 1 to 10V/V
±0.2
%FSR
G = 16 and 20V/V
±0.25
%FSR
Internal Reference
G = 1 to 10V/V
±0.35
%FSR
G = 16 and 20V/V
±0.4
%FSR
DC Common-Mode Rejection, RTI
VIN = –0.2V to 5.2V, G = 20 V/V
92
dB
Power Supply Rejection, RTI
VDD = 5V ±10%, G = 20 V/V
86
dB
DYNAMIC CHARACTERISTICS
Throughput Rate, Continuous Mode
One Channel
52
ksamp/s
Address Mode
Different Channels
52
ksamp/s
External Clock, CCLK(5)
0.100
20
MHz
Internal Oscillator Frequency
2.5
MHz
Serial Interface Clock (SCLK)
20
MHz
Data Set-Up Time
10
ns
Data Hold Time
10
ns
DIGITAL INPUTS
Logic Levels
Low Level Input Voltage, VIL
0.8
V
High Level Input Voltage, VIH
VDD ≤ 3.6V
2
V
VDD > 3.6V
3
V
Low Level Input Current, IIL
1
µA
High Level Input Current, IIH
1
µA
DIGITAL OUTPUTS
Data Coding
Binary Two’s Complement
VOL
ISINK = 5mA
0.4
V
ISINK = 16mA
0.8
V
VOH
ISOURCE = 0.5mA
VDD – 0.4
V
ISOURCE = 5mA
4.6
V
ISOURCE = 5mA, DOUT pin
High-Z State, VOUT = 0V to VDD
1
µA
Output Capacitance
5pF
VOLTAGE REFERENCE
BUFIN
Input Voltage Range
Input to Buffer Amplifier
0.9
VDD – 0.2
V
Input Impedance
1012 || 3
Ω || pF
BUFOUT/REFIN(6), (7)
Output Voltage Accuracy
VREF = 2.048V and 2.5V
±0.05%
±0.25
%
vs Temperature
TA= –40°C to 85°C
10
50
ppm/
°C
Bandgap Voltage Reference
1.15
V
Short-Circuit Current
20
mA
POWER SUPPLY REQUIREMENTS
Specified Voltage Range, VDD
5V
Operating Voltage Range
2.7
5.5
V
Power Supply Current(6)
1kHz Sample Rate
REF and BUF On, Internal Oscillator on
0.450
mA
50kHz Sample Rate
REF and BUF On, External CCLK
1.2
1.7
mA
Power Down
REF and BUF Off
1
µA
Power Dissipation(6)
1kHz Sample Rate
REF and BUF On, Internal Oscillator on
2.25
mW
50kHz Sample Rate
REF and BUF On, External CCLK
6
8.5
mW
Power Down
REF and BUF Off
5
µW
TEMPERATURE RANGE
Specified Range
–40
+85
°C
Operating Range
–55
+125
°C
Storage Range
–65
+150
°C
Thermal Resistance,
θ
JA
150
°C/W
SPECIFICATIONS FOR THE TOTAL SYSTEM(1)
(See next section for specifications for each function in the ADS7870)
At TA = +25°C, VDD = +5.0V, VREF = 2.5V connected to BUFIN (using internal reference), 2.5MHz CCLK and 2.5MHz SCLK, unless otherwise noted.


Numéro de pièce similaire - ADS7870

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADS7870 TI1-ADS7870 Datasheet
494Kb / 43P
[Old version datasheet]   12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7870 TI1-ADS7870 Datasheet
887Kb / 45P
[Old version datasheet]   12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7870EA TI1-ADS7870EA Datasheet
494Kb / 43P
[Old version datasheet]   12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7870EA TI1-ADS7870EA Datasheet
887Kb / 45P
[Old version datasheet]   12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7870EA/1K TI1-ADS7870EA/1K Datasheet
494Kb / 43P
[Old version datasheet]   12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
More results

Description similaire - ADS7870

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADS7870 TI1-ADS7870 Datasheet
494Kb / 43P
[Old version datasheet]   12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7870 TI1-ADS7870_14 Datasheet
887Kb / 45P
[Old version datasheet]   12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7871 TI-ADS7871 Datasheet
431Kb / 42P
[Old version datasheet]   14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7871 TI1-ADS7871 Datasheet
564Kb / 44P
[Old version datasheet]   14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
logo
Texas Instruments
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
logo
Sipex Corporation
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
   Monolithic, 12-Bit Data Acquisition System
SP8480 SIPEX-SP8480 Datasheet
246Kb / 12P
   Monolithic, 12-Bit Data Acquisition System
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
logo
Linear Technology
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
   Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com