Moteur de recherche de fiches techniques de composants électroniques |
|
74HCT4051DB Fiches technique(PDF) 11 Page - NXP Semiconductors |
|
74HCT4051DB Fiches technique(HTML) 11 Page - NXP Semiconductors |
11 / 31 page 74HC_HCT4051 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 7 — 19 July 2012 11 of 31 NXP Semiconductors 74HC4051; 74HCT4051 8-channel analog multiplexer/demultiplexer II input leakage current VEE = 0 V; VI =VCC or GND VCC = 6.0 V - - 1.0 A VCC = 10.0 V - - 2.0 A IS(OFF) OFF-state leakage current VCC = 10.0 V; VEE = 0 V; VI =VIH or VIL; V SW =VCC VEE; see Figure 11 per channel - - 1.0 A all channels - - 4.0 A IS(ON) ON-state leakage current VI =VIH or VIL; VSW =VCC VEE; VCC = 10.0 V; VEE = 0 V; see Figure 12 -- 4.0 A ICC supply current VEE = 0 V; VI =VCC or GND; Vis =VEE or VCC; Vos =VCC or VEE VCC = 6.0 V - - 160.0 A VCC = 10.0 V - - 320.0 A Table 7. Static characteristics for 74HC4051 …continued Voltages are referenced to GND (ground = 0 V). Vis is the input voltage at pins Yn or Z, whichever is assigned as an input. Vos is the output voltage at pins Z or Yn, whichever is assigned as an output. Symbol Parameter Conditions Min Typ Max Unit Table 8. Static characteristics for 74HCT4051 Voltages are referenced to GND (ground = 0 V). Vis is the input voltage at pins Yn or Z, whichever is assigned as an input. Vos is the output voltage at pins Z or Yn, whichever is assigned as an output. Symbol Parameter Conditions Min Typ Max Unit Tamb =25 C VIH HIGH-level input voltage VCC = 4.5 V to 5.5 V 2.0 1.6 - V VIL LOW-level input voltage VCC = 4.5 V to 5.5 V - 1.2 0.8 V II input leakage current VI =VCC or GND; VCC = 5.5 V; VEE = 0 V - - 0.1 A IS(OFF) OFF-state leakage current VCC = 10.0 V; VEE = 0 V; VI =VIH or VIL; V SW =VCC VEE; see Figure 11 per channel - - 0.1 A all channels - - 0.4 A IS(ON) ON-state leakage current VCC = 10.0 V; VEE = 0 V; VI =VIH or VIL; V SW =VCC VEE; see Figure 12 -- 0.4 A ICC supply current VI =VCC or GND; Vis =VEE or VCC; Vos =VCC or VEE VCC = 5.5 V; VEE = 0 V - - 8.0 A VCC = 5.0 V; VEE = 5.0 V - - 16.0 A I CC additional supply current per input; VI =VCC 2.1 V; other inputs at VCC or GND; VCC = 4.5 V to 5.5 V; VEE = 0 V - 50 180 A CI input capacitance - 3.5 - pF Csw switch capacitance independent pins Yn - 5 - pF common pins Z - 25 - pF |
Numéro de pièce similaire - 74HCT4051DB |
|
Description similaire - 74HCT4051DB |