Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC4468MOE Fiches technique(PDF) 11 Page - Microchip Technology

No de pièce TC4468MOE
Description  Logic-Input CMOS Quad Drivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4468MOE Fiches technique(HTML) 11 Page - Microchip Technology

Back Button TC4468MOE Datasheet HTML 7Page - Microchip Technology TC4468MOE Datasheet HTML 8Page - Microchip Technology TC4468MOE Datasheet HTML 9Page - Microchip Technology TC4468MOE Datasheet HTML 10Page - Microchip Technology TC4468MOE Datasheet HTML 11Page - Microchip Technology TC4468MOE Datasheet HTML 12Page - Microchip Technology TC4468MOE Datasheet HTML 13Page - Microchip Technology TC4468MOE Datasheet HTML 14Page - Microchip Technology TC4468MOE Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
 2002 Microchip Technology Inc.
DS21425B-page 11
TC4467/TC4468/TC4469
5.0
APPLICATIONS INFORMATION
FIGURE 5-1:
Stepper Motor Drive.
FIGURE 5-2:
Quad Driver For H-bridge Motor Control.
+12 V
14
TC4469
13
12
11
10
7
9
8
6
5
4
3
2
1
Red
Gray
Yel
Blk
Motor
B
A
Airpax
#M82102-P2
7.5/Step
5
13
+5 V to +15 V
14
TC4469
Direction
PWM Speed
18 V
Fwd
13
12
11
10
7
9
8
6
5
4
3
2
1
Rev
Motor
M


Numéro de pièce similaire - TC4468MOE

FabricantNo de pièceFiches techniqueDescription
logo
TelCom Semiconductor, I...
TC4468MJD TELCOM-TC4468MJD Datasheet
120Kb / 9P
   LOGIC-INPUT CMOS QUAD DRIVERS
More results

Description similaire - TC4468MOE

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC4468EOE MICROCHIP-TC4468EOE Datasheet
491Kb / 22P
   Logic-Input CMOS Quad Drivers
05/16/02
TC4467 MICROCHIP-TC4467 Datasheet
475Kb / 22P
   Logic-Input CMOS Quad Drivers
2002
TC4467 MICROCHIP-TC4467_13 Datasheet
393Kb / 22P
   Logic-Input CMOS Quad Drivers
11/27/12
logo
TelCom Semiconductor, I...
TC4467 TELCOM-TC4467 Datasheet
120Kb / 9P
   LOGIC-INPUT CMOS QUAD DRIVERS
logo
Microchip Technology
TC4469COE713 MICROCHIP-TC4469COE713 Datasheet
391Kb / 22P
   Logic-Input CMOS Quad Drivers
05/16/02
logo
Texas Instruments
CD54HC157 TI1-CD54HC157_15 Datasheet
457Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input Multiplexers
CD74HC157 TI-CD74HC157 Datasheet
39Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input Multiplexers
CD54HC157 TI-CD54HC157_08 Datasheet
462Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input Multiplexers
CD54HC157 TI-CD54HC157 Datasheet
275Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input Multiplexers
logo
Harris Corporation
74HC158 HARRIS-74HC158 Datasheet
24Kb / 6P
   High Speed CMOS Logic Quad 2-Input Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com