Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KSD-T0O020-005 Fiches technique(PDF) 2 Page - KODENSHI_AUK CORP.

No de pièce KSD-T0O020-005
Description  SWITCHING REGULATOR APPLICATIONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KODENSHI [KODENSHI_AUK CORP.]
Site Internet  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KSD-T0O020-005 Fiches technique(HTML) 2 Page - KODENSHI_AUK CORP.

  KSD-T0O020-005 Datasheet HTML 1Page - KODENSHI_AUK CORP. KSD-T0O020-005 Datasheet HTML 2Page - KODENSHI_AUK CORP. KSD-T0O020-005 Datasheet HTML 3Page - KODENSHI_AUK CORP. KSD-T0O020-005 Datasheet HTML 4Page - KODENSHI_AUK CORP. KSD-T0O020-005 Datasheet HTML 5Page - KODENSHI_AUK CORP. KSD-T0O020-005 Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KSD-T0O020-005
2
STD13005F
Electrical Characteristics
(Tc=25℃)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Emitter sustaining voltage
VCE(sus)
IC=10mA, IB=0
400
-
-
V
Collector cut-off current
ICEV
VCEV=Rated Value
VBE(off)=1.5V
-
-
1
mA
Emitter cut-off current
IEBO
VEB=9V, IC=0
-
-
1
mA
DC Current gain
hFE*
IC=1A, VCE=5V
15
-
40
IC=2A, VCE=5V
8
-
40
Collector-Emitter saturation voltage
VCE(sat)*
IC=1A, IB=0.2A
-
-
0.5
V
IC=2A, IB=0.5A
-
-
0.6
IC=4A, IB=1A
-
-
1
Base-Emitter saturation voltage
VBE(sat)*
IC=1A, IB=0.2A
-
-
1.2
V
IC=2A, IB=0.5A
-
-
1.6
Transition frequency
fT
VCB=10V, IC=0.5A, f=1MHz
-
4
-
MHz
Output capacitance
Cob
VCB=10V, IE=0, f=0.1MHz
-
65
-
pF
Turn on Time
tON
VCC=125V,IC=2A, RL=62.5Ω
IB1=-IB2=0.4A
-
0.8
-
Storage Time
tSTG
-
4
-
Fall Time
tF
-
0.9
-
* Pulse test: PW≤300 ㎲, Duty cycle≤2% Pulse
hFE rank / A : 15~30, B : 25~40


Numéro de pièce similaire - KSD-T0O020-005

FabricantNo de pièceFiches techniqueDescription
logo
KODENSHI_AUK CORP.
KSD-T0O064-001 KODENSHI-KSD-T0O064-001 Datasheet
269Kb / 5P
   Low saturation switching application
More results

Description similaire - KSD-T0O020-005

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Sanyo Semicon Device
2SC3184 SANYO-2SC3184 Datasheet
92Kb / 3P
   Switching Regulator Applications
2SC3450 SANYO-2SC3450 Datasheet
91Kb / 3P
   Switching Regulator Applications
2SC3994 SANYO-2SC3994 Datasheet
95Kb / 3P
   Switching Regulator Applications
logo
Toshiba Semiconductor
TK12A60D TOSHIBA-TK12A60D Datasheet
192Kb / 6P
   Switching Regulator Applications
TK13A50D TOSHIBA-TK13A50D Datasheet
191Kb / 6P
   Switching Regulator Applications
TK14A55D TOSHIBA-TK14A55D Datasheet
186Kb / 6P
   Switching Regulator Applications
TK15X60U TOSHIBA-TK15X60U Datasheet
201Kb / 6P
   Switching Regulator Applications
TK18A50D TOSHIBA-TK18A50D Datasheet
205Kb / 6P
   Switching Regulator Applications
TK4A55D TOSHIBA-TK4A55D Datasheet
196Kb / 6P
   Switching Regulator Applications
TK3A60DA TOSHIBA-TK3A60DA Datasheet
203Kb / 6P
   Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com