Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA1450A Fiches technique(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA1450A
Description  SAW Filter 184 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1450A Fiches technique(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1450A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1450A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1450A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1450A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1450A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1450A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1450A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 184 MHz
MODEL NO.:TA1450A
REV. NO.:1
A. MAXIMUM RATING:
1. Input Power Level: 22 dBm
2. DC Voltage : 5V
3. Operating Temperature: -40°C to +85°C
Electrostatic Sensitive Device (ESD)
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Terminating source impedance (single ended) :
Zs = 50 Ω
Terminating load impedance (single ended) :
ZL = 50 Ω
Item
Unit
Min.
Typ.
Max.
Note
Center Frequency
Fc
MHz
-
184
-
-
Min. Insertion Loss
ILmin
dB
-
1.6
2.8
-
Bandwidth@-1dB
MHz
4
7
-
-
Bandwidth@-3dB
MHz
6
9.6
-
-
Bandwidth@-20dB
MHz
-
13
24
-
Attenuation (reference level from 0 dB)
Fc – 50 ~ Fc – 30
MHz
dB
42
55
-
-
Fc – 30 ~ Fc – 15
MHz
dB
36
53
-
-
Fc + 30 ~ Fc + 50
MHz
dB
42
50
-
-
Temperature Coefficient of Frequency
ppm/℃
-
-36
-
-
Note: ILmin is the minimum of the pass band attenuation. The center frequency Fc is the mean value of
the upper and lower frequencies at the 3dB filter attenuation level relative to the ILmin.
RoHS Compliant
Lead free
Lead-free soldering


Numéro de pièce similaire - TA1450A

FabricantNo de pièceFiches techniqueDescription
logo
Golledge Electronics Lt...
TA1450A GOLLEDGE-TA1450A Datasheet
154Kb / 5P
   SAW Filter 184.0MHz
More results

Description similaire - TA1450A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0461A TAI-SAW-TA0461A_11 Datasheet
511Kb / 7P
   SAW Filter 184 MHz
logo
KR Electronics, Inc.
3067 KR-3067 Datasheet
101Kb / 3P
   184 MHz Bandpass Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com