Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S Fiches technique(PDF) 2 Page - MMD Components

No de pièce S
Description  Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MMD [MMD Components]
Site Internet  http://www.mmdcomp.com
Logo MMD - MMD Components

S Fiches technique(HTML) 2 Page - MMD Components

  S_12 Datasheet HTML 1Page - MMD Components S_12 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Revision:
05/29/12 J
Specifications are subject to change without notice.
Pg 2 of 2
Part Number Guide
Mechanical Details
ESR Chart
Frequency Range
ESR (Ohms)
Mode / Cut
12.000MHz to 15.999MHz
80 Max
Fund / AT
16.000MHz to 29.999MHz
60 Max
Fund / AT
30.000MHz to 50.000MHz
40 Max
Fund / AT
Frequency
Packaging
Blank = Bulk
T = Tape and Reel
4mm x 2.5mm
4 pads
Load Capacitance
XX = XXpF (9pF to 50pF)
Temperature
Tolerance/Stability
B = ±30 ppm / ±50 ppm
F = ±30 ppm / ±30 ppm
G = ±10 ppm / ±30 ppm
N = ±10 ppm / ±10 ppm
Mode of Operation
1 = Fundamental
Please Consult with MMD Sales Deparment for any other Parameters or Options
F = -30°C to +85°c
1
S
Operating Temperature
B = -20°C to +70°c
A = 0°C to +70°c
C = -40°C to +85°c
D = -10°C to +60°c
E = -10°C to +70°c
4.20 [.165]
MAX
2.70 [.106]
MAX
0.75 [.030]
MAX
0.90 [.035]
1.00 [.039]
3.00 [.118]
1.40 [.055]
3.00 [.118]
1.60 [.063]
1.20 [.047]
1.40 [.055]
DIMENSION IN BRACKETS ARE IN INCHES
SUGGESTED
LAND PATTERN
MXX.X
SYM
PIN CONNECTIONS
PIN 1
PIN 2
PIN 3
PIN 4
CRYSTAL
CRYSTAL
NO CONNECTION
NO CONNECTION
1
2
3
4
Tape & Reel
PITCH
PITCH
8.00 [.315]
TAPE WIDTH
12.00 [.472]
DIRECTION OF FEED
180[7 IN]
REEL DIA
NOTES: UNLESS OTHERWISE SPECIFIED
1. Applicable Standards / Specifications
ANSI Y14.5M, Dimensions and Tolerances
EIA-481-B, 8 mm through 200mm Embossed Carrier Taping and 8 mm and 12 mm
Punched Carrier Taping of Surface Mount Components for Automatic Handling.
2. Dimensions are in millimeters.
3. Tolerances are ±0.10 [.004] mm unless otherwise specified.
4. Do not scale drawing.
REEL DIA
Q1 Q2
Q3 Q4
Q1 Q2
Q4
Q3
TAPE WIDTH
1000
QTY PER REEL
PIN 1 ORIENT.
Q1


Numéro de pièce similaire - S_12

FabricantNo de pièceFiches techniqueDescription
logo
Cooper Bussmann, Inc.
S-12 COOPER-S-12 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element
logo
Eaton All Rights Reserv...
S-12 EATON-S-12 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element, time-delay 125 volt, up to 30 amps
logo
Seiko Instruments Inc
S-1200 SII-S-1200 Datasheet
479Kb / 31P
   HIGH RIPPLE-REJECTION LOW DROPOUT LOW INPUT-AND-OUTPUT CAPACITANCE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1200 ABLIC-S-1200 Datasheet
629Kb / 37P
   HIGH RIPPLE-REJECTION LOW DROPOUT LOW INPUT-AND-OUTPUT CAPACITANCE CMOS VOLTAGE REGULATOR
Rev.5.1_02
logo
Seiko Instruments Inc
S-1200B15-A6T1U SII-S-1200B15-A6T1U Datasheet
1Mb / 37P
   HIGH RIPPLE-REJECTION LOW DROPOUT LOW INPUT-AND-OUTPUT CAPACITANCE CMOS VOLTAGE REGULATOR
More results

Description similaire - S_12

FabricantNo de pièceFiches techniqueDescription
logo
Abracon Corporation
AXS-3838-08-01 ABRACON-AXS-3838-08-01 Datasheet
425Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-4115-02-06 ABRACON-AXS-4115-02-06 Datasheet
402Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-3215-02-01 ABRACON-AXS-3215-02-01 Datasheet
402Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-3030-06-03 ABRACON-AXS-3030-06-03 Datasheet
402Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
logo
Ecliptek Corporation
EC26T ECLIPTEK-EC26T Datasheet
103Kb / 3P
   CRYSTAL
ECPSM310T ECLIPTEK-ECPSM310T Datasheet
150Kb / 3P
   CRYSTAL
ECPSM29T ECLIPTEK-ECPSM29T Datasheet
151Kb / 3P
   CRYSTAL
ECCM5B ECLIPTEK-ECCM5B Datasheet
196Kb / 3P
   CRYSTAL
ECAT-20 ECLIPTEK-ECAT-20 Datasheet
109Kb / 3P
   CRYSTAL
E8WS ECLIPTEK-E8WS Datasheet
108Kb / 2P
   CRYSTAL
E7WS ECLIPTEK-E7WS Datasheet
165Kb / 3P
   CRYSTAL
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com