Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA0508KRNPO9BB473 Fiches technique(PDF) 11 Page - YAGEO Corporation

No de pièce CA0508KRNPO9BB473
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YAGEO [YAGEO Corporation]
Site Internet  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CA0508KRNPO9BB473 Fiches technique(HTML) 11 Page - YAGEO Corporation

Back Button CA0508KRNPO9BB473 Datasheet HTML 7Page - YAGEO Corporation CA0508KRNPO9BB473 Datasheet HTML 8Page - YAGEO Corporation CA0508KRNPO9BB473 Datasheet HTML 9Page - YAGEO Corporation CA0508KRNPO9BB473 Datasheet HTML 10Page - YAGEO Corporation CA0508KRNPO9BB473 Datasheet HTML 11Page - YAGEO Corporation CA0508KRNPO9BB473 Datasheet HTML 12Page - YAGEO Corporation CA0508KRNPO9BB473 Datasheet HTML 13Page - YAGEO Corporation CA0508KRNPO9BB473 Datasheet HTML 14Page - YAGEO Corporation CA0508KRNPO9BB473 Datasheet HTML 15Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
www.yageo.com
Feb 05, 2010 V.1
Surface-Mount Ceramic Multilayer Capacitors
11
17
Product specification
4C-Array
NP0/X7R/Y5V
16 V to 50 V
handbook, halfpage
−60
600
400
200
0
−20
140
CCB559
20
60
100
tan
δ
(
× 10−4)
T (
°C)
1
2
3
Fig. 10 Typical tan δ as a function of temperature
handbook, halfpage
0
0
−20
−40
−60
20
40
60
CCB558
ΔC
C
(%)
VDC (V)
12
3
Fig. 9
Typical capacitance change with respect to the
capacitance at 1 V as a function of DC voltage
at 25 °C
X7R 0612 16 V to 50 V
15
5
−15
YNM0013
−25
−55
5
40
95
65
125
T (oC)
10
−10
ΔC
C
(%)
−5
0
Fig. 11 Typical capacitance change as a function of
temperature
Curve 1 = 16 V product
Curve 2 = 25 V product
Curve 3 = 50 V product
Curve 1 = 16 V product
Curve 2 = 25 V product
Curve 3 = 50 V product


Numéro de pièce similaire - CA0508KRNPO9BB473

FabricantNo de pièceFiches techniqueDescription
logo
YAGEO Corporation
CA0508KRNPO9BB121 YAGEO-CA0508KRNPO9BB121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Description similaire - CA0508KRNPO9BB473

FabricantNo de pièceFiches techniqueDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com