Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA0612KRY5V7BB473 Fiches technique(PDF) 6 Page - YAGEO Corporation

No de pièce CA0612KRY5V7BB473
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YAGEO [YAGEO Corporation]
Site Internet  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CA0612KRY5V7BB473 Fiches technique(HTML) 6 Page - YAGEO Corporation

Back Button CA0612KRY5V7BB473 Datasheet HTML 2Page - YAGEO Corporation CA0612KRY5V7BB473 Datasheet HTML 3Page - YAGEO Corporation CA0612KRY5V7BB473 Datasheet HTML 4Page - YAGEO Corporation CA0612KRY5V7BB473 Datasheet HTML 5Page - YAGEO Corporation CA0612KRY5V7BB473 Datasheet HTML 6Page - YAGEO Corporation CA0612KRY5V7BB473 Datasheet HTML 7Page - YAGEO Corporation CA0612KRY5V7BB473 Datasheet HTML 8Page - YAGEO Corporation CA0612KRY5V7BB473 Datasheet HTML 9Page - YAGEO Corporation CA0612KRY5V7BB473 Datasheet HTML 10Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
www.yageo.com
Feb 05, 2010 V.1
Surface-Mount Ceramic Multilayer Capacitors
6
17
Product specification
4C-Array
NP0/X7R/Y5V
16 V to 50 V
CAPACITANCE RANGE & THICKNESS FOR 4C-ARRAY
Table 3 Temperature characteristic material from X7R
CAPACITANCE
0508 (4 x 0402)
0612 (4 x 0603)
Last 2-digit of
12NC
16 V
16 V
25 V
50 V
180 pF
13
220 pF
14
270 pF
15
330 pF
16
390 pF
17
470 pF
18
560 pF
19
680 pF
21
820 pF
22
1.0 nF
23
1.2 nF
24
1.5 nF
25
1.8 nF
26
2.2 nF
27
2.7 nF
28
3.3 nF
29
3.9 nF
31
4.7 nF
32
5.6 nF
33
6.8 nF
34
8.2 nF
35
10 nF
36
0.6±0.1
0.8±0.1
12 nF
37
15 nF
38
18 nF
39
22 nF
41
27 nF
42
33 nF
43
47 nF
45
0.8±0.1
56 nF
46
68 nF
47
82 nF
48
100 nF
49
0.8±0.1
NOTE
Values in shaded cells indicate thickness class in mm


Numéro de pièce similaire - CA0612KRY5V7BB473

FabricantNo de pièceFiches techniqueDescription
logo
YAGEO Corporation
CA0612KRY5V7BB121 YAGEO-CA0612KRY5V7BB121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Description similaire - CA0612KRY5V7BB473

FabricantNo de pièceFiches techniqueDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com