Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMZ30602 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce LMZ30602
Description  2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ30602 Fiches technique(HTML) 3 Page - Texas Instruments

  LMZ30602 Datasheet HTML 1Page - Texas Instruments LMZ30602 Datasheet HTML 2Page - Texas Instruments LMZ30602 Datasheet HTML 3Page - Texas Instruments LMZ30602 Datasheet HTML 4Page - Texas Instruments LMZ30602 Datasheet HTML 5Page - Texas Instruments LMZ30602 Datasheet HTML 6Page - Texas Instruments LMZ30602 Datasheet HTML 7Page - Texas Instruments LMZ30602 Datasheet HTML 8Page - Texas Instruments LMZ30602 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LMZ30602
www.ti.com
SNVS997 – JULY 2013
ELECTRICAL CHARACTERISTICS
Over -40°C to 85°C free-air temperature, VIN = 3.3 V, VOUT = 1.8 V, IOUT = 2A,
CIN1 = 47 µF ceramic, CIN2 = 220 µF poly-tantalum, COUT1 = 47 µF ceramic, COUT2 = 100 µF poly-tantalum (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT
Output current
TA = 85°C, natural convection
0
2
A
VIN
Input voltage range
Over IOUT range
2.95(1)
6
V
VIN = increasing
3.05
3.135
UVLO
VIN Undervoltage lockout
V
VIN = decreasing
2.5
2.75
VOUT(adj)
Output voltage adjust range
Over IOUT range
0.8
3.6
V
Set-point voltage tolerance
TA = 25°C, IOUT = 0A
±1.0% (2)
Temperature variation
-40°C
≤ TA ≤ +85°C, IOUT = 0A
±0.3%
VOUT
Line regulation
Over VIN range, TA = 25°C, IOUT = 0A
±0.1%
Load regulation
Over IOUT range, TA = 25°C
±0.1%
Total output voltage variation
Includes set-point, line, load, and temperature variation
±1.5% (2)
VOUT = 3.3V, fSW = 1.5 MHz
95%
VOUT = 2.5V, fSW = 1.5 MHz
93%
VOUT = 1.8V, fSW = 1 MHz
92%
VIN = 5 V
VOUT = 1.5V, fSW = 1 MHz
91%
IO = 1 A
VOUT = 1.2V, fSW =750 kHz
90%
VOUT = 1.0V, fSW = 650 kHz
88%
η
Efficiency
VOUT = 0.8V, fSW = 650 kHz
87%
VIN = 3.3V
VOUT = 1.8V, fSW = 1 MHz
93%
IO = 1 A
VOUT = 1.5V, fSW = 1 MHz
92%
VOUT = 1.2V, fSW = 750 kHz
91%
VOUT = 1.0V, fSW = 650 kHz
89%
VOUT = 0.8V, fSW = 650 kHz
87%
Output voltage ripple
20 MHz bandwith
9
mVPP
ILIM
Overcurrent threshold
3.5
A
Recovery time
80
µs
Transient response
1.0 A/µs load step from 0.5A to 1.5A
VOUT
45
mV
over/undershoot
VINH-H
Inhibit High Voltage
1.25
Open (3)
Inhibit Control
V
VINH-L
Inhibit Low Voltage
–0.3
1.0
II(stby)
Input standby current
INH pin to AGND
70
100
µA
Good
93%
VOUT rising
Fault
107%
PWRGD Thresholds
Power
Fault
91%
Good
VOUT falling
Good
105%
PWRGD Low Voltage
I(PWRGD) = 0.33 mA
0.3
V
fSW
Switching frequency
Over VIN and IOUT ranges, RT/CLK pin OPEN
400
500
600
kHz
fCLK
Synchronization frequency
500
2000
kHz
VCLK-H
CLK High-Level Threshold
2.2
3.3
V
CLK Control
VCLK-L
CLK Low-Level Threshold
-0.3
0.4
V
CLK_PW CLK Pulse Width
75(4)
ns
Thermal shutdown
175
°C
Thermal Shutdown
Thermal shutdown hysteresis
15
°C
(1)
The minimum VIN depends on VOUT and the switching frequency. Please refer to Table 7 for operating limits.
(2)
The stated limit of the set-point voltage tolerance includes the tolerance of both the internal voltage reference and the internal
adjustment resistor. The overall output voltage tolerance will be affected by the tolerance of the external RSET resistor.
(3)
This control pin has an internal pullup. Do not place an external pull-up resistor on this pin. If this pin is left open circuit, the device
operates when input power is applied. A small low-leakage MOSFET is recommended for control. See the application section for further
guidance.
(4)
The maximum synchronization clock pulse width is dependant on VIN, VOUT, and the synchronization frequency. See the
Synchronization (CLK) section for more information.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMZ30602


Numéro de pièce similaire - LMZ30602

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMZ30602 TI-LMZ30602 Datasheet
1Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI-LMZ30602 Datasheet
363Kb / 16P
[Old version datasheet]   LMZ30604EVM-001 2-A to 6-A Simple Switcher Power Module
LMZ30602EVM-002 TI-LMZ30602EVM-002 Datasheet
363Kb / 16P
[Old version datasheet]   LMZ30604EVM-001 2-A to 6-A Simple Switcher Power Module
LMZ30602RKGR TI-LMZ30602RKGR Datasheet
1Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602RKGT TI-LMZ30602RKGT Datasheet
1Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
More results

Description similaire - LMZ30602

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMZ30602 TI-LMZ30602 Datasheet
1Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
841Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI-LMZ30602_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI-LMZ30604_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI-LMZ30606_15 Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com